Part Number Hot Search : 
1040CT CM800 K538YH3 TDA750 STW5098T 100M1 HT46R 80020
Product Description
Full Text Search
 

To Download SD034G-034-00002H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .315 8.00 .299 7.59 .510 12.95 1.131 28.73 .024 .61 ~.059[1.60] mounting panel .430 10.92 5/16-32unef-2a .437 hex. catalog p/n: 034g-034-00002h notes: unless otherwise specified 1. material specifications: body, nut, bkhd bushing: brass per astm b16 contact: beryllium copper per astm b196 insulator: teflon per astm d1710 ce insulator: ultem1000 lockwasher: phosphor bronze per astm b103 2. finish specifications: center contact: .000050 min gold per astm b488 over .000080 min nickel per ams-qq-n-290(rohs). body: .000015 min gold per astm b488 over .000080 min nickel per ams-qq-n-290(rohs). nut, bkhd bush, lockwasher: .000100 min nickel per ams-qq-n-290 over copper flash per astm b734(rosh). 3. lockwasher, nut shipped loose. 4. electrical specifications: impedance: 75 ohm. frequency range: dc to 6ghz. return loss: -25 db. dwv bkhd bushing to body: 500vrms. 5. compliant to smpte 424m (3g-sdi) standard recommended mounting hole .315 8.00 .299 7.59 a bkhd, iso gnd, 75 ohm 1.0/2.3 adapter, f-f (rohs compliant) l.l cy 02/03/12 by date appd updated per ecr-er39992 description b rev xx/xx/xx xxx date approved xx/xx/xx xxx date approved 08/11/11 dcam date approved 08/10/11 cy date drawn customer sales drawing per asme y14.5m-1994 unless otherwise specified: dimensions are in inches [mm] tolerances: decimal: .xx [x.x] .01 [0.3] .xxx [x.xx] .005 [0.13] .xxxx [x.xxx] .xxxx angles: 2 scale: 4:1 sht rev of b 1 1 SD034G-034-00002H winchester electronics corporation 62 barnes industrial road north wallingford, connecticut 06492 third angle dmf026 b


▲Up To Search▲   

 
Price & Availability of SD034G-034-00002H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X