this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0191640059 status: active description: perma-seal? female quick disconnect for 10-12 awg wire, tab size 6.35mm (.250") x .081mm (.032") general product family quick disconnects series 19164 crimp quality equipment yes molexkits yes product name perma-seal? type quick disconnect physical barrel type closed gender female glow-wire compliant no insulation niac? lock to mating part none material - metal brass orientation straight packaging type bag tab thickness 0.81mm (.032") tab width 6.35mm (.250") temperature range - operating -55c to +125c wire insulation diameter 7.62mm (.310") max. wire size awg 10, 12 wire size mm2 4.00 - 6.00 electrical voltage - maximum 600v material info old part number SC-2143 reference - drawing numbers sales drawing sd-19164-040 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19164 series this document was generated on 06/04/2010 please check www.molex.com for latest part information
|