2-43 www.adlinktech.com features supports a 32-bit 5 v pci bus (pci-7200) x1 lane pci express ? interface (PCIE-7200) 32-ch ttl digital inputs and 32-ch ttl digital outputs up to 12 mb/s transfer rate bus-mastering dma for both digital inputs and outputs onboard programmable timer pacer clock supports handshaking digital i/o transfer mode multiple programmable interrupt sources 5 v power available on connectors compact, half-size pcb (pci-7200/PCIE-7200) operating systems ? windows 7/vista/xp/2000/2003 server ? linux recommended software ? ad-logger ? vb.net/vc.net/vb/vc++/bcb/delphi ? daqbench driver support ? daqpilot for labview? ? daq-mtlb for matlab ? ? pcis-dask for windows ? pcis-dask/x for linux 12 mb/s high-speed 32-ch di & 32-ch do cards pci/PCIE-7200 terminal boards & cables pci/PCIE-7200: din-37d-01 terminal board with one 37-pin d-sub connector and din-rail mounting (cables are not included.) acld-9137-01 general-purpose terminal board with one 37-pin d-sub male connector acld-9137f-01 general-purpose terminal board with one 37-pin d-sub female connector acl-10137-1mm 37-pin d-sub male/male cable, 1 m acl-10137-1mf 37-pin d-sub male/female cable, 1 m * for more information on mating cables, please refer to p2-61/62. general specifications i/o connector ? pci/PCIE-7200 - 37-pin d-sub female - 40-pin header operating temperature: 0?c to 60?c storage temperature: -20?c to 80?c relative humidity: 5% to 95%, non-condensing power requirements dimensions (not including connectors) ? 148 mm x 102 mm (pci/PCIE-7200) ordering information pci-7200 12 mb/s high-speed 32-ch di & 32-ch do card PCIE-7200 12 mb/s high-speed 32-ch di & 32-ch do pci express ? card high-speed dio pin assignment di16 di17 di18 di19 di20 di21 di22 di23 di24 di25 di26 di27 di28 di29 di30 di31 +5vout o-ack o-req n/c 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 do16 do17 do18 do19 do20 do21 do22 do23 do24 do25 do26 do27 do28 do29 do30 do31 gnd o-trg n/c n/c cn1 pci/PCIE-7200 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 di0 di1 di2 di3 di4 di5 di6 di7 di8 di9 di10 di11 di12 di13 di14 di15 +5vout i-ack i-req 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 do0 do1 do2 do3 do4 do5 do6 do8 do7 do9 do10 do11 do12 do13 do14 do15 gnd i-trg cn2 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 pci-7200 specifications digital i/o number of channels: ? 32-ch digital inputs ? 32-ch digital outputs compatibility: 5 v/ttl data transfer rate ? 12 mb/s with external 3 mhz clock, handshaking or external strobe ? 8 mb/s with internal 2 mhz timer pacer digital logic levels ? input high voltage: 2-5.25 v ? input low voltage: 0-0.8 v ? output high voltage: 2.7 v minimum ? output low voltage: 0.5 v maximum output driving capacity ? source current: 3.0 ma ? sink current: 24 ma data transfers: ? programmed i/o, interrupt, bus-mastering dma programmable counter base clock: 4 mhz timer 0: di clock source timer 1: do clock source timer 2: base clock source of timer 0 & 1 interrupt sources: eo_ack, ei_req, timer 0, timer 1 or timer 2 PCIE-7200 introduction adlinks pci/PCIE-7200 are high-speed digital i/o cards consisting of 32 digital input channels, and 32 digital output channels. high-performance designs and the state-of-the-art technology make these cards suitable for high-speed data transfer and pattern generation applications. the pci/PCIE-7200 performs high-speed data transfers using bus-mastering dma via 32-bit pci bus architecture. the maximum data transfer rates can be up to 12 mb per second. several digital i/o transfer modes are supported, such as direct programmed i/o control, timer pacer control, external clock mode and handshaking mode. they are very suitable for interfacing high-speed peripherals with your computer system. device pci-7200 PCIE-7200 power consumption 5 v @ 720 ma typical 12 v @ 200 ma 3.3 v @ 500 ma updated 03-28, 2012. ? 2012 adlink technology, inc. all rights reserved. all specifcations are subject to change without further notice.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: adlink technology: ? pci-7200
|