Part Number Hot Search : 
DZD30 1N4005G SEMIX TIP34B DG901 SKY65 HPR109WH 2762A
Product Description
Full Text Search
 

To Download OSFKS5CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.optosupply.com ver 3.0 1 product specification for 850nm & 940nm infrared led ring specifications: ? diameter (outer): 44mm ? diameter (inner): 18.75mm ? height: 9mm ? leds: 18pcs ? each led watts: 0.12w ? total watts: 2.16w ? volts: 12-15volts dc ? lifetime: 20,000hrs features: ? ir power on ?cds auto control ? ir wavelength 850nm or 940nm ? color transparent type ? superior uv resistance ? 0 lux with ir led on. adopt high radiant power ir led, having very good night-vision effect application: ? pickup device ? cctv camera, ir camera ? monitoring devices ? remote controlling model no. osfks5xx rev. c1
www.optosupply.com ver 3.0 2 product picture and dimensions: module no. led w avelength (typ.) led module beam angle pattern OSFKS5CS osi3ca5113a 850nm 6 0 degree osfks5cc osi3ca5453b 850nm 120 degree osfks5js osi5la5113a 940nm 60 degree osfks5jc osi5la5453b 940nm 120 degree model no. osfks5xx rev. c1         unit: mm tolerance:  0.5
www.optosupply.com ver 3.0 3 absolute maximum ratings(ta=25 
) 1 items symbol values units operating supply range(dc) vidc 15 v input current (dc) ii 190 ma power dissipation pa 2.85 w operating temperature tope -10 ~ +60 degc storage temperature tstg -20 ~ +50 degc typical performance (ta=25 
) 1 items symbol min. typ. max. units led module power pm - 2.16 2.85 w input voltage(dc) vi - 12 15 v product input current if - 180 190 ma led quantity qty - 18 - pcs total diameter of pcb lmod. - 44 - mm net weight wei. --- 7.44 --- g caution y to prevent electric shocks and risk of fire hazards, do not use other than specified power source. y the power supply must through safe a ttestation. its output voltage/ current/ voltage polarity and operati ng temperature must ma tch the requirement. y please note the ir module?s operati ng temperature and its using environment requirement. avoid using at too high or too low temperatures. model no. osfks5xx rev. c1


▲Up To Search▲   

 
Price & Availability of OSFKS5CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X