Part Number Hot Search : 
P4KE11C 01000 202750 10250 NTE1618 P6KE27 NLX2GU04 M161K
Product Description
Full Text Search
 

To Download MBR2060CT-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 october, 2000 rev. 4 1 publication order number: mbr2060ct/d mbr2060ct, mbr2080ct, mbr2090ct, mbr20100ct mbr2060ct and mbr20100ct are preferred devices switchmode ? power rectifiers . . . using the schottky barrier principle with a platinum barrier metal. these stateoftheart devices have the following features: ? 20 amps total (10 amps per diode leg) ? guardring for stress protection ? low forward voltage ? 150 c operating junction temperature ? epoxy meets ul94, vo at 1/8 ? low power loss/high efficiency ? high surge capacity ? low stored charge majority carrier conduction mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? marking: b2060, b2080, b2090, b20100 maximum ratings please see the table on the following page device package shipping ordering information mbr2060ct to220 http://onsemi.com to220ab case 221a plastic 50 units/rail 3 4 1 schottky barrier rectifiers 20 amperes 60100 volts 1 3 2, 4 preferred devices are recommended choices for future use and best overall value. mbr2080ct to220 50 units/rail 2 mbr2090ct to220 50 units/rail mbr20100ct to220 50 units/rail marking diagram yy ww b20x0 a k a yy = year ww = work week b20x0 = device code x = 6, 8, 9 or 10 aka = polarity designator
mbr2060ct, mbr2080ct, mbr2090ct, mbr20100ct http://onsemi.com 2 maximum ratings (per diode leg) mbr rating symbol 2060ct 2080ct 2090ct 20100ct unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 80 90 100 volts average rectified forward current (rated v r ) t c = 133 c i f(av) 10 amps peak repetitive forward current (rated v r , square wave, 20 khz) t c = 133 c i frm 20 amps nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 amps peak repetitive reverse surge current (2.0 m s, 1.0 khz) i rrm 0.5 amp operating junction temperature t j  65 to +150 c storage temperature t stg  65 to +175 c voltage rate of change (rated v r ) dv/dt 10,000 v/ m s thermal characteristics maximum thermal resistance e junction to case e junction to ambient r q jc r q ja 2.0 60 c/w electrical characteristics (per diode leg) maximum instantaneous forward voltage (note 1.) (i f = 10 amps, t c = 125 c) (i f = 10 amps, t c = 25 c) (i f = 20 amps, t c = 125 c) (i f = 20 amps, t c = 25 c) v f 0.75 0.85 0.85 0.95 volts maximum instantaneous reverse current (note 1.) (rated dc voltage, t c = 125 c) (rated dc voltage, t c = 25 c) i r 6.0 0.1 ma 1. pulse test: pulse width = 300 m s, duty cycle 2.0%.
mbr2060ct, mbr2080ct, mbr2090ct, mbr20100ct http://onsemi.com 3 figure 1. typical forward voltage per diode figure 2. typical reverse current per diode figure 3. current derating, case figure 4. current derating, ambient figure 5. average power dissipation and average current 0.6 0 v f , instantaneous voltage (volts) 20 50 10 v r , reverse voltage (volts) 0 110 t c , case temperature ( c) 14 6.0 8.0 0 t a , ambient temperature ( c) 20 0 20 16 12 6.0 0 40 4.0 8.0 0 average current (amps) 20 8.0 6.0 4.0 2.0 0 6.0 i f , instantaneous forward current (amps) i i i f(av) , average forward current (amps) 5.0 3.0 0.2 0.4 0.8 20 40 60 80 0.1 1.0 120 130 140 150 60 80 160 10 20 12 14 1.0 0.5 1.0 140 , reverse current (ma) r 10 , average forward current (amps) f(av) 2.0 14 16 18 10 12 dc square wave dc t j = 25 c 150 c t j = 150 c 125 c 100 c 0.01 25 c 12 10 16 20 18 18 14 10 8.0 100 120 140 average power (watts) rated voltage applied square wave dc rated voltage applied r  jc = 2 c/w (heatsink) r  ja = 16 c/w (no heatsink) r  ja = 60 c/w square wave dc t a = 25 c 125 c 100 c 0.5 0.1 0.3 0.7 0.9 100 120 160 2.0 4.0 2.0 4.0 180 200 18 16 i pk /i av =  i pk /i av = 5.0 i pk /i av = 10 i pk /i av = 20
mbr2060ct, mbr2080ct, mbr2090ct, mbr20100ct http://onsemi.com 4 package dimensions to220 plastic case 221a09 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane t c s t u r j on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mbr2060ct/d switchmode is a trademark of semiconductor components industries, llc. north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MBR2060CT-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X