Part Number Hot Search : 
0102A SN74L BD896 A143Z 75M00 HD66728 SCL4511 DTA144W
Product Description
Full Text Search
 

To Download KK54123N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kk54123 ground fault interrupter earth leakage current detector description ordering information kk5 4123n plastic kk541 23d soic kk54123s sip-8 t a = -40 to 8 5 c for all packages . the kk 54123n/d is designed for use in earth leakage circuit interrupters for operat i on di rect l y off t h e ac li ne i n breakers. it cont ai ns pre regul at or, m a i n regul at or, aft e r regul at or, di fferent i a l am pl i f i e r, l e vel com p arat or, l a t c h ci rcui t . the i nput i n t h e di fferent i a l am p l a t c h ci rcui t . the i nput i n t h e di fferent i a l am pl i f i e r i s connect t o t h e secondary node of zero current t r ansform e r. the l e vel com p arat or generat e s hi gh l e vel when earth leakage current is greater than som e level. feature ? low power c onsum pt i on (p d =5m w ) 100v/ 200v ? 100v/200v com m on built-in voltage regulator ? hig h gain differen tial am p lifier ? high input sensitivity (v t = 6.1m v ty p.) ? m i n i mu m e x t e r n a l p a r t s ? large surge m a rgin ? w i de operat i ng tem p erat ure r a nge (t = -40 t o 85c ) ? hi gh noi s e im m uni t y ? m eet u. l. 943 st andards absolute maximum ratings ? suppl y vol t a ge ? suppl y c u rrent ? power di ssi pat i on ? operating tem p erature ? storage tem p erature 20v 8m a 200m w - 40 t o 85c - 55 t o 125c pin configuration ( top view ) kk 54123 kk54123
block diagram kk54123
recommended operating condition: t a =-30c to 80c p a r a m e t e r s y m b o l m i n . t y p . m a x u n i t suppl y vol t a ge v + 1 2 v vs-gnd capacitor cvs 1 f o s -gnd capacitor cos 1 f electrical characteristics parameter symbol c o n d t i o n s t e m p. (c) m i n . t y p . m a x . unit - 3 0 - - 5 8 0 2 5 - 4 0 0 5 3 0 suppl y c u rrent 1 l s1 v + =12v, v r - v i = 30 m v 8 5 - - 4 8 0 a * trip vo ltag e v t v + = 16v, v r - v i = x -30 85 4 6 . 1 9 m v (rm s) differential am p lifier out put c u rrent 1 i td1 v + = 16 v, v r - v i = 30 m v v od = 1.2 v 2 5 - 1 2 - - 3 0 a differential am p lifier ou tp u t current 2 i td2 v + = 16 v, v r - v i = short v od = 0.8 v 2 5 1 7 - 3 7 a l si = 580 a - 3 0 - 2 0 0 - l si = 530 a 2 5 - 1 0 0 - out put c u rrent i o v sc = 1. 4 v v os = 0. 8 v l si = 480 a 8 5 - 7 5 - a s c o n vo ltag e v sc on v + = 16 v 2 5 0 . 7 - 1 . 4 v s c input c u rrent i sc on v + = l2v 2 5 - - 5 a out put "l" c u rrent i osl v + = 12 v, v osl = 0.2 v -30 85 2 0 0 - - a input c l am p vo ltag e v ic v + = 12 v, i ic = 20 m a -30 85 4 . 3 - 6 . 7 v di fferent i a l input c l am p vol t a ge v idc i idc = 100m a -30 85 0 . 4 - 2 v m a x. c u rrent vo ltag e v sm i sm = 7 m a 2 5 2 0 - 2 8 v suppl y c u rrent 2 i s2 v os = 0.5 v, v r - v i = x -30 85 - - 1 2 0 0 a latch circu it off suppl y vol t a ge v+ off 25 0.5 v r e sponse ti m e t on v + = 16 v, v r - v i = 0.3 v 2 5 1 - 4 m s kk54123
typical performance curves kk54123
kk54123
kk54123
typical application suppl y vol t a ge ci rcui t i s connect ed as a previ ous di ag ram . pl ease deci de const a nt s r 1 , r 2 , c 4 , and c 5 of a filter in order to keep at least 12v in vs, when norm a l supply current flows. in this case, please connect c4 (m ore than 1 ? ) and c2 (less than 1 ? ). zct and load resistance r l of zct are connect ed bet w een i nput pi n and . in this case protective resistance (r3=100 ? ) m u st b e in su lted . sen s itiv ity cu rren t is reg u l ated b y rl, an d o u t p u t o f am p lifier sh o w s in p i n . external capacitor c1 between pi n and gnd is used for noise rem oval. w h en l a rge current i s grounded i n t h e pri m ary si de (ac l i n e) of zc t, t h e wave form i n t h e secondary si de of zc t i s di st ort e d and som e si gnal s doesn?t appear i n t h e out put of am pl i f i e r. so pl ease connect a vari st or or a di ode (2pcs.) t o zc t i n paral l e l . lat c h ci rcui t i s used t o i n spect t h e out put l e vel of am pl i f i e r and t o suppl y gat e current on t h e ext e rnal sc r . w h en i nput pi n becom e s m o re t h an 1.1v (ty p .) l a t c h ci rcui t operat e s and suppl y gat e current i n t h e gat e of sc r connect ed t o t h e out put pi n . pin can be used i n t h e open st at e, but pl ease connect capaci t o r (about 0.047 ? ) bet w een pi n and . cap acito r c6 b e tween p i n and gnd i s used t o rem ove noi se and i s about 0.047 ? . kk54123
n s u f f i x p l as t i c di p ( m s ? 00 1b a ) sy m b o l m i n m a x a 8. 51 10. 16 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a a) sy m b o l m i n m a x a 4. 8 5 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 1. 27 5. 72 d i me n s i o n , mm d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0 . 25 (0 . 0 10 ) m t -t - 1 8 4 5 l h m j a b f g d se a t i n g pl a n e n k 0 . 2 5 ( 0 .01 0 ) m t -t - c 1 8 4 5 kk54123
kk54123


▲Up To Search▲   

 
Price & Availability of KK54123N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X