Part Number Hot Search : 
74LVC1G1 SG2012 MFM65 GFKE1 MFM65 1062246 MN512K TSOP6156
Product Description
Full Text Search
 

To Download HN58X24512FPIE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.2.00, dec.13. 2004, page 1 of 17 hn58x24512i two-wire serial interface 512k eeprom (64-kword 8-bit) rej03c0127-0200 rev.2.00 dec.13.2004 description hn58x24512i is the two-wire serial interface eeprom (electrically erasable and programmable rom). it realizes high speed, low power consumption and a high level of reliability by employing advanced mnos memory technology and cmos process and low voltage circuitry technology. it also has a 128- byte page programming function to make it? s write operation faster. note: renesas technology?s serial eeprom are author ized for using consumer applications such as cellular phone, camcorders, audio equipment. therefore, please contact renesas technology?s sales office before using industrial applications such as automotive systems, embedded controllers, and meters. features ? single supply: 1.8 v to 5.5 v ? two-wire serial interface (i 2 c tm serial bus* 1 ) ? clock frequency: 1 mhz (2.5 v to 5.5 v)/400 khz (1.8 v to 5.5 v) ? power dissipation: ? standby: 3 a (max) ? active (read): 2 ma (max) ? active (write): 5 ma (max) ? automatic page write: 128-byte/page ? write cycle time: 10 ms (2.5 v to 5.5 v)/15 ms (1.8 v to 5.5 v) ? endurance: 10 5 cycles (page write mode) ? data retention: 10 years ? small size packages: sop-8pin (200 mil-wide) ? shipping tape and reel: 1,500 ic/reel ? temperature range: ? 40 to +85 c ? lead free products. note: 1. i 2 c is a trademark of philips corporation.
hn58x24512i rev.2.00, dec.13. 2004, page 2 of 17 ordering information type no. internal organization operating voltage frequency package HN58X24512FPIE 512k bit (65536 8-bit) 2.5 v to 5.5 v 1 mhz 200 mil 8-pin plastic sop 1.8 v to 5.5 v 400 khz (fp-8dfv) lead free pin arrangement 1 2 3 4 8 7 6 5 a0 a1 nc v ss v cc wp scl sda (top view) 8-pin sop pin description pin name function a0, a1 device address scl serial clock input sda serial data input/output wp write protect v cc power supply v ss ground nc no connection
hn58x24512i rev.2.00, dec.13. 2004, page 3 of 17 block diagram control logic high voltage generator address generator x decoder y decoder memory array y-select & sense amp. serial-parallel converter v cc v ss wp a0, a1 scl sda absolute maximum ratings parameter symbol value unit supply voltage relative to v ss v cc ? 0.6 to +7.0 v input voltage relative to v ss vin ? 0.5 * 2 to +7.0 * 3 v operating tem perature range * 1 topr ? 40 to +85 c storage temperature range tstg ? 65 to +125 c notes: 1. including electrical c haracteristics and data retention. 2. vin (min): ? 3.0 v for pulse width 50 ns. 3. should not exceed v cc + 1.0 v. dc operating conditions parameter symbol min typ max unit supply voltage v cc 1.8 ? 5.5 v v ss 0 0 0 v input high voltage v ih v cc 0.7 ? v cc + 0.5 * 2 v input low voltage v il ? 0.3 * 1 ? v cc 0.3 v operating temperature topr ? 40 ? +85 c notes: 1. v il (min): ? 1.0 v for pulse width 50 ns. 2. v ih (max): v cc + 1.0 v for pulse width 50 ns.
hn58x24512i rev.2.00, dec.13. 2004, page 4 of 17 dc characteristics (ta = ? 40 to +85 c, v cc = 1.8 v to 5.5 v) parameter symbol min typ max unit test conditions input leakage current i li ? ? 2.0 a v cc = 5.5 v, vin = 0 to 5.5 v (scl, sda) ? ? 20 a v cc = 5.5 v, vin = 0 to 5.5 v (a0, a1, wp) output leakage current i lo ? ? 2.0 a v cc = 5.5 v, vout = 0 to 5.5 v standby v cc current i sb ? 1.0 3.0 a vin = v ss or v cc read v cc current i cc1 ? ? 2.0 ma v cc = 5.5 v, read at 400 khz write v cc current i cc2 ? ? 5.0 ma v cc = 5.5 v, write at 400 khz output low voltage v ol2 ? ? 0.4 v v cc = 4.5 to 5.5 v, i ol = 1.6 ma v cc = 2.5 to 4.5 v, i ol = 0.8 ma v cc = 1.8 to 2.5 v, i ol = 0.4 ma v ol1 ? ? 0.2 v v cc = 1.8 to 2.5 v, i ol = 0.2 ma capacitance (ta = +25 c, f = 1 mhz) parameter symbol min typ max unit test conditions input capacitance (a0 to a1, scl, wp) cin * 1 ? ? 6.0 pf vin = 0 v output capacitance (sda) c i/o * 1 ? ? 6.0 pf vout = 0 v note: 1. this parameter is sampled and not 100% tested.
hn58x24512i rev.2.00, dec.13. 2004, page 5 of 17 ac characteristics (ta = ? 40 to +85 c, v cc = 1.8 to 5.5 v) test conditions ? input pules levels: ? v il = 0.2 v cc ? v ih = 0.8 v cc ? input rise and fall time: 20 ns ? input and output timing reference levels: 0.5 v cc ? output load: ttl gate + 100 pf v cc = 1.8 to 5.5 v v cc = 2.5 to 5.5 v parameter symbol min max min max unit notes clock frequency f scl ? 400 ? 1000 khz clock pulse width low t low 1200 ? 600 ? ns clock pulse width high t high 600 ? 400 ? ns noise suppression time t i ? 50 ? 50 ns 1 access time t aa 100 900 100 550 ns bus free time for next mode t buf 1200 ? 500 ? ns start hold time t hd.sta 600 ? 250 ? ns start setup time t su.sta 600 ? 250 ? ns data in hold time t hd.dat 0 ? 0 ? ns data in setup time t su.dat 100 ? 100 ? ns input rise time t r ? 300 ? 300 ns 1 input fall time t f ? 300 ? 100 ns 1 stop setup time t su.sto 600 ? 250 ? ns data out hold time t dh 50 ? 50 ? ns write cycle time t wc ? 15 ? 10 ms 2 notes: 1. this parameter is sampled and not 100% tested. 2. t wc is the time from a stop condition to the end of internally controlled write cycle.
hn58x24512i rev.2.00, dec.13. 2004, page 6 of 17 timing waveforms bus timing t f 1/f scl t high t su.sta t hd.sta t hd.dat t su.dat t su.sto t buf t dh t aa t low t r scl sda (in) sda (out) write cycle timing scl sda d0 in write data ack (address (n)) t wc (internally controlled) stop condition start condition
hn58x24512i rev.2.00, dec.13. 2004, page 7 of 17 pin function serial clock (scl) the scl pin is used to control seri al input/output data timing. the scl input is used to positive edge clock data into eeprom device and ne gative edge clock data out of each device. maximum clock rate is 1 mhz. serial input/output data (sda) the sda pin is bidirectional for serial data transfer. the sda pin needs to be pulled up by resistor as that pin is open-drain driven structure. use proper resistor value for your system by considering v ol , i ol and the sda pin capacitance. except for a start condition and a stop condition, which will be discussed later, the sda transition needs to be completed during scl low period. data validity (sda data change timing waveform) scl sda data change data change note: high-to-low and low-to-high change of sda should be done during scl low periods.
hn58x24512i rev.2.00, dec.13. 2004, page 8 of 17 device address (a0, a1) up to four devices can be addressed on the same bus by setting the levels on these pins to different combinations. the levels on these pins are compared with the device address code which are inputted thought the sda pin. these device is selected if the compare is successfully done. these pins are internally pulled down to v ss . the device read these pins as low if unconnected. pin connections for a0, a1 pin connection memory size max connect number a1 a0 note 512k bit 4 v cc /v ss * 1 v cc /v ss note: 1. ?v cc /v ss ? means that device address pin should be connected to v cc or v ss . the a1 and a0 are read as v ss , if left unconnected. write protect (wp) when the write protect pin (wp) is high, the write protection feature is enabled and operates as shown in the following table. when the wp is low, write operation for all memory arrays are allowed. the read operation is always activated irrespective of the wp pin status. when left unconnected, the wp input is read as v il because the wp pin is internally pulled down to v ss . write protect area wp pin status write protect area v ih full (512k bit) v il normal read/write operation
hn58x24512i rev.2.00, dec.13. 2004, page 9 of 17 functional description start condition a high-to-low transition of the sda with the scl high is needed in order to start read, write operation. (see start condition and stop condition) stop condition a low-to-high transition of the sda with the scl high is a stop condition. the stand-by operation starts after a read sequence by a stop condition. in the case of write operation, a stop condition terminates the write data inputs and place the device in a internally -timed write cycle to the memories. after the internally-timed write cycle which is specified as t wc , the device enters a standby mode (see write cycle timing). start condition and stop condition scl sda (in) stop condition start condition
hn58x24512i rev.2.00, dec.13. 2004, page 10 of 17 acknowledge all addresses and data words are serially transmitted to and from in 8-bit words. the receiver sends a zero to acknowledge that it has received each word. this happens during ni nth clock cycle. the transmitter keeps bus open to receive acknowledgment from the receiver at the ninth clock. in the write operation, eeprom sends a zero to acknowledge after recei ving every 8-bit words. in the read operation, eeprom sends a zero to acknowledge after receiving th e device address word. after sending read data, the eeprom waits acknowledgment by keeping bus open. if the eeprom receives zero as an acknowledge, it sends read data of next addre ss. if the eeprom receives acknowledgment "1" (no acknowledgment) and a following stop c ondition, it stops the read operation and enters a stand-by mode. if the eeprom receives neither acknowledgment "0" nor a stop condition, the eeprom keeps bus open without sending read data. acknowledge timing waveform scl sda in sda out 12 8 9 acknowledge out
hn58x24512i rev.2.00, dec.13. 2004, page 11 of 17 device addressing the eeprom device requires an 8-bit device address word following a start condition to enable the chip for a read or a write operation. the device addre ss word consists of 4-bit device code, 3-bit device address code and 1-bit read/write(r/w) code. the most significant 4-bit of the device address word are used to distinguish device type and this eeprom us es ?1010? fixed code. the device address word is followed by the 3-bit device address code. the upper bit of device address can be set any data. the device address code selects one device out of all devices which are connected to th e bus. this means that the device is selected if the inputted 3-bit device addr ess code is equal to the corresponding hard-wired a1 to a0 pin status. the eighth bit of the device address word is the read/write(r/w) bit. a write operation is initiated if this bit is low and a read operation is initiated if this bit is hi gh. upon a compare of the device address word, the eeprom enters the read or write operation after outputting the zero as an acknowledge. the eeprom turns to a stand-by state if the device code is not ?1010? or device address code doesn?t coincide with status of the corre spond hard-wired device address pins a0 to a1. device address word device address word (8-bit) device code (fixed) device address code r/w code * 1 128k, 256k 1 0 1 0 0 * 2 a1 a0 r/w notes: 1. r/w=?1? is r ead and r/w = ?0? is write. 2. don?t care bit.
hn58x24512i rev.2.00, dec.13. 2004, page 12 of 17 write operations byte write: a write operation requires an 8-bit device address word with r/w = ?0?. then the eeprom sends acknowledgment "0" at the ninth cloc k cycle. after these, the eeprom receives 2 sequence 8-bit memory address words. upon receipt of this memory address, the eeprom outputs acknowledgment "0" and receives a following 8-bit write data. after recei pt of write data, the eeprom outputs acknowledgment "0". if the eeprom receives a stop condition, the eep rom enters an internally -timed write cycle and terminates receipt of scl, sda inputs until completi on of the write cycle. the eeprom returns to a standby mode after completion of the write cycle. byte write operation device address 1st memory address (n) 2nd memory address (n) write data (n) 10100 w a12 a11 a14 a15 a13 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start note: 1. don't care bit. ack ack ack r/w * 1 page write: the eeprom is capable of the page write operation which allows any number of bytes up to 128 bytes to be written in a single write cycle. the page write is the same sequence as the byte write except for inputting the more write data. the page write is initiated by a start condition, device address word, memory address(n) and write data (dn) with every ninth bit acknowledgment. the eeprom enters the page write operation if the eeprom receives more write data (dn+1) instead of receiving a stop condition. the a0 to a6 address bits are automatically incremented upon receiving write data (dn+1). the eeprom can continue to receive write data up to 128 bytes. if the a0 to a6 address bits reaches the last address of the page, the a0 to a6 address bits will roll over to the first address of the same page and previous write data will be overwritten. upon receiving a stop condition, the eeprom stops receiving write data and enters internally-timed write cycle. page write operation device address 1st memory address (n) 2nd memory address (n) write data (n+m) write data (n) 10100 w a12 a11 a14 a15 a13 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 d5 d4 d3 d2 d1 d0 stop start note: 1. don't care bit. ack ack ack ack ack r/w * 1
hn58x24512i rev.2.00, dec.13. 2004, page 13 of 17 acknowledge polling: acknowledge polling feature is used to show if the eep rom is in a internally-tim ed write cycle or not. this features is initiated by the stop condition after inputting write data. this requires the 8-bit device address word following the start condition during a internally-timed write cycle. acknowledge polling will operate r/w code = ?0?. acknowledgment ?1 ? (no acknowledgment) shows the eeprom is in a internally-timed write cycle and acknowledgment ?0? shows that the internally-timed write cycle has completed. see write cycle polling using ack. write cycle polling using ack send write command send stop condition to initiate write cycle send start condition send device address word with r/w = 0 send memory address send start condition send stop condition send stop condition proceed random address read operation proceed write operation next operation is addressing the memory ye s ye s no no ack returned
hn58x24512i rev.2.00, dec.13. 2004, page 14 of 17 read operation there are three read operations: current address r ead, random read, and sequential read. read operations are initiated the same way as write operations with the exception of r/w = ?1?. current address read: the internal address counter maintains the last addr ess accessed during the last read or write operation, with incremented by one. current address read accesses the address kept by the in ternal address counter. after receiving a start condition and the device address word (r/w is ?1?), the eeprom outputs the 8-bit current address data from the mo st significant bit following acknowle dgment ?0? if the eeprom receives acknowledgment ?1? (no acknowledgment) and a follo wing stop condition, the eeprom stops the read operation and is turned to a standby state. in case the eeprom have acce ssed the last address of the last page at previous read operation, the current address will roll over and returns to zero address. in case the eeprom have accessed the last address of the page at previous write operation, the current address will roll over within page addressing and returns to the firs t address in the same page. the current address is valid while power is on. the current address af ter power on will be indefinite. the random read operation described below is necessary to define the memory address. current address read operation device address read data (n+1) start note: 1. don't care bit. stop 101 0 0 r d7 d6 d5 d4 d3 d2 d1 d0 ack no ack r/w * 1
hn58x24512i rev.2.00, dec.13. 2004, page 15 of 17 random read: this is a read operation with defined read address. a random read requires a dummy write to set read address. the eeprom receives a start condition, de vice address word (r/w=0) and memory address 2 8-bit sequentially. the eeprom outputs acknowledgm ent ?0? after receiving memory address then enters a current address read with receiving a start condition. the eeprom outputs the read data of the address which was defined in the dummy write operation. after receiving acknowledgment ?1?(no acknowledgment) and a following stop condition, th e eeprom stops the random read operation and returns to a standby state. random read operation @@ notes: 1. 2nd device address code (#) should be same as 1st (@). 2. don't care bit. device address device address 1st memory address (n) 2nd memory address (n) read data (n) 10100 ## 10100 r w a12 a11 a14 a15 a13 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start start ack ack no ack ack r/w ack r/w dummy write currect address read * 2 * 2 sequential read: sequential reads are initiated by eith er a current address read or a random read. if the eeprom receives acknowledgment ?0? after 8-bit read data, the read addre ss is incremented and the next 8-bit read data are coming out. this operation can be continued as long as the eeprom receives acknowledgment ?0?. the address will roll over and returns address zero if it reaches the last address of the last page. the sequential read can be continued after roll over. the sequential read is terminated if the eeprom receives acknowledgment ?1? (no acknowledgm ent) and a following stop condition. sequential read operation device address read data (n+m) read data (n) read data (n+1) read data (n+2) 10100 r d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 stop start note: 1. don't care bit. ack ack no ack ack r/w ack * 1
hn58x24512i rev.2.00, dec.13. 2004, page 16 of 17 notes data protection at v cc on/off when v cc is turned on or off, noise on the scl and sda inputs generated by external circuits (cpu, etc) may act as a trigger and turn the eeprom to unintentional program mode. to prevent this unintentional programming, this eeprom have a power on reset function. be careful of the notices described below in order for the power on reset function to operate correctly. ? scl and sda should be fixed to v cc or v ss during v cc on/off. low to high or high to low transition during v cc on/off may cause the trigger for the unintentional programming. ? v cc should be turned off after the eep rom is placed in a standby state. ? v cc turn on speed (tr) should be longer than 10 s (tr 10 s). write/erase endurance and data retention time the endurance is 10 5 cycles in case of page programming and 10 4 cycles in case of byte programming (1% cumulative failure rate). the data retention time is more than 10 years when a device is page-programmed less than 10 4 cycles. noise suppression time this eeprom have a noise suppression function at scl and sda inputs, that cut noise of width less than 50 ns. be careful not to allow noise of width more than 50 ns.
hn58x24512i rev.2.00, dec.13. 2004, page 17 of 17 package dimensions HN58X24512FPIE (fp-8dfv) package code jedec jeita mass (reference value) fp-8dfv ? ? 0.153 g *pd plating 0.14 1.73 max 5.30 5.65 1.02 max *0.40 0.05 0 ? ? 10 ? 0.25 m 8 5 1 4 0.6 0.2 1.40 5.85 max 1.27 0.10 *0.20 0.05 8.1 0.1 + 0.114 ? 0.038 unit: mm
revision history hn58x24512i data sheet contents of modification rev. date page description 1.00 oct. 10, 2003 ?
keep safety first in your circuit designs! 1. renesas technology corp. puts the maximum effort into making semiconductor products better and more reliable, but there is al ways the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating i n the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents in formation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or e rrors. please also pay attention to information published by renesas technology corp. by various means, including the renesas technolo gy corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, an d algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under cir cumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materia ls. 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lice nse from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is pro hibited. 8. please contact renesas technology corp. for further details on these materials or the products contained therein. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com refer to " http://www.renesas.com/en/network " for the latest and detailed information. renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500, fax: <1> (408) 382-7501 renesas technology europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k. tel: <44> (1628) 585-100, fax: <44> (1628) 585-900 renesas technology hong kong ltd. 7th floor, north tower, world finance centre, harbour city, 1 canton road, tsimshatsui, kowloon, hong kong tel: <852> 2265-6688, fax: <852> 2730-6071 renesas technology taiwan co., ltd. 10th floor, no.99, fushing north road, taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. unit2607 ruijing building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1 harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices ? 200 4. re nesas technology corp ., all rights reser v ed. printed in ja pan. colophon .2.0


▲Up To Search▲   

 
Price & Availability of HN58X24512FPIE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X