for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com freq. multipliers - active - smt 7 7 - 100 hmc576lc3b smt gaas mmic x2 active frequency multiplier, 18 - 29 ghz output v01.1208 general description features functional diagram electrical specifi cations, t a = +25 c, vdd1, vdd2 = +5v, 3 dbm drive level typical applications the hmc576lc3b is suitable for: ? clock generation applications: sonet oc-192 & sdh stm-64 ? point-to-point & vsat radios ? test instrumentation ? military & space the hmc576lc3b is a x2 active broadband frequ- ency multiplier utilizing gaas phemt technology in a leadless rohs compliant smt package. when driven by a +3 dbm signal, the multiplier provides +15 dbm typical output power from 18 to 29 ghz. the fo and 3fo isolations are >20 dbc at 24 ghz. the hmc576lc3b is ideal for use in lo multiplier chains for pt to pt & vsat radios yielding reduced parts count vs. traditional approaches. the low additive ssb phase noise of -132 dbc/hz at 100 khz offset helps maintain good system noise performance. the rohs packaged hmc576lc3b eliminates the need for wire bonding, and allows the use of surface mount manufacturing techniques. high output power: +15 dbm low input power drive: 0 to +6 dbm fo isolation: >20 dbc @ fout= 24 ghz 100 khz ssb phase noise: -132 dbc/hz single supply: +5v@ 82 ma rohs compliant 3x3 mm smt package parameter min. typ. max. units frequency range, input 9 - 14.5 ghz frequency range, output 18 - 29 ghz output power 10 15 dbm fo isolation (with respect to output level) 20 dbc 3fo isolation (with respect to output level) 20 dbc input return loss 10 db output return loss 10 db ssb phase noise (100 khz offset) -132 dbc/hz supply current (idd1 & idd2) 82 ma
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com freq. multipliers - active - smt 7 7 - 101 hmc576lc3b output power vs. temperature @ 3 dbm drive level output power vs. supply voltage @ 3 dbm drive level output power vs. drive level v01.1208 smt gaas mmic x2 active frequency multiplier, 18 - 29 ghz output output power vs. input power isolation @ 3 dbm drive level 0 2 4 6 8 10 12 14 16 18 20 17 18 19 20 21 22 23 24 25 26 27 28 29 30 +25c +85c -40c output power (dbm) frequency (ghz) -30 -20 -10 0 10 20 17 18 19 20 21 22 23 24 25 26 27 28 29 30 fo 2fo 3fo output power (dbm) frequency (ghz) -20 -15 -10 -5 0 5 10 15 20 -10-8-6-4-20246810 18ghz 24ghz 29ghz output power (dbm) input power (dbm) 0 2 4 6 8 10 12 14 16 18 20 17 18 19 20 21 22 23 24 25 26 27 28 29 30 4.5v 5.0v 5.5v output power (dbm) frequency (ghz) -30 -25 -20 -15 -10 -5 0 5 10 15 20 25 17 18 19 20 21 22 23 24 25 26 27 28 29 30 -6 dbm -4 dbm -2 dbm 0 dbm 2 dbm 4 dbm 6 dbm output power (dbm) frequency (ghz)
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com freq. multipliers - active - smt 7 7 - 102 input return loss vs. temperature output return loss vs. temperature hmc576lc3b v01.1208 smt gaas mmic x2 active frequency multiplier, 18 - 29 ghz output -25 -20 -15 -10 -5 0 17 18 19 20 21 22 23 24 25 26 27 28 29 30 +25c +85c -40c output return loss (db) frequency (ghz) -30 -25 -20 -15 -10 -5 0 8 9 10 11 12 13 14 15 +25c +85c -40c input return loss (db) frequency (ghz)
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com freq. multipliers - active - smt 7 7 - 103 absolute maximum ratings outline drawing rf input (vdd = +5v) +13 dbm supply voltage (vdd) +6.0 vdc channel temperature 175 c continuous pdiss (t= 85 c) (derate 7.5 mw/c above 85 c) 676 mw thermal resistance (channel to ground paddle) 133 c/w storage temperature -65 to +150 c operating temperature -40 to +85 c typical supply current vs. vdd vdd (vdc) idd (ma) 4.5 82 5.0 82 5.5 83 note: multiplier will operate over full voltage range shown above. electrostatic sensitive device observe handling precautions notes: 1. package body material: alumina 2. lead and ground paddle plating: 30-80 microinches gold over 50 microinches minimum nickel. 3. dimensions are in inches [millimeters]. 4. lead spacing tolerance is non-cumulative 5. package warp shall not exceed 0.05mm datum -c- 6. all ground leads and ground paddle must be soldered to pcb rf ground. 7. classified as moisture sensitivity level (msl) 1. hmc576lc3b v01.1208 smt gaas mmic x2 active frequency multiplier, 18 - 29 ghz output
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com freq. multipliers - active - smt 7 7 - 104 pin number function description interface schematic 1, 3, 7, 9 gnd package bottom must also be connected to rf/dc ground. 2rfin pin is ac coupled and matched to 50 ohms. 4 - 6, 11 n/c these pins are internally not connected; however, this product was specifi ed with these pins connected to rf/ dc ground. 8rfout pin is ac coupled and matched to 50 ohms. 10, 12 vdd2, vdd1 supply voltage 5v 0.5v. external bypass capacitors of 100 pf, 1,000 pf and 2.2 f are required. pin description application circuit component value c1, c2 100 pf c3, c4 1,000 pf c5, c6 2.2 f hmc576lc3b v01.1208 smt gaas mmic x2 active frequency multiplier, 18 - 29 ghz output
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com freq. multipliers - active - smt 7 7 - 105 evaluation pcb list of materials for evaluation pcb 112409 [1] item description j1, j2 pcb mount sri k connector j3 - j5 dc pin c1, c2 100 pf capacitor, 0402 pkg. c3, c4 1,000 pf capacitor, 0603 pkg. c5, c6 2.2 f tantalum capacitor u1 hmc576lc3b x2 active multiplier pcb [2] 111173 eval b oar d [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350 hmc576lc3b v01.1208 smt gaas mmic x2 active frequency multiplier, 18 - 29 ghz output the circuit board used in the fi nal application should be generated with proper rf circuit design tech- niques. signal lines should have 50 ohm imped- ance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request.
|