Part Number Hot Search : 
SCL5238 E75CA Z1200R 270M10V SR540 SO745090 MC13211 4066D
Product Description
Full Text Search
 

To Download FDMA3028N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june 2011 ?2011 fairchild semiconductor corporation FDMA3028N rev.c2 www.fairchildsemi.com 1 FDMA3028N dual n-channel powertrench ? mosfet FDMA3028N dual n-channel powertrench ? mosfet 30 v, 3.8 a, 68 m features ? max r ds(on) = 68 m at v gs = 4.5 v, i d = 3.8 a ? max r ds(on) = 88 m at v gs = 2.5 v, i d = 3.4 a ? max r ds(on) = 123 m at v gs = 1.8 v, i d = 2.9 a ? low profile - 0.8 mm maximum - in the new package microfet 2x2 mm ? rohs compliant general description this device is designed specifically as a si ngle package solution for dual switching requirements in cellular handset and other ultra-portable applications. it features two independent n-channel mosfets with low on-state resistance for minimum conduction losses. the micr ofet 2x2 package offers exceptional thermal performance fo r its physical size and is well suited to linear mode applications. mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage 30 v v gs gate to source voltage 12 v i d drain current -continuous (note 1a) 3.8 a -pulsed 16 p d power dissipation (note 1a) 1.5 w power dissipation (note 1b) 0.7 t j , t stg operating and storage junction temperature range -55 to +150 c r ja thermal resistance for single oper ation, junction to ambient (note 1a) 86 c/w thermal resistance for single oper ation, junction to ambient (note 1b) 173 thermal resistance for dual operation, j unction to ambient (note 1c) 69 thermal resistance for dual operation, junction to ambient (note 1d) 151 thermal resistance for single operation, junction to ambient (note 1e) 160 thermal resistance for dual operation, j unction to ambient (note 1f) 133 device marking device package reel size tape width quantity 328 FDMA3028N microfet 2x2 7 ?? 8 mm 3000 units g2 s1 g1 d2 d1 s2 s1 g1 d2 s2 microfet 2x2 d1 g2 pin 1 d1 d2 1 2 3 6 5 4 top bottom
www.fairchildsemi.com 2 ?2011 fairchild semiconductor corporation FDMA3028N rev.c2 FDMA3028N dual n-channel powertrench ? mosfet electrical characteristics t j = 25 c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diode characteristics symbol parameter test conditions min typ max units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0 v 30 v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c 23 mv/c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a i gss gate to source leakage current v gs = 12 v, v ds = 0 v 100 na v gs(th) gate to source threshold voltage v gs = v ds , i d = 250 a 0.6 0.9 1.5 v v gs(th) t j gate to source threshold voltage temperature coefficient i d = 250 a, referenced to 25 c -3 mv/c r ds(on) static drain to source on resistance v gs = 4.5 v, i d = 3.8 a 46 68 m v gs = 2.5 v, i d = 3.4 a 56 88 v gs = 1.8 v, i d = 2.9 a 80 123 v gs = 4.5 v, i d = 3.8 a, t j = 125 c 72 108 g fs forward transconductance v ds = 5 v, i d = 3.8 a 15 s c iss input capacitance v ds = 15 v, v gs = 0 v, f = 1 mhz 282 375 pf c oss output capacitance 40 55 pf c rss reverse transfer capacitance 29 45 pf r g gate resistance 2.4 t d(on) turn-on delay time v dd = 15 v, i d = 3.8 a, v gs = 4.5 v, r gen = 6 5.3 11 ns t r rise time 310ns t d(off) turn-off delay time 15 27 ns t f fall time 2.5 10 ns q g(tot) total gate charge v dd = 15 v, i d = 3.8 a v gs = 5 v 3.7 5.2 nc q gs gate to source charge 0.4 nc q gd gate to drain ?miller? charge 1 nc v sd source to drain diode forward voltage v gs = 0 v, i s = 1.3 a (note 2) 0.7 1.2 v t rr reverse recovery time i f = 3.8 a, di/dt = 100 a/ s 12 22 ns q rr reverse recovery charge 3.3 10 nc
www.fairchildsemi.com 3 ?2011 fairchild semiconductor corporation FDMA3028N rev.c2 FDMA3028N dual n-channel powertrench ? mosfet electrical characteristics t j = 25 c unless otherwise noted notes: 1. r ja is determined with the device mounted on a 1 in 2 oz. copper pad on a 1.5 x 1.5 in. board of fr-4 material. r jc is guaranteed by design while r ja is determined by the user's board design. (a) r ja = 86 c/w when mounted on a 1 in 2 pad of 2 oz copper, 1.5 " x 1.5 " x 0.062 " thick pcb. for single operation. (b) r ja = 173 c/w when mounted on a minimum pad of 2 oz copper. for single operation. (c) r ja = 69 o c/w when mounted on a 1 in 2 pad of 2 oz copper, 1.5 ? x 1.5 ? x 0.062 ? thick pcb. for dual operation. (d) r ja = 151 o c/w when mounted on a minimum pad of 2 oz copper. for dual operation. (e) r ja = 160 o c/w when mounted on a 30mm 2 pad of 2 oz copper. for single operation. (f) r ja = 133 o c/w when mounted on a 30mm 2 pad of 2 oz copper. for dual operation. 2. pulse test : pulse width < 300 us, duty cycle < 2.0% a. 86 c/w when mounted on a 1 in 2 pad of 2 oz copper b. 173 c/w when mounted on a minimum pad of 2 oz copper c. 69 c/w when mounted on a 1 in 2 pad of 2 oz copper d. 151 c/w when mounted on a minimum pad of 2 oz copper e. 160 c/w when mounted on 30 mm 2 p ad of 2 oz co pp er f. 133 c/w when mounted on 30mm 2 of 2 oz copper
www.fairchildsemi.com 4 ?2011 fairchild semiconductor corporation FDMA3028N rev.c2 FDMA3028N dual n-channel powertrench ? mosfet typical characteristics t j = 25c unless otherwise noted figure 1. 0.0 0.5 1.0 1.5 2.0 0 4 8 12 16 v gs = 3.5 v v gs = 1.8 v v gs = 4.5 v v gs =2.5 v pulse duration = 80 p s duty cycle = 0.5%max v gs = 3 v i d , drain current (a) v ds , drain to source voltage (v) on region characteristics figure 2. 0481 21 6 0.5 1.0 1.5 2.0 2.5 v gs = 4.5 v pulse duration = 80 p s duty cycle = 0.5%max normalized drain to source on-resistance i d , drain current(a) v gs = 3 v v gs = 2.5 v v gs = 1.8 v v gs = 3.5 v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 i d = 3.8 a v gs = 4.5 v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0 50 100 150 200 t j = 125 o c i d = 3.8 a t j = 25 o c v gs , gate to source voltage (v) r ds(on) , drain to source on-resistance ( m : ) pulse duration = 80 p s duty cycle = 0.5% max o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 0123 0 4 8 12 16 t j = 150 o c v ds = 5 v pulse duration = 80 p s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 0.1 1 10 20 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
www.fairchildsemi.com 5 ?2011 fairchild semiconductor corporation FDMA3028N rev.c2 FDMA3028N dual n-channel powertrench ? mosfet figure 7. 01234 0 1 2 3 4 5 i d = 3.8 a v dd = 20 v v dd = 10 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 15 v gate charge characteristics figure 8. 0.1 1 10 30 10 100 500 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.1 1 10 100 0.01 0.1 1 10 20 100 p s 10 ms 10 s 100 ms dc 1 s 1 ms i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r t ja = 173 o c/w t a = 25 o c f o r w a r d b i a s s a f e operating area figure 10. 10 -4 10 -3 10 -2 10 -1 110 100 1000 0.5 1 10 100 single pulse r t ja = 173 o c/w t a = 25 o c p ( pk ) , peak transient power (w) t, pulse width (sec) s i n g l e p u l s e ma x i m u m power dissipation figure 11. junction-to-ambient transient thermal response curve 10 -4 10 -3 10 -2 10 -1 11 0 100 1000 0.005 0.01 0.1 1 2 d = 0.5 0.2 0.1 0.05 0.02 0.01 single pulse r t ja = 173 o c/w duty cycle-descending order normalized thermal impedance, z t ja t, rectangular pulse duration (sec) p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z t ja x r t ja + t a typical characteristics t j = 25c unless otherwise noted
www.fairchildsemi.com 6 ?2011 fairchild semiconductor corporation FDMA3028N rev.c2 FDMA3028N dual n-channel powertrench ? mosfet dimensional outline and pad layout
FDMA3028N dual n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation 7 www.fairchildsemi.com FDMA3028N rev.c2 anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts ex perience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing dela ys. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above . products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. ? trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform wh en properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms accupower? auto-spm? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optihit? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? the right technology for your success? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? xs? tm ? tm tm datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i54


▲Up To Search▲   

 
Price & Availability of FDMA3028N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X