Part Number Hot Search : 
MC7818 SB103 PXF4225E 2N336 UPD70 BZT03C68 PCA9655E B45196
Product Description
Full Text Search
 

To Download FC30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  may 2008 rev 1 1/13 13 FC30 mems functional sensor: smart 3d orientation and clic k detection stan dalone device features 3d orientation sensor: 3 orthogonal directions (6 positions) embedded click/double-click functionality low power consumption power down mode high shock survivability -40 c to +85 c temperature range excellent qualit y and reliability testable after assembly without movement housed in a small, thin 3x5x0.9 smd package ecopack ? , rohs and ?green? compliant applications image rotation in mobile phones & portable devices digital photo frames orientation detection button replacement motion triggered wake up description the FC30 is a stand-alone 3d orientation and click/double-click detection device. when in a steady position, it is able to detect 6 different orientations with respect to the gravity field, with notification provided through dedicated signal lines. the device can be used for image rotation (portrait/landscape) and position-based applications. when a single or double mechanical tap is detected, the FC30 provides an interrupt signal, enabling a ?mouse button-like? function for intuitive man-machine interface solutions. a power-down mode selectable through a dedicated input pin ensures very low current consumption in battery-operated devices. the FC30 is available in an lga-14 3x5x0.9mm smd plastic full-moulded package compliant with lead-free, rohs and halogen-free regulations. compatible with a -40 c to +85 c temperature range, the FC30 is shipped in standard tape and reels for automatic pick and place machines and is washable after reflow due to its completely sealed and hermetic structure. lga-14 (3 x 5 x0 . 9m m) table 1. order codes order code temp range ( c) package packing FC30 -40 to +85 lga-14 tray FC30tr -40 to +85 lga-14 tape and reel www.st.com
contents FC30 2/13 contents 1 pin configuration and description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 device functionality . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 orientation detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1.1 output response vs. orientation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.2 tap detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.3 post assembly device verification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 2.4 power down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 3.1 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 3.2 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 4 device and technology information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 application hints . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5.1 soldering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 6 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 7 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
FC30 pin configuration and description 3/13 1 pin configuration and description figure 1. pin configuration table 2. pin description pin# name function 1 vdd_io power supply for i/o pins 2 gnd 0v supply 3 vdd power supply 4 res connect to 0v supply 5 gnd 0v supply 6 vdd power supply 7 res leave unconnected 8 pc portrait interrupt (logic 1: portrait orientation) 9 lc landscape interrupt (logic 1: landscape orientation) 10 res connect to 0v supply 11 pd power-down (logic 0: normal mode; logic 1: power-down mode) 12 sign sign interrupt for landscape/portrait/face orientation 13-14 res leave unconnected 1 13 8 6 1 bottom view 13 8 6 top view land face port
device functionality FC30 4/13 2 device functionality 2.1 orientation detection the device output can be configured to provide its orientation relative to gravity based on orientation definitions , as illustrated in figure 2 below. figure 2. orientation definitions 2.1.1 output resp onse vs. orientation figure 3 shows the three interrupt output lines for the selected orientation. gravity portrait up FC30 portrait down landscape left to p bottom to p bottom face down face up landscape right
FC30 device functionality 5/13 figure 3. output response vs. orientation 2.2 tap detection the device can be configured to send an interrupt signal on a dedicated pin when ?clicked? in any direction (see figure 4 ). a more advanced feature also allows the detection of a ?double click? event, with a programmable time interval between the first and second click, to enable a ?mouse button- like? functionality. these functions can be fully programmed. for additional information, please contact your local stmicroelectronics sales office. figure 4. tap or ?click? detection lc = 1 pc = 0 port sign = 1 to p bottom to p bottom lc = 1 pc = 0 port sign = 0 lc = 0 pc = 1 sign = 1 lc = 0 pc = 1 sign = 0 lc = 0 pc = 0 sign = 1 lc = 0 pc = 0 sign = 0 landscape portrait face gravity left right down up FC30 lc or pc interrupts equipment with the FC30 mounted
device functionality FC30 6/13 2.3 post assembly device verification a special function allows the user to check the sensor functionality without moving the device (device verification). this functionality is enabled by connecting the FC30 to an mcu. for the connection scheme and additional information, please contact your local stmicroelectronics sales office. 2.4 power down the power down function allows the device to be put in an ultra-low power consumption mode by applying a "logic 1" voltage value to the pd pad. in this state the measurement chain is powered off.
FC30 electrical specifications 7/13 3 electrical specifications 3.1 electrical characteristics figure 5. orientation accuracy angle 3.2 absolute maximum ratings stresses above those listed as ?absolute ma ximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device under these conditions is not implied. exposure to maximum rating conditions for extended periods may affect device reliability. table 3. electrical characteristics (1) (2) symbol parameter test conditions min. typ. (3) max. unit vdd supply voltage 2.16 2.5 3.6 v vdd_io i/o pins supply voltage 1.71 vdd+0.1 v idd supply current t = 25c 0.3 0.4 ma iddpdn current consumption in power-down mode t = 25c 1 a ton turn-on time (4) 30 ms ac accuracy (5) 3 deg top operating temperature range -40 +85 c wh product weight 30 mg 1. the product is factory calibrated at 2.5 v. t he device can be used from 2.16 v to 3.6 v 2. all the parameters are specified @ v dd=2.5 v, t = 25 c unless otherwise noted 3. typical specification are not guaranteed 4. time to obtain valid data after exiting power-down mode 5. accuracy defines the angle around the three orthogonal directions w here orientation is detected (see figure 5 ) accuracy gravity
electrical specifications FC30 8/13 table 4. absolute maximum ratings symbol ratings maximum value unit vdd, vdd_io supply voltage and i/o pins supply voltage -0.3 to 6 v vin input voltage on any control pin -0.3 to vdd_io +0.3 v a max acceleration (any axis, powered and unpowered) 10000 g for 0.1ms g t op operating temperature range -40 to +85 c t stg storage temperature range -40 to +125 c esd electrostatic discharge protection 4.0 (hbm) kv 200 (mm) v 1.5 (cdm) kv this is a mechanical shock sensitive device, improper handling can cause permanent damage to the part this is an esd sensitive device, improper handling can cause permanent damage to the part
FC30 device and technology information 9/13 4 device and technology information the FC30 is an ultra-compact, low power 3-dimensional orientation and click/double-click sensor. manufactured with mems technology, the FC30 offers many advantages compared to the conventional fabrication technology used nowadays in portable devices, including: potential for additional strong miniaturization, leveraging the characteristics of micromachining technology no surface friction effects, wear effects and acoustic noise generation embedded electronic signal conditioning allows reduced power consumption
application hints FC30 10/13 5 application hints figure 6. FC30 electrical connection for 3d orientation detection the diagram above refers to the electrical connection scheme for application of 3d orientation detection. the device core is supplied through the vdd line while the i/o pads are supplied through the vdd_io line. power supply decoupling capacitors (100 nf ceramic, 10 f al) should be placed as near as possible to pin 6 of the device (common design practice). all the voltage and ground supplies must be present at the same time for proper behavior of the ic ( figure 6 ). 5.1 soldering information the lga package is compliant with the ecopack, rohs and ?green? standards. leave the pin 1 indicator unconnected during soldering. land pattern and soldering recommendations are available at www.st.com 6 8 13 1 top view 10uf vdd 100nf gnd vdd_io sign pc lc digital signal from/to signal controller.signal?s levels are defined by proper selection of vdd_io 1 13 8 6 top view land face port pd
FC30 package information 11/13 6 package information in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect. the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com. figure 7. lga 14: mechanical data and package dimensions outline and mechanical data dim. mm inch min. typ. max. min. typ. max. a1 0.920 1.000 0.0362 0.0394 a2 0.700 0.0275 a3 0.180 0.220 0.260 0.0071 0.0087 0.0102 d1 2.850 3.000 3.150 0.1122 0.1181 0.1240 e1 4.850 5.000 5.150 0.1909 0.1968 0.2027 e 0.800 0.0315 d 0.300 0.0118 l1 4.000 0.1575 n 1.360 0.0535 n1 1.200 0.0472 p1 0.965 0.975 0.985 0.0380 0.0384 0.0386 p2 0.640 0.650 0.660 0.0252 0.0256 0.0260 t1 0.750 0.800 0.850 0.0295 0.0315 0.0335 t2 0.450 0.500 0.550 0.0177 0.0197 0.0217 r 1.200 1.600 0.0472 0.0630 h 0.150 0.0059 k 0.050 0.0020 i 0.100 0.0039 s 0.100 0.0039 lga14 (3x5x0.92mm) pitch 0.8mm l and g rid a rray package 7773587 c
revision history FC30 12/13 7 revision history table 5. document revision history date revision changes 29-may-2008 1 initial release
FC30 13/13 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2008 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of FC30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X