Part Number Hot Search : 
133AX SMBJ5 SWT30 WM876211 VC5700 SAA73 SBM81314 9LV640D
Product Description
Full Text Search
 

To Download ES2GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  50v-400v 2.0a es2aa thru ES2GA web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics m e c h a n i c a l d a t a glass passivated die construction super-fast recovery time for high efficiency low forward voltage drop and high current capability surge overload rating to 50a peak ideally suited for automated assembly plastic material: ul flammability classification rating 94v-0 case: molded plastic terminals: solder plated terminal - solderable per mil-std-202, method 208 polarity: cathode band or cathode notch sma weight: 0.064 grams (approx.) smb weight: 0.093 grams (approx.) mounting position: any marking: type number ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. e s 2 c a e s 2 d a e s 2 g a ec ed eg maximum recurrent peak reverse voltage v rrm 150 200 400 v maximum rms voltage v rm s 105 140 210 v maximum dc blocking voltage v dc 150 200 400 v maximum average forward rectified current @ t a = 110 peak forward surge current 8.3ms single half-sine-wave superimposed on rated load @t j =125 m a x i m um i n s t an t a ne o us f or w a r d v o l t a ge a t 2 . 0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a = 1 25 typical reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf t y p i c al t her m al r e s i s t an c e r ja /w operating junction temperature range t j storage temperature range t stg 0 . 9 2 1.25 device marking code ea eb units - 55 ---- + 150 e s 2 a a e s 2 b a 50 100 a 5 0 i fsm i r note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. a a 10 i f ( a v ) 2 . 0 100 50 70 2 . m e a s u r e d at 1 . 0 m h z and a p p l i ed r e v e r s e v o l t a ge of 4 . 0v d c . 18 25 50 35 0 - 55 ---- + 150 35 3. thermal resistance f rom junction to ambient and junction to lead p.c.b.mounted on 0.27''x0.27''(7.0x7.0mm2) copper pad areas s u r f a ce m o unt r e c t i f i e r
ratings and characteristic curves es2aa thru ES2GA e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 t j =25 1 2 4 6 10 20 40 60 100 200 0.1 0.2 0.4 1 2 4 10 40 100 20 amperes amperes amperes junction capacitance,pf notes:1.rise time = 7ns max.input impedance = 1m .22pf. jjjjj 2.rise time =10ns max.source impedance=50 . instantaneous forward voltage, volts instantaneous forward curren t fig.1 -- test circuit diagram and reverse recovery time characteristic average forward current set time base for 20/30 ns/cm fig.2 -- typical forward characteristic fig.3 -- forward derating curve z fig.4 -- typical junction capacitance fig.5 -- peak forward surge current ambient temperature, peak forward surge curren t number of cycles at 60hz reverse voltage,volts pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) - 1 . 0 a - 0 . 25a 0 + 0 . 5 a t rr 1cm t j =25 0.01 0.1 1.0 10 1 0 0 0 0.4 0.8 1.0 1.8 pulse width=300 s 1% duty cycle 2.0 0 40 50 110100 30 5 8.3ms single half sine-wave 50 10 20 .5 1 1.5 2 2.5 0 25 50 75 100 125 150 single phase half wave 60h z resistive or inductive load 0 175 50v-400v 2.0a es2aa thru ES2GA s u r f a ce m o unt r e c t i f i e r


▲Up To Search▲   

 
Price & Availability of ES2GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X