Part Number Hot Search : 
2060CT ARF1733 0000T AKD5385A MC33897D APW706 M4T27 Z5243B
Product Description
Full Text Search
 

To Download ES2GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) sma/do-214ac features  glass passivated junction chip  for surface mounted application  low profile package  built-in strain relief  ideal for automated placement  easy pick and place  superfast recovery time for high efficiency  glass passivated chip junction  high temperature soldering: 260 o c/10 seconds at terminals  plastic material used carries underwriters laboratory classification 94v-0 mechanical data  cases: molded plastic  terminals: pure tin plated, lead free.  polarity: indicated by cathode band  packing: 12mm tape  weight: 0.0 64 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol es 2aa es 2ba es 2ca es 2da es 2fa es 2ga es 2ha es 2ja units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 420 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current see fig. 1 i (av) 2.0 a peak forward sur g e current, 8.3 ms sin g le half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @ 2.0a v f 0.95 1.3 1.7 v maximum dc reverse current @t a =25 o cat rated dc blocking voltage @ t a =100 o c i r 10 350 ua ua maximum reverse recovery time ( note 1 ) trr 35 ns typical junction capacitance ( note 2 ) cj 25 20 pf maximum thermal resistance (note 3) r ja r jl 75 20 o c /w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied v r =4.0 volts 3. units mounted on p.c.b. 0.2? x 0.2? (5mm x 5mm) pad areas es2aa-es2ja 2.0 amps. surface mount super fast rectifiers http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (es2aa thru es2ja) fig.3- maximum non-repetitive peak forward surge current peak forward surge current. (a) 1 10 100 60 40 20 10 0 50 30 number of cycles at 60hz 8.3ms single half sine wave (jedec method) at t =120 c l o fig.1- maximum forward current derating curve average forward current. (a) 80 90 100 120 140 150 130 110 0 2.0 3.0 1.0 lead temperature. ( c) o resistive or inductive load 0.2x0.2"(5.0x5.0mm) copper pad areas 1 0 0 10 100 60 40 20 10 50 30 fig.4- typical junction capacitance junction capacitance.(pf) reverse voltage. (v) es2aa-da es2fa-ja tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.2- typical reverse characteristics 0 20 40 60 80 100 120 140 10 100 1000 1 0.1 0.01 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=85 c 0 tj=25 c 0 instantaneous reverse current .( a) fig.5- typical instantaneous forward characteristics instantaneous forward current. (a) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.01 1 10 60 0.1 forward voltage. (v) es2aa-da es2fa-ga tj=25 c pulse width-300 s 1% duty cycle 0 es2ha-ja version: b07 fig.6- reverse recovery time characteristic and test circuit diagram 50 noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm es2aa-es2ja 2.0 amps. surface mount super fast rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of ES2GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X