Part Number Hot Search : 
H3AA009V SA7026DH HER30 T12N10G SI7705DN 78L06 AD1385 B3060
Product Description
Full Text Search
 

To Download ES2GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  es2aa thru es2ja surface mount super fast rectifier reverse voltage - 50 to 600 volts forward current - 2.0 ampere fea tures the plastic package carries underwriters laboratory flammability classification 94v-0 for surface mounted applications super fast switching for high ef ficiency low reverse leakage built-in strain relief,ideal for automated placement high forward surge current capability high temperature soldering guaranteed: 250/10 seconds at terminals maximum ra tings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. c h aract eri s t i c s y m bol es2aa u n i t p eak repet i t i v e revers e v o l t age w o rki ng p e a k revers e v o l t age dc b l ock i ng v o l t age v rrm v r w m v r 5 0 100 150 200 300 400 600 v r m s revers e v o l t age v r ( r m s ) 3 5 7 0 105 140 210 280 420 v a v erage rec t i f i ed o u t put current @ t c = 100 c i o 2.0 non-repet i t i v e p eak forw ard s urge current 8 . 3 m s s i ngl e hal f s i ne-w a v e s uperi m pos ed o n rat ed l oad (je d e c m e t hod) i f s m 50 a forward v o l t age @ i f = 2 . 0 a v f m 0 . 9 5 1 . 3 1 . 7 v p eak rev ers e current @ t a = 25 c a t rat e d dc b l ock i ng v o l t age @ t a = 100 c i r m 1 0 350 a revers e rec o very t i m e (not e 1 ) t r r n s t y p i c a l j u n c t i on capa c i t a n c e (no t e 2 ) c j 25 2 0 p f operat i ng and s t orage t e m perat ure range t j , t s t g -55 to +150 c not e : 1 . m eas ured w i t h i f = 0 . 5 a , i r = 1 . 0 a , i r r = 0 . 25a . 2 . m eas u r ed a t 1 . 0 m h z and applied r e v e r s e v o l t age o f 4 . 0 v d . c . es2ba es2ca es2da es2ea ES2GA es2ja a 35 dimensions in inches and (millimeters) sma(do-214ac) .0 5 5(1 . 40) . 06 2 (1. 9 0) .11 4 (2. 9 0) .0 9 8(2 . 50) .1 8 1(4 . 60) . 1 57( 4 .00) .01 2 (.3 0 5) .0 0 6(. 1 52) .0 0 2(. 0 51) .0 0 8(.2 0 3) . 20 8 (5. 6 0) .1 8 8(4. 8 0) . 0 79( 2 .0 0 ) .1 0 3( 3 .00) .06 0 (1. 5 2) .0 3 0( 0 .76) case : jedec do-214ac molded plastic body t erminals : solder plated, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any w eight :0.003 ounce, 0.093 grams mechanical data
es2aa thru es2ja ra tings and characteristic cur ves 0 10 20 30 1 10 100 r o f k a e p , i ) a ( t n e r r u c e g r u s d r a w m s f number of cycles a t 60hz fi g . 3 sur g e current deratin g curve single half-sine-w ave (jedec method) 40 50 60 0.1 1.0 10 100 1000 0 40 80 120 ( t n e r r u c e s r e v e r s u o e n a t n a t s n i , i ) a r percent of ra ted peak reverse vol t age (%) fi g . 4 t y pical reverse characteristics t = 125 c j t = 25 c j 0 0.8 1.6 25 50 75 100 125 150 175 r o f e g a r e v a , i ) a ( t n e r r u c d r a w o t , terminal tempera ture ( c) fi g . 1 forward current deratin g curve t 2.0 0.4 1.2 50v dc approx 50 ni (non-inductive) 10 ni 1.0 ni oscilloscope (note 1) pulse generator (note 2) device under t est t rr set time base for 50/100 ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise t ime=7.0ns max. input impedance=1.0m , 22pf . 2. rise t ime=10ns max. input impedance=50 . fi g . 5 reverse recover y t ime characteristic and t est circuit (+) (+) (-) (-) r o f s u o e n a t n a t s n i , i ) a ( t n e r r u c d r a w f v , inst ant aneous for w ard voltage (v) fi g . 2 t y pical forward characteristics f 0.01 0.1 1.0 10 0 0.4 0.8 1.2 1.6 t = 25 c j pulse width=300 s 2.4


▲Up To Search▲   

 
Price & Availability of ES2GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X