Part Number Hot Search : 
FB96F 2SB123 ML776H8F 2SD19 2SB849 ASM3P2 8112800 8AEMF713
Product Description
Full Text Search
 

To Download EPA240D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  excelics EPA240D data sheet high efficiency heterojunction power fet +33dbm typical output power 20.0 db typical power gain at 2ghz 0.4 x 2400 micron recessed mushroom gate si 3 n 4 passivation advanced epitaxial heterojunction profile provides extra high power efficiency, and high reliability idss sorted in 60ma per bin range electrical characteristics (t a = 25 o c) symbols parameters/test conditions min typ max unit p 1db output power at 1db compression f= 2ghz vds=8v, ids=50% idss f= 4ghz 31.0 33.0 33.0 dbm g 1db gain at 1db compression f= 2ghz vds=8v, ids=50% idss f= 4ghz 18.5 20.0 15.0 db pae power added efficiency at 1db compression vds=8v, ids=50% idss f=2ghz 55 % idss saturated drain current vds=3v, vgs=0v 440 720 940 ma gm transconductance vds=3v, vgs=0v 480 760 ms vp pinch-off voltage vds=3v, ids=6ma -1.0 -2.5 v bvgd drain breakdown voltage igd=2.4ma -11 -15 v bvgs source breakdown voltage igs=2.4ma -7 -14 v rth thermal resistance (au-sn eutectic attach) 23 o c/w maximum ratings at 25 o c symbols parameters absolute 1 continuous 2 vds drain-source voltage 12v 8v vgs gate-source voltage -8v -3v ids drain current idss 620ma igsf forward gate current 120ma 20ma pin input power 30dbm @ 3db compression tch channel temperature 175 o c 150 o c tstg storage temperature -65/175 o c -65/150 o c pt total power dissipation 6.0 w 5.0w note: 1. exceeding any of the above ratings may result in permanent damage. 2. exceeding any of the above ratings may reduce mttf below design goals. excelics semiconductor, inc., 2908 scott blvd., santa clara, ca 95054 phone: (408) 970-8664 fax: (408) 970-8998 web site: www.excelics.com chip thickness: 75 13 microns all dimensions in microns 104 620 72 155 75 100 94 410 d g ss
EPA240D data sheet high efficiency heterojunction po w er fet s- p arameters 8v, 1/2 ids s fr e q --- s 1 1 -- - --- s 2 1 -- - --- s 1 2 -- - --- s 2 2 --- (ghz ) m a g a ng m a g a n g m a g a ng m a g a ng 0.500 0.93 2 - 84. 1 15.62 2 132. 6 0.02 3 49. 4 0.26 7 - 50.6 1.000 0.88 5 - 124. 4 10.06 1 109. 7 0.02 9 33. 4 0.19 4 - 76.5 1.50 0 0.86 8 - 144.6 7.15 4 97. 1 0.03 1 27.8 0.16 5 - 92.0 2.00 0 0.86 1 - 156.7 5.49 6 88. 3 0.03 2 26.3 0.15 6 - 103.5 2.50 0 0.85 9 - 165.1 4.44 3 81. 3 0.03 3 26.8 0.15 8 - 113.0 3.00 0 0.85 8 - 171.6 3.72 0 75. 2 0.03 4 28.5 0.16 6 - 121.5 3.50 0 0.85 9 - 176.9 3.19 4 69. 7 0.03 4 30.9 0.17 9 - 129.2 4.00 0 0.86 0 178.6 2.79 4 64. 5 0.03 5 33.8 0.19 4 - 136.4 4.50 0 0.86 2 174.6 2.47 8 59. 5 0.03 7 36.8 0.21 2 - 143.3 5.00 0 0.86 4 171.0 2.22 3 54. 7 0.03 9 39.7 0.23 2 - 149.8 5.50 0 0.86 7 167.6 2.01 2 50. 0 0.04 1 42.4 0.25 5 - 156.0 6.00 0 0.87 0 164.4 1.83 3 45. 4 0.04 4 44.7 0.27 9 - 162.0 6.50 0 0.87 3 161.4 1.68 0 40. 9 0.04 8 46.5 0.30 4 - 167.8 7.00 0 0.87 7 158.5 1.54 6 36. 5 0.05 1 47.8 0.33 1 - 173.5 7.50 0 0.88 0 155.8 1.42 8 32. 2 0.05 5 48.5 0.35 9 - 178.9 8.00 0 0.88 4 153.1 1.32 3 27. 9 0.06 0 48.7 0.38 8 175.8 8.50 0 0.88 8 150.5 1.22 9 23. 8 0.06 5 48.5 0.41 7 170.6 9.00 0 0.89 2 147.9 1.14 3 19. 7 0.06 9 47.8 0.44 7 165.6 9.50 0 0.89 6 145.4 1.06 4 15. 7 0.07 4 46.8 0.47 7 160.7 10.00 0 0.90 0 143.0 0.99 3 11. 8 0.07 9 45.5 0.50 6 155.9 n o t e : t h e data inc l ud e d 0.7 mi l s diam e t e r a u b o ndin g w i r e s : 1 g at e w ir e s, 20 mi l s e ach; 1 drain w ir e s, 12 mi l s e ach; 4 s o urc e w ir e s, 7 mi l s e ach.


▲Up To Search▲   

 
Price & Availability of EPA240D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X