Part Number Hot Search : 
CY2272 BDT81 S30VT80 MC34071A CY2272 DG401DVZ E500C D9845
Product Description
Full Text Search
 

To Download EIM1314-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EIM1314-5 issued: 11/18/2008 13.75-14.50ghz mult i-stage power amplifier specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 3 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised november 2008 -5v excelics rf in -5v vd1 rf out vd2 gnd features ? 13.75? 14.50ghz operating frequency range ? 36.0dbm output power at 1db compression ? 26.0 db typical power gain @1db gain compression ? -43dbc typical oim3 @ each tone pout 23.0dbm ? non-hermetic metal flange package applications ? point-to-point and point-to-multipoint radio ? military radar systems caution! esd sensitive device. electrical characteristics (tb = 25 c, 50 ohm, vd1=7v, vd2=10v, vgg=-5v) symbol parameter/test conditions min typ max units f operating frequency range 13.75 14.50 ghz p1db output power at 1db gain compression 35.0 36.0 dbm g1db gain @1db gain compression 22 26 db oimd3 output 3 rd order intermodulation distortion @ ? f=10mhz, each tone pout 23.0dbm -43 -40 dbc input rl input return loss -12 -8 db output rl output return loss -15 -10 db vd1 drain supply voltage 1 7 v vd2 drain supply voltage 2 10 v i dq1 quiescent drain current 1 380 ma i dq2 quiescent drain current 2 2600 3100 ma vgg gate supply voltage -5 v rth thermal resistance 2.2 o c/w ? tch channel temperature rise -30 80 oc note: turn on/off sequence is required: ---to turn on: apply -5v on both vgg first, then +7v and +10v. ---to turn off: turn +7v and +10v off first, then turn -5v off EIM1314-5
EIM1314-5 issued: 11/18/2008 13.75-14.50ghz mult i-stage power amplifier specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 2 of 3 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised november 2008 maximum ratings @25c 1,2 symbol characteristic absolute continuous 1,2 v d1 drain supply voltage 1 12v 8v v d2 drain supply voltage 2 14v 10v v gg gate supply voltage -10v -6 v i gg gate current 150ma 50 ma p in input power 20dbm @ 3db compression t ch channel temperature 175c 175c t stg storage temperature -65/175c -65/175c p t total power dissipation 45w 40w notes: 1. operating the device beyond any of th e above rating may reduce mttf and cause permanent damage. 2. bias conditions must also satisfy the following equation vdd*idd < (t ch ?tb)/r th package dimension and pin assignment gnd excelics rf out vd2 .669 .827 -5v rf in vd1 -5v .105 .920 .412 .412 .206 .920 0.060x0.060 r0.063 (4 plcs) .120 min .020 .100 .004 .063 .157 .177 dimensions are in inches EIM1314-5
EIM1314-5 issued: 11/18/2008 13.75-14.50ghz mult i-stage power amplifier specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 3 of 3 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised november 2008 disclaimer excelics semiconductor reserves the right to make changes without further notice to any products herein to improve reliabil ity, function or design. excelics does not assume any liability arising ou t of the application or use of any produc t or circuit described herein. life support policy excelics semiconductor products are not authorized for use as critical components in life support devices or systems with out the express written approval of excelics semiconductor, inc. as here in: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perf orm when properly used in accordance with instructions for use provided in the labeling, can be reasonably expect ed to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support dev ice or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of EIM1314-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X