Part Number Hot Search : 
RB751 MAX16903 AD9642 PXAG37 MAX96 IC16C773 74C926 09H57AD
Product Description
Full Text Search
 

To Download D75316 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? nec corporation 1991 document no. ic-2825a (o. d. no. ic-8270a) date published december 1993 p printed in japan data sheet mos integrated circuit m pd75312(a), 75316(a) the information in this document is subject to change without notice. the mark h shows major revised points. description the m pD75316(a) is one of the 75x series 4-bit single-chip microcomputer having a built-in lcd controller/ driver, and has a data processing capability comparable to that of an 8-bit microcomputer. in addition to high-speed operation with 0.95 m s minimum instruction execution time for the cpu, the m pD75316(a) can also process data in 1-, 4-, and 8-bit units. therefore, as a 4-bit single-chip microcomputer chip having a built-in lcd panel controller/driver, its data processing capability is the highest in its class in the world. detailed functions are described in the following user's manual. be sure to read it for designing. m pd75308 user's manual: iem-5016 features higher reliability than m pD75316 internal memory ? program memory (rom) : 16256 8 bits ( m pD75316(a)) : 12160 8 bits ( m pd75312(a)) ? data memory : 512 4 bits capable of high-speed operation and variable instruction execution time to power save ? 0.95 m s, 1.91 m s, 15.3 m s (operating at 4.19 mhz) ? 122 m s (operating at 32.768 khz) 75x architecture comparable to that for an 8-bit microcomputer is employed built-in programmable lcd controller/driver clock operation at reduced power dissipation: 5 m a typ. (operating at 3 v) enhanced timer function (3 channels) interrupt functions especially enhanced for applications, such as remote control receiver pull-up resistors can be provided for 31 i/o lines built-in nec standard serial bus interface (sbi) upgraded model of m pd7514 ( m pd7500 series) prom version ( m pd75p316, m pd75p316a) available applications suitable for controlling automotive and transportation equipment. the m pD75316(a) is treated as the representative model throughout this document, unless there are differences between m pd75312(a) and m pD75316(a) functions. 4-bit single-chip microcomputer
m pd75312(a), 75316(a) 2 ordering information part number package quality grade m pd75312gf(a)-xxx-3b9 80-pin plastic qfp (14 20 mm) special m pD75316gf(a)-xxx-3b9 80-pin plastic qfp (14 20 mm) special remarks : xxx is rom code number. please refer to quality grade on nec semiconductor devices (document number iei-1209) published by nec corporation to know the specification of quality grade on the devices and its recommended applications. difference between m pD75316(a) and m pD75316 product m pD75316(a) m pD75316 item quality grade special standard directly driving led not offered offered absolute maximum ratings differ in high-level output currrent and low-level output current dc characteristics differ in low-level output voltage electrical characteristics
m pd75312(a), 75316(a) 3 functional outline (1/2) item function number of basic 41 instructions instruction cycle ? 0.95 m s, 1.91 m s, 15.3 m s (main system clock: operating at 4.19 mhz) ? 122 m s (subsystem clock: operating at 32.768 khz) rom 16256 8-bit ( m pD75316(a)), 12160 8-bit ( m pd75312(a)) ram 512 4 bits general-purpose ? 4-bit manipulation: 8 (b, c, d, e, h, l, x, a) registers ? 8-bit manipulation: 4 ( bc, de, hl, xa) accumulator ? bit accumulator (cy) ? 4-bit accumulator (a) ? 8-bit accumulator (xa) instruction set ? abundant bit manipulation instructions ? efficient 4-bit data manipulation instructions ? 8-bit data transfer instructions ? geti instruction executing 2-/3-byte instruction with a single byte i/o line 40 8 cmos input pins pull-up by software is possible. : 23 16 cmos input/output pins 8 cmos output pins also serve as segment pins 8 n-ch open-drain input/output withstand voltage: 10 v pull-up by mask option is possible. : 8 lcd controller/ ? segment number selection: 24/28/32 segments driver (4/8 pins can also be used as bit ports.) ? display mode selection: static, 1/2 duty, 1/3 duty (1/2 bias), 1/3 duty (1/3 bias), 1/4 duty ? dividing resistor for lcd driving can be built-in by mask option. supply voltage v dd = 2.7 to 6.0 v range internal memory timer 3 chs ? 8-bit timer/event counter ? clock source: 4 steps ? event count is possible ? 8-bit basic interval timer ? reference time generation: 1.95 ms, 7.82 ms, 31.3 ms, 250 ms (operating at 4.19 mhz) ? can be used as watchdog timer ? watch timer ? generates 0.5-second time intervals ? count clock source: main system clock or subsystem clock (selectable) ? watch fast forward mode (generates 3.9-ms time intervals) ? buzzer output (2 khz)
m pd75312(a), 75316(a) 4 functional outline (2/2) item function 8-bit serial interface ? three modes: ? 3-line serial i/o mode ? 2-line serial i/o mode ? sbi mode ? lsb/msb first selectable bit sequential special bit manipulation memory: 16 bits buffer ? ideal for remote controller clock output timer/event counter output (pto0): output of square wave at specified frequency function clock output (pcl): f, 524, 262, 65.5 khz (operating at 4.19 mhz) buzzer output (buz): 2 khz (operating at 4.19 mhz or 32.768 khz) vector interrupt ? external: 3 ? internal: 3 test input ? external: 1 ? internal: 1 system clock ? ceramic/crystal oscillator circuit for main system clock oscillation: 4.194304 mhz oscillator circuit ? crystal oscillator circuit for subsystem clock oscillation: 32.768 khz standby stop/halt mode package 80-pin plastic qfp (14 20 mm)
m pd75312(a), 75316(a) 5 contents 1. pin configuration (top view) ................................................................................................ 7 2. block diagram ........................................................................................................................... 8 3. pin functions .............................................................................................................................. 9 3.1 port pins ............................................................................................................................................. 9 3.2 non port pins ................................................................................................................................... 11 3.3 pin input/output circuits ........................................................................................................... 13 3.4 recommended processing of unused pins .......................................................................... 15 3.5 notes on using the p00/int4, and reset pins ...................................................................... 16 4. memory configuration .......................................................................................................... 16 5. peripheral hardware functions ........................................................................................ 20 5.1 ports .................................................................................................................................................... 20 5.2 clock generator circuit ............................................................................................................ 21 5.3 clock output circuit .................................................................................................................... 22 5.4 basic interval timer ..................................................................................................................... 23 5.5 watch timer ...................................................................................................................................... 24 5.6 timer/event counter ..................................................................................................................... 25 5.7 serial interface .............................................................................................................................. 27 5.8 lcd controller/driver .................................................................................................................. 29 5.9 bit sequential buffer ................................................................................................................... 31 6. interrupt functions ................................................................................................................ 31 7. standby functions .................................................................................................................. 33 8. reset function ........................................................................................................................... 34 9. instruction set ......................................................................................................................... 36 10. selection of mask option ..................................................................................................... 42 11. electrical specifications ...................................................................................................... 43 12. package drawings ................................................................................................................... 55
m pd75312(a), 75316(a) 6 13. recommended soldering conditions ............................................................................... 57 appendix a. comparision of features among this series products ..................... 58 appendix b. development tools .............................................................................................. 59 appendix c. related documents .............................................................................................. 60
m pd75312(a), 75316(a) 7 p00-p03 : port 0 s0-s31 : segment output 0-31 p10-p13 : port 1 com0-com3 : common output 0-3 p20-p23 : port 2 v lc0 -v lc2 : lcd power supply 0-2 p30-p33 : port 3 bias : lcd power supply bias control p40-p43 : port 4 lcdcl : lcd clock p50-p53 : port 5 sync : lcd synchronization p60-p63 : port 6 ti0 : timer input 0 p70-p73 : port 7 pto0 : programmable timer output 0 bp0-bp7 : bit port buz : buzzer clock kr0-kr7 : key return pcl : programmable clock sck : serial clock int0, int1, int4 : external vectored interrupt 0, 1, 4 si : serial input int2 : external test input 2 so : serial output x1, x2 : main system clock oscillation 1, 2 sb0, sb1 : serial bus 0,1 xt1, xt2 : subsystem clock oscillation 1, 2 reset : reset input nc : no connection 1. pin configuration (top view) s12 pD75316gf(a) ?b9 m v lc0 s11 1 80 2 p70/kr4 78 77 76 75 74 73 72 71 69 68 67 66 65 s10 s9 s8 s7 s6 s5 s4 s3 s2 s1 s0 reset p73/kr7 p72/kr6 p71/kr5 s13 s14 s15 s16 s17 s18 s19 s20 s21 s22 s23 s24/bp0 s25/bp1 s26/bp2 s27/bp3 s28/bp4 s29/bp5 s30/bp6 s31/bp7 com0 com1 com2 com3 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 bias v lc1 v lc2 p40 p41 p42 p43 v ss p50 p51 p52 p53 p00/int4 p01/sck p02/so/sb0 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 p63/kr3 p62/kr2 p61/kr1 p60/kr0 x2 x1 nc xt2 xt1 v dd p33 p32 p31/sync p30/lcdcl p23/buz p22/pcl p21 p20/pto0 p13/ti0 p12/int2 p11/int1 p10/int0 p03/si/sb1 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 pd75312gf(a) ?b9 m 79 70
m pd75312(a), 75316(a) 8 2. block diagram ti0/p13 basic interval timer intbt timer/event counter #0 intt0 pto0/p20 buz/p23 watch timer intw f lcd intcsi clocked serial interface si/sb1/p03 so/sb0/p02 sck/p01 program counter (14) alu cy sp (8) bank int0/p10 int1/p11 int2/p12 int4/p00 kr0/p60 ?r7/p73 8 interrupt control bit seq. buffer (16) program memory (rom) 16256 8 bits : pD75316(a) 12160 8 bits : pd75312(a) decode and control general reg. data memory (ram) 512 4 bits f /2 x n v dd v ss reset pcl/p22 xt1 xt2 x1 x2 sub main clock output control clock divider system clock generator stand by control cpu clock f lcd sync/p31 lcdcl/p30 bias v -v lc0 lc2 3 lcd controller /driver 4 8 24 com0-com3 s24/bp0 -s31/bp7 s0-s23 port 7 p70-p73 4 port 6 p60-p63 4 port 5 p50-p53 4 port 4 p40-p43 4 port 3 p30-p33 4 port 2 p20-p23 4 port 1 p10-p13 4 port 0 p00-p03 4 m m
m pd75312(a), 75316(a) 9 3. pin functions 3.1 port pins (1/2) input/ output circuit type p00 p01 p02 p03 p10 p11 p12 p13 p20 p21 p22 p23 p30 p31 p32 p33 p40-43 p50-53 pin name input/output function 8-bit i/o when reset also served as int4 sck so/sb0 si/sb1 int0 int1 int2 ti0 pto0 pcl buz lcdcl sync 4-bit input port (port0) pull-up resistors can be specified in 3-bit units for the p01 to p03 pins by software. with noise elimination function 4-bit input port (port1) internal pull-up resistors can be specified in 4-bit units by software. 4-bit input/output port (port2) internal pull-up resistors can be specified in 4-bit units by software. programmable 4-bit input/output port (port3) this port can be specified for input/ output in bit units. internal pull-up resistors can be specified in 4-bit units by software. n-ch open-drain 4-bit input/output port (port4) internal pull-up resistors can be specified in bit units. (mask option) withstand voltage is 10 v in the open- drain mode. n-ch open-drain 4-bit input/output port (port5) internal pull-up resistors can be specified in bit units. (mask option) withstand voltage is 10 v in the open- drain mode. input input input input high level (with internal pull-up resistor) or high imped- ance b b -c e-b e-b m m *: circles indicate schmitt trigger inputs. input input/ output input/ output input/ output input input/ output input/ output input/ output input/ output l l f -a m -c f -b high level (with internal pull-up resistor) or high imped- ance *
m pd75312(a), 75316(a) 3 p60 p61 p62 p63 p70 p71 p72 p73 bp0 bp1 bp2 bp3 bp4 bp5 bp6 bp7 kr0 kr1 kr2 kr3 kr4 kr5 kr6 kr7 s24 s25 s26 s27 s28 s29 s30 s31 l l also served as 3.1 port pins (2/2) input/ output circuit type* 1 programmable 4-bit input/output port (port6) this port can be specified for input/ output in bit units. internal pull-up resistors can be specified in 4-bit units by software. input f -a 4-bit input/output port (port7) internal pull-up resistors can be specified in 4-bit units by software. input f -a pin name input/output function 8-bit i/o when reset 1-bit output port (bit port) shared with a segment output pin. *2 g-c input/ output input/ output output output *1: circles indicate schmitt trigger inputs. 2: for bp0-7, v lc1 indicated below are selected as the input source. however, the output level is changed depending on bp0-7 and the v lc1 external circuits. example: since bp0-7 are connected to each other within the m pD75316(a) as shown in the diagram below, the output level of bp0-7 depends on the sizes of r 1 , r 2 and r 3 . pD75316(a) m on on bp0 bp1 v dd r 2 r 3 v lc1 r 1 10
m pd75312(a), 75316(a) 11 ti0 pto0 pcl buz sck so/sb0 si/sb1 int4 int0 int1 int2 kr0-kr3 kr4-kr7 s0-s23 s24-s31 com0- com3 v lc0 -v lc2 bias lcdcl* 4 sync* 4 x1, x2 xt1 xt2 input input/ output input/ output input/ output input/ output input/ output input/ output input input input input/ output input/ output output output output output input/ output input/ output input input p13 p20 p22 p23 p01 p02 p03 p00 p10 p11 p12 p60-p63 p70-p73 bp0-7 p30 p31 input input input input input input input input input input input input *2 *2 *2 *3 input input b -c e-b e-b e-b f -a f -b m -c b b -c b -c f -a f -a g-a g-c g-b e-b e-b pin name input/output also served as functon when reset input/ output circuit type* 1 3.2 non port pins timer/event counter external event pulse input timer/event counter output clock output fixed frequency output (for buzzer or for trim- ming the system clock) serial clock input/output serial data output serial bus input/output serial data input serial bus input/output edge detection vector interrupt input (both rising and falling edge detection are effective) edge detection vector interrupt input (detection edge can be selected) edge detection testable input (rising edge detection) parallel falling edge detection testable input parallel falling edge detection testable input segment signal output segment signal output common signal output lcd drive power internal dividing resistor (mask option) disconnect output for external expanded driver externally expanded driver clock output externally expanded driver sync clock output to connect the crystal/ceramic oscillator to the main system clock generator. when inputting the external clock, input the external clock to pin x1, and the reverse phase of the external clock to pin x2. to connect the crystal oscillator to the subsystem clock generator. when the external clock is used, pin xt1 inputs the external clock. in this case, pin xt2 must be left open. pin xt1 can be used as a 1-bit input (test) pin. clock synchronous asynchronous asynchronous (to be cont'd)
m pd75312(a), 75316(a) 12 also served as (cont'd) input/ output circuit type* 1 pin name input/output function when reset reset nc * 5 v dd v ss input system reset input no connection positive power supply gnd b *1: circles indicate schmitt trigger inputs. 2: for these display output, v lcx indicated below are selected as the input source. s0 to s31: v lc1 , com0 to com2: v lc2 , com3: v lc0 however, display output level varies depending on the particular display output and v lcx external circuit. 3: internal dividing resistor provided : low level internal dividing resistor not provided : high impedance 4: these pins are provided for future system expansion. at present, these pins are used only as pins p30 and p31. 5: when sharing the printed circuit board with the m pd75p316 and 75p316a, the nc pin must be connected to v dd .
m pd75312(a), 75316(a) 13 3.3 pin input/output circuits the following shows a simplified input/output circuit diagram for each pin of the m pD75316(a). type a (for type e?) type d (for type e b, f type b type e? in v dd input buffer of cmos standard data output disable out p?h n?h push?ull output that can be set in a output high?mpedance state (both p?h and n?h are off) in schmitt trigger input with hysteresis characteristics data output disable type d type a p.u.r. enable v dd p.u.r. p?h in/out p.u.r. : pull?p resistor p.u.r. enable v dd p.u.r. p?h type b? type f? in data output disable type d type b p.u.r. enable v dd p.u.r. p?h in/out p.u.r. : pull?p resistor p.u.r. : pull ?p resistor a) v dd p?h n?h
m pd75312(a), 75316(a) 14 p-ch type m? data output disable p.u.r. enable v dd p.u.r. in/out p?h n-ch type f? type m data output disable p.u.r. enable v dd in/out middle voltage input buffer (withstand voltage: +10 v) p.u.r. : pull?p resistor data output disable p.u.r. enable v dd p.u.r. p?h n-ch p-ch output disable (p) output disable (n) v dd (mask option) p.u.r. : pull?p resistor in/out type g c type g? p.u.r. : pull?p resistor type g? v dd v lc0 v lc0 v lc1 v lc2 seg data/bit port data p-ch n-ch out n-ch v lc1 v lc2 p-ch p-ch n-ch out n-ch v lc0 v lc1 v lc2 p-ch n-ch seg data com data out p-ch n-ch n-ch p-ch n-ch
m pd75312(a), 75316(a) 15 3.4 recommended processing of unused pins connect to v ss table 3-1 unused pins processing pin recommended connections p00/int4 connect to v ss p01/sck p02/so/sb0 connect to v ss or v dd p03/si/sb1 p10/int0-p12/int2 p13/ti0 p20/pto0 p21 p22/pcl p23/buz p30/lcdcl p31/sync input : connect to v ss or v dd p32 output: open p33 p40-p43 p50-p53 p60/kr0-p63/kr3 p70/kr4-p73/kr7 s0-s23 s24/bp0-s31/bp7 open com0-com3 v lc0 -v lc2 connect to v ss bias connect to v ss only when all of the v lc0 -v lc2 pins are unused, otherwise, open. xt1 connect to v ss or v dd xt2 open
m pd75312(a), 75316(a) 16 3.5 notes on using the p00/int4, and reset pins in addition to the functions described in sections 3.1 and 3.2, an exclusive function for setting the test mode, in which the internal fuctions of the m pD75316(a) are tested, is provided to the p00/int4 and reset pins. if a voltage exceeding v dd is applied to either of these pins, the m pD75316(a) is put into test mode. therefore, even when the m pD75316(a) is in normal operation, if noise exceeding the v dd is input into any of these pins, the m pD75316(a) will enter the test mode, and this will cause problems for normal operation. as an example, if the wiring to the p00/int4 pin or the reset pin is long, stray noise may be picked up and the above montioned problem may occur. therefore, all wiring to these pins must be made short enough to not pick up stray noise. if noise cannot be avoided, suppress the noise using a capacitor or diode as shown in the figure below. connect a diode having a low v f across p00/int4 and reset, and v dd . connect a capacitor across p00/int4 and reset, and v dd . 4. memory configuration program memory (rom) ...16256 8 bits (0000h-3f7fh): m pD75316(a) ...12160 8 bits (0000h-2f7fh): m pd75312(a) ? 0000h, 0001h : vector table to which address from which program is started is written after reset ? 0002h-000bh: vector table to which address from which program is started is written after interrupt ? 0020h-007fh : table area referenced by geti instruction data memory ? data area .... 512 4 bits (000hC1ffh) ? peripheral hardware area .... 128 4 bits (f80hCfffh) v dd v dd p00/int4, reset v dd v dd p00/int4, reset low v f diode
m pd75312(a), 75316(a) 17 (a) m pD75316(a) address 7 6 5 0 0000h mbe 0 0002h mbe 0 0004h mbe 0 0006h mbe 0 0008h mbe 0 000ah mbe 0 0020h 007fh 0080h 07ffh 0800h 0fffh 1000h 1fffh 2000h 2fffh 3000h 3f7fh internal reset start address (upper 6 bits) internal reset start address (lower 8 bits) intbt/int4 start address (upper 6 bits) intbt/int4 start address (lower 8 bits) int0 start address (upper 6 bits) int0 start address (lower 8 bits) int1 start address (upper 6 bits) int1 start address (lower 8 bits) intcsi start address (upper 6 bits) intcsi start address (lower 8 bits) intt0 start address (upper 6 bits) intt0 start address (lower 8 bits) geti instruction reference table callf ! faddr instruction entry address brcb ! caddr instruction branch address call ! addr instruction subroutine entry address br ! addr instruction branch address br $addr instruction relational branch address (-15 to -1, +2 to +16) branch destination address and subroutine entry address for geti instruction brcb ! caddr instruction branch address brcb ! caddr instruction branch address brcb ! caddr instruction branch address fig. 4-1 program memory map (1/2)
m pd75312(a), 75316(a) 18 (b) m pd75312(a) address 7 6 5 0 0000h mbe 0 0002h mbe 0 0004h mbe 0 0006h mbe 0 0008h mbe 0 000ah mbe 0 0020h 007fh 0080h 07ffh 0800h 0fffh 1000h 1fffh 2000h 2f7fh internal reset start address (upper 6 bits) internal reset start address (lower 8 bits) intbt/int4 start address (upper 6 bits) intbt/int4 start address (lower 8 bits) int0 start address (upper 6 bits) int0 start address (lower 8 bits) int1 start address (upper 6 bits) int1 start address (lower 8 bits) intcsi start address (upper 6 bits) intcsi start address (lower 8 bits) intt0 start address (upper 6 bits) intt0 start address (lower 8 bits) geti instruction reference table callf ! faddr instruction entry address brcb ! caddr instruction branch address call ! addr instruction subroutine entry address br ! addr instruction branch address br $addr instruction relational branch address (-15 to -1, +2 to +16) branch destination address and subroutine entry address for geti instruction brcb ! caddr instruction branch address brcb ! caddr instruction branch address fig. 4-1 program memory map (2/2)
m pd75312(a), 75316(a) 19 000h 007h 008h 0ffh 100h 1dfh 1e0h 1ffh f80h fffh data memory memory bank (8 4) 256 4 (248 4) 256 4 (224 4) unmapped (32 4) 128 4 0 1 15 general-purpose register area stack area display data memory area data area static ram (512 4) peripheral hardware area fig. 4-2 data memory map
m pd75312(a), 75316(a) 20 5. peripheral hardware functions 5.1 ports i/o ports are classified into the following 4 kinds: cmos input (port0, 1) : 8 cmos input/output (port2, 3, 6, 7) : 16 n-ch open-drain (port4, 5) : 8 cmos output (bp0-bp7) : 8 total : 40 port name port0 port1 port2 port7 port3 port6 port4 port5 bp0-bp7 function 4-bit input 4-bit input/output 4-bit input/output (n-ch open-drain, 10 v) 1-bit output operation and feature can be always read or tested regardless of opera- tion mode of multiplexed pin. can be set in input or output mode in 4-bit units. ports 6 and 7 are used in pairs to input/output data in 8-bit units. can be set in input or output mode in 1-bit units. can be set in input or output mode in 4-bit units. ports 4 and 5 are used in pairs to input/output data in 8-bit units. output data in 1-bit units. can be used as lcd drive segment output pins s24-s31 through software. remarks multiplexed with int4, sck, so/sb0, and si/sb1 multiplexed with int0- int2 and ti0 multiplexed with pto0, pcl, and buz multiplexed with kr4-kr7 multiplexed with lcdcl and sync multiplexed with kr0-kr3 can be connected to a pull-up resistor in 1-bit units by using mask option. low drive capability for driving cmos load
m pd75312(a), 75316(a) 21 5.2 clock generator circuit the operation of the clock generator circuit is determined by the processor clock control regiser (ppc) and system clock control register (scc). this circuit can generate two types of clocks: main system clock and subsystem clock. in addition, it can also change the instruction execution time. 0.95 m s/1.91 m s/15.3 m s (main system clock: 4.19 mhz) 122 m s (subsystem clock: 32.768 khz) remarks 1: f x = main system clock frequency 2: f xt = subsystem clock frequency 3: pcc: processor clock control register 4: scc: system clock control register 5: *: instruction execution. 6: one clock cysle (t cy ) of f is one machine cycle of an instruction. for t cy , refer to ac characteristics in 11. electrical specifications. fig. 5-1 clock generator block diagram v dd v dd xt1 xt2 x1 x2 f xt f x lcd controller /driver watch timer subsystem clock oscillator main system clock oscillator 1/2 1/16 1/8 to 1/4096 frequency divider ?basic interval timer (bt) ?timer/event counter ?serial interface ?watch timer ?lcd controller/driver ?int0 noise rejecter circuit ?clock output circuit internal bus wm.3 scc scc3 scc0 pcc pcc0 pcc1 pcc2 pcc3 halt* stop* 4 pcc2, pcc3 clear signal stop f/f qs r q s r halt f/f oscillator disable signal frequency divider 1/4 selector selector f ?cpu ?int0 noise rejecter circuit ?clock output circuit wait release signal from bt reset signal standby release signal from interrupt control circuit h
m pd75312(a), 75316(a) 22 selector output buffer pcl/p22 bit 2 of pmgb port2.2 port 2 input/ output mode specification bit p22 output latch internal bus clom3 0 clom1 clom0 clom 4 f f x /2 3 f x /2 4 f x /2 6 from the clock generator fig. 5-2 clock output circuit configuration remarks: a measures to prevent outputting narrow width pulse when selecting clock output enable/ disable is taken. 5.3 clock output circuit the clock output circuit outputs clock pulse from the p22/pcl pin. this clock pulse is used for the remote control output, peripheral lsis, etc. clock output (pcl) : f , 524, 262, 65.5 khz (operating at 4.19 mhz) buzzer output (buz ) : 2 khz (operating at 4.19 mhz or 32.768 khz) fig. 5-2 shows the clock output circuit configuration.
m pd75312(a), 75316(a) 23 5.4 basic interval timer the basic interval timer has these functions: interval timer operation which generates a reference time interrupt watchdog timer application which detects a program runaway selects the wait time for releasing the standby mode and counts the wait time reads out the count value remarks : *: instruction execution fig. 5-3 basic interval timer configuration from the clock generator f x /2 5 f x /2 7 f x /2 9 f x /2 12 mpx clear basic interval timer (8-bit frequency divider circuit) 3 4 8 bt clear set signal bt interrupt request flag irqbt wait release signal for standby release vector interrupt request signal internal bus btm3 btm2 btm1 btm0 btm set1*
m pd75312(a), 75316(a) 24 5.5 watch timer the m pD75316(a) has a built-in 1-ch watch timer. the watch timer is configured as shown in fig. 5-4. sets the test flag (irqw) with 0.5 sec interval. the standby mode can be released by irqw. 0.5 second interval can be generated either from the main system clock or subsystem clock. time interval can be advanced to 128 times faster (3.91 ms) by setting the fast mode. this is convenient for program debugging, test, etc. fixed frequency (2.048 khz) can be output to the p23/buz pin. this can be used for beep and system clock frequency trimming. the frequency divider circuit can be cleared so that zero second watch start is possible. wm7 0 0 0 wm3 wm2 wm1 wm0 selector frequency divider f w 2 6 (512 hz: 1.95 ms) f w 2 7 (256 hz: 3.91 ms) f lcd intw (irqw set signal) f w 2 14 (2 hz 0.5 sec) selector f w (32.768 khz) f w 16 (2.048 khz) clear f x 128 (32.768 khz) f xt (32.768 khz) from the clock generator wm port2.3 bit 2 of pmgb output buffer p23/buz p23 output latch port 2 input/output mode bit test instruction 8 internal bus ( ) is for f x = 4.194304 mhz, f xt = 32.768 khz. fig. 5-4 watch timer block diagram
m pd75312(a), 75316(a) 25 5.6 timer/event counter the m pD75316(a) has a built-in 1-ch timer/event counter. the timer/even counter has these functions: programmable interval timer operation outputs square-wave signal of an arbitrary frequency to the pto0 pin. event counter operation divides the ti0 pin input in n and outputs to the pto0 pin (frequency divider operation). supplies serial shift clock to the serial interface circuit. count condition read out function
m pd75312(a), 75316(a) 26 internal bus 8 8 set1* tm06 tm05 tm04 tm03 tm02 tm0 port1.3 input buffer p13/ti0 from the clock generator mpx timer operation start signal cp 8 8 modulo register (8) comparator (8) count register (8) clear t0 tmod0 reset toe0 port2.0 bit 2 of pgmb to serial interface p20/pto0 intt0 irqt0 set signal () reset irqt0 clear signal output buffer tout f/f to enable flag p20 output latch port 2 input/ output mode coinci- dence 8 fig. 5-5 timer/event counter block diagram 1 * 2 *1: set1: instruction execution 2: for details, refer to fig. 5-1.
m pd75312(a), 75316(a) 27 5.7 serial interface the m pD75316(a) is equipped with an 8-bit clocked serial interface that operates in the following three modes: three-line serial i/o mode two-line serial i/o mode sbi mode (serial bus interface mode)
m pd75312(a), 75316(a) 28 internal bus 8/4 8 88 csim p03/si/sb1 p02/so/sb0 p01/sck p01 output latch selector selector bit test slave address register (sva) address comparator shift register (sio) set clr bit manipulation (8) (8) coincidence signal sbic relt cmdt so latch bit test ackt acke bsye busy/ acknowledge output circuit bus release/ command/ acknowledge detector circuit reld cmdd ackd serial clock counter serial clock control circuit intcsi control circuit serial clock selector i ntcsi irqcsi set signal ( ) dq f x /2 3 f x /2 4 f x /2 6 tout f/f (from timer/ event counter) external sck (8) fig. 5-6 serial interface block diagram
m pd75312(a), 75316(a) 29 5.8 lcd controller/driver the m pD75316(a) is provided with a display controller that generates segment and common signals and a segment driver and a common driver that can directly drive an lcd panel. figure 5-7 shows the lcd controller/driver configuration. these lcd controller and drivers have the following functions: generate segment and common signals by automatically reading the display data memory by means of dma five display modes selectable static 1/2 duty (1/2 bias) a 1/3 duty (1/2 bias) 1/3 duty (1/3 bias) ? 1/4 duty (1/3 bias) four types of frame frequencies selectable in each display mode up to 32 segment signals (s0-s31) and four common signals (com0-com3) can be output. four segment signal output pins (s24-s27, s28-s31) can be used as an output port (bp0-bp3, bp4-bp7). dividing resistor for lcd driving power source can be provided (by mask option). ? all bias modes and lcd drive voltages can be used. ? current flowing to dividing resistor can be cut when display is off. display data memory not used for display can be used as ordinary data memory. can also operate on subsystem clock. 4
m pd75312(a), 75316(a) 30 internal bus 1ffh 3210 display data memory 3210 1feh 3210 3210 1f9h 3210 3210 1f8h 3210 3210 1ech 3210 3210 multi- plexer selector s31/bp7 common driver s30/bp6 s24/bp0 s23 s0 com3 com2 com1 com0 v p31/ sync lc2 v lc1 v lc0 lcd driving voltage control p30/ lcdcl timing controller f lcd display mode register display control register port 3 out- put latch 10 port mode re- gister group a 10 48448 fig. 5-7 lcd controller/driver block diagram segment driver
m pd75312(a), 75316(a) 31 5.9 bit sequential buffer .... 16 bits the bit sequential buffer is a data memory specifically provided for bit manipulation. with this buffer, addresses and bit specifications can be sequentially up-dated in bit manipulation operation. therefore, this buffer is very useful for processing long data in bit units. remarks: for the pmem.@l addressing, the specification bit is shifted according to the l register. fig. 5-8 bit sequential buffer format 6. interrupt functions the m pD75316(a) has 6 different interrupt sources and multiple interrupt by software control is also possible. the m pD75316(a) is also provided with two types of test sources, of which int2 has two types of edge detection testable inputs. the interrupt control circuit of the m pD75316(a) has these functions: hardware controlled vector interrupt function which can control whether or not to accept an interrupt by using the interrupt flag (iexxx) and interrupt master enable flag (ime). the interrupt start address can be arbitrarily set. interrupt request flag (irqxxx) test function (an interrupt generation can be confirmed by means of software). standby mode release (interrupts to be released can be selected by the interrupt enable flag). address bit symbol l register 32103210 32103210 l = f l = c l = b l = 8 l = 7 l = 4 l = 3 l = 0 bsb3 bsb2 bsb1 bsb0 decs l incs l fc3h fc2h fc1h fc0h
m pd75312(a), 75316(a) 32 internal bus 213 im2 im1 im0 irqbt int4 /p00 int0 /p10 int1 /p11 int2 /p12 kr0/p60 kr7/p73 noise elimination circuit int bt intcsi intt0 intw selector both edge detection circuit edge detection circuit edge detection circuit rising edge detection circuit falling edge detection circuit irq4 irq0 irq1 irqcsi irqt0 irqw irq2 im2 interrupt enable flag (ie ) ime vrqn decoder ist0 priority control circuit vector table address generator standby release signal fig. 6-1 interrupt control block diagram
m pd75312(a), 75316(a) 33 an interrupt request signal from a hardware whose operation is enabled by the interrupt enable flag or the reset signal input can operate only when the external sck input is selected for the serial clock 7. standby functions the m pD75316(a) has two different standby modes (stop mode and halt mode) to reduce the power consumption while waiting for program execution. table 7-1 each status in standby mode stop instrtuction halt instruction can be set either with the main system clock or the subsystem clock only the main system clock stops its operation. only the cpu clock f stops its operation. (oscillation continues) no operation operation (sets irqbt at reference time interval) * stop mode halt mode can be set only when operating on the main system clock can operate * can operate only when the ti0 pin input is selected for the count clock can operate * can operate can operate when f xt is selected for the count clock can operate can operate only when f xt is selected for lcdcl int1, int2, and int4 can operate. only int0 cannot operate. no operation clock generator basic interval timer serial interface timer/event counter watch timer lcd controller external interrupt cpu setting instruction operation status system clock for setting release signal *: operation is possible only when the main system clock is operating. an interrupt request signal from a hardware whose operation is enabled by the interrupt enable flag or the reset signal input
m pd75312(a), 75316(a) 34 8. reset function when the reset signal is input, the m pD75316(a) is reset and each hardware is initialized as indicated in table 8-1. fig. 8-1 shows the reset operation timing. reset input wait (31.3ms/4.19mhz) operation mode or standby mode halt mode operation mode internal reset operation fig. 8-1 reset operation by reset input hardware reset input in standby mode reset input during operation program counter (pc) the contents of the lower 6 bits of address 0000h of the program memory are set to pc13-8, and the contents of address 0001h are set to pc7-0. the contents of the lower 6 bits of address 0000h of the program memory are set to pc13-8, and the contents of address 0001h are set to pc7-0. psw carry flag (cy) retained undefined skip flag (sk0-2) 0 0 interrupt status flag (ist0) 0 0 bank enable flag (mbe) the contents of bit 7 of address 0000h of the program memory are set to mbe. the contents of bit 7 of address 0000h of the program memory are set to mbe. stack pointer (sp) undefined undefined data memory (ram) retained * undefined general-purpose register (x, a, h, l, d, e, b, c) retained undefined bank selection register (mbs) 0 0 basic interval timer counter (bt) undefined undefined timer/event counter counter (t0) 0 0 module register (tmod0) ffh ffh mode register (tm0) 0 0 toe0, tout f/f 0, 0 0, 0 mode register (btm) 0 0 mode register (wm) 0 watch timer 0 * : data of address 0f8h to 0fdh of the data memory becomes undefined when a reset signal is input. table 8-1 status of each hardware after reset (1/2)
m pd75312(a), 75316(a) 35 serial shift register (sio) retained undefined interface operation mode 0 0 register (csim) sbi control register 0 0 (sbic) slave address register retained undefined (sva) clock processor clock control 0 0 generator, register (pcc) clock output system clock control 0 0 circuit register (scc) clock output mode 0 0 register (clom) lcd display mode register 0 0 controller (lcmd) display control 0 0 register (lcdc) interrupt interrupt request flag reset (0) reset (0) function (irqxxx) interrupt enable flag 0 0 (iexxx) interrupt master enable 0 0 flag (ime) int0, int1, int2 mode 0, 0, 0 0, 0, 0 registers (im0, 1, 2) digital port output buffer off off output latch clear (0) clear (0) input/output mode 0 0 register (pmga, b) pull-up resistor 0 0 specification register (poga) bit sequential buffer (bsb0-3) retained specified hardware reset input during operation reset input in standby mode table 8-1 status of each hardware after reset (2/2)
m pd75312(a), 75316(a) 36 * : only even addresses can be described as mem for 8-bit data processing. 9. instruction set (1) operand representation and description describe one or more operands in the operand field of each instruction according to the operand representation and description methods of the instruction (for details, refer to ra75x assembler package user's manual - language (eeu-730)). with some instructions, only one operand should be selected from several operands. the uppercase characters, +, and C are keywords and must be described as is. describe an appropriate numeric value or label as immediate data. the symbols in the register and flag symbols can be described as labels in the places of mem, fmem, pmem, and bit (for details, refer to m pd75308 user's manual (iem-5016)). however, fmem and pmem restricts the label that can be described. representation description reg x, a, b, c, d, e, h, l reg1 x, b, c, d, e, h, l rp xa, bc, de, hl rp1 bc, de, hl rp2 bc, de rpa hl, de, dl rpa1 de, dl n4 4-bit immediate data or label n8 8-bit immediate data or label mem * 8-bit immediate data or label bit 2-bit immediate data or label fmem fb0h to fbfh,ff0h to fffh immediate data or label pmem fc0h to fffh immediate data or label addr m pd75312(a) 0000h-2f7fh immediate data or label m pD75316(a) 0000h-3f7fh immediate data or label caddr 12-bit immediate data or label faddr 11-bit immediate data or label taddr 20h to 7fh immediate data (where bit0 = 0) or label portn port0 to port7 iexxx iebt, iecsi, iet0, ie0, ie1, ie2, ie4, iew mbn mb0, mb1, mb15
m pd75312(a), 75316(a) 37 (2) legend of operation field a : a register; 4-bit accumulator b : b register; 4-bit accumulator c : c register; 4-bit accumulator d : d register; 4-bit accumulator e : e register; 4-bit accumulator h : h register; 4-bit accumulator l : l register; 4-bit accumulator x : x register; 4-bit accumulator xa : register pair (xa); 8-bit accumulator bc : register pair (bc); 8-bit accumulator de : register pair (de); 8-bit accumulator hl : register pair (hl); 8-bit accumulator pc : program counter sp : stack pointer cy : carry flag; or bit accumulator psw : program status word mbe : memory bank enable flag portn : port n (n = 0 to 7) ime : interrupt mask enable flag iexxx : interrupt enable flag mbs : memory bank selector register pcc : processor clock control register . : delimiter of address and bit (xx) : contents addressed by xx xxh : hexadecimal data
m pd75312(a), 75316(a) 38 (3) symbols in addressing area field *1 mb = mbe . mbs (mbs = 0, 1, 15) *2 mb = 0 *3 mbe = 0 : mb = 0 (00h-7fh) data memory mb = 15 (80h-ffh) addressing mbe = 1 : mb = mbs (mbs = 0, 1, 15) *4 mb = 15, fmem = fb0h-fbfh, ff0h-fffh *5 mb = 15, pmem = fc0h-fffh *6 m pd75312(a) addr = 0000h-2f7fh m pD75316(a) addr = 0000h-3f7fh *7 addr = (current pc) C 15 to (current pc) C 1 (current pc) + 2 to (current pc) + 16 *8 m pd75312(a) caddr = 0000h-0fffh (pc 13 = 0, pc 12 = 0) or program 1000h-1fffh (pc 13 = 0, pc 12 = 1) or memory 2000h-2f7fh (pc 13 = 1, pc 12 = 0) addressing m pD75316(a) caddr = 0000h-0fffh (pc 13 = 0, pc 12 = 0) or 1000h-1fffh (pc 13 = 0, pc 12 = 1) or 2000h-2fffh (pc 13 = 1, pc 12 = 0) or 3000h-3f7fh (pc 13 = 1, pc 12 = 1) *9 faddr = 0000h-07ffh *10 taddr = 0020h-007fh remarks 1: mb indicates memory bank that can be accessed. 2: in *2, mb = 0 regardless of mbe and mbs. 3: in *4 and *5, mb = 15 regardless of mbe and mbs. 4: *6 to *10 indicate areas that can be addressed. (4) machine cycle field in this field, s indicates the number of machine cycles required when an instruction having a skip function skips. the value of s varies as follows: when no instruction is skipped .................................................................................. s = 0 when 1-byte or 2-byte instruction is skipped ........................................................... s = 1 when 3-byte instruction (br ! addr or call ! addr) is skipped ............................ s = 2 note : the geti instruction is skipped in one machine cycle. one machine cycle equals to one cycle of the cpu clock f , (=t cy ), and can be changed in three steps depending on the setting of the processor clock control register (pcc).
m pd75312(a), 75316(a) 39 ma- ad- instruc- mne- operand bytes chine operation dress- skip tions monics cyc- ing conditions les area transfer mov a, #n4 1 1 a ? n4 string effect a reg1, #n4 2 2 reg1 ? n4 xa, #n8 2 2 xa ? n8 string effect a hl, #n8 2 2 hl ? n8 string effect b rp2, #n8 2 2 rp2 ? n8 a, @hl 1 1 a ? (hl) *1 a, @rpa1 1 1 a ? (rpa1) *2 xa, @hl 2 2 xa ? (hl) *1 @hl, a 1 1 (hl) ? a*1 @hl, xa 2 2 (hl) ? xa *1 a, mem 2 2 a ? (mem) *3 xa, mem 2 2 xa ? (mem) *3 mem, a 2 2 (mem) ? a*3 mem, xa 2 2 (mem) ? xa *3 a, reg 2 2 a ? reg xa, rp 2 2 xa ? rp reg1, a 2 2 reg1 ? a rp1, xa 2 2 rp1 ? xa xch a, @hl 1 1 a ? (hl) *1 a, @rpa1 1 1 a ? (rpa1) *2 xa, @hl 2 2 xa ? (hl) *1 a, mem 2 2 a ? (mem) *3 xa, mem 2 2 xa ? (mem) *3 a, reg1 1 1 a ? reg1 xa, rp 2 2 xa ? rp movt xa, @pcde 1 3 xa ? (pc 13-8 +de) rom xa, @pcxa 1 3 xa ? (pc 13-8 +xa) rom arith- adds a, #n4 1 1+s a ? a+n4 carry metic a, @hl 1 1+s a ? a+(hl) *1 carry opera- addc a, @hl 1 1 a, cy ? a+(hl)+cy *1 tion subs a, @hl 1 1+s a ? a-(hl) *1 borrow subc a, @hl 1 1 a, cy ? a-(hl)-cy *1 and a, #n4 2 2 a ? a n4 a, @hl 1 1 a ? a (hl) *1 or a, #n4 2 2 a ? a n4 a, @hl 1 1 a ? a (hl) *1 xor a, #n4 2 2 a ? a n4 a, @hl 1 1 a ? a (hl) *1 accumu- rorc a 1 1 cy ? a 0 , a 3 ? cy, a n-1 ? a n lator manipu- not a 2 2 a ? a lation table re- ference
m pd75312(a), 75316(a) 40 ma- ad- instruc- mne- operand bytes chine operation dress- skip tions monics cyc- ing conditions les area incre- incs reg 1 1+s reg ? reg+1 reg = 0 ment/ @hl 2 2+s (hl) ? (hl)+1 *1 (hl) = 0 decre- mem 2 2+s (mem) ? (mem)+1 *3 (mem) = 0 ment decs reg 1 1+s reg ? reg-1 reg = fh compare ske reg, #n4 2 2+s skip if reg = n4 reg = n4 @hl, #n4 2 2+s skip if (hl) = n4 *1(hl) = n4 a, @hl 1 1+s skip if a = (hl) *1 a = (hl) a, reg 2 2+s skip if a = reg a = reg carry set1 cy 1 1 cy ? 1 flag clr1 cy 1 1 cy ? 0 manipu- skt cy 1 1+s skip if cy = 1 cy = 1 lation not1 cy 1 1 cy ? cy memory/ set1 mem.bit 2 2 (mem.bit) ? 1*3 bit fmem.bit 2 2 (fmem.bit) ? 1 *4 manipu- pmem.@l 2 2 (pmem 7-2 + l 3-2 .bit(l 1-0 )) ? 1*5 lation @h+mem.bit 2 2 (h + mem 3-0 .bit) ? 1*1 clr1 mem.bit 2 2 (mem.bit) ? 0 *3 fmem.bit 2 2 (fmem.bit) ? 0 *4 pmem.@l 2 2 (pmem 7-2 + l 3-2 .bit(l 1-0 )) ? 0*5 @h+mem.bit 2 2 (h+mem 3-0 .bit) ? 0*1 skt mem.bit 2 2+s skip if (mem.bit) = 1 *3 (mem.bit) = 1 fmem.bit 2 2+s skip if (fmem.bit) = 1 *4 (fmem.bit) = 1 pmem.@l 2 2+s skip if (pmem 7-2 +l 3-2 .bit (l 1-0 )) = 1 *5 (pmem.@l) = 1 @h+mem.bit 2 2+s skip if (h + mem 3-0 .bit) = 1 *1 (@h+mem.bit) = 1 skf mem.bit 2 2+s skip if (mem.bit) = 0 *3 (mem.bit) = 0 fmem.bit 2 2+s skip if (fmem.bit) = 0 *4 (fmem.bit) = 0 pmem.@l 2 2+s skip if (pmem 7-2 +l 3-2 .bit (l 1-0 )) = 0 *5 (pmem.@l) = 0 @h+mem.bit 2 2+s skip if (h + mem 3-0 .bit) = 0 *1 (@h+mem.bit) = 0 sktclr fmem.bit 2 2+s skip if (fmem.bit) = 1 and clear *4 (fmem.bit) = 1 pmem.@l 2 2+s skip if (pmem 7-2 +l 3-2 .bit *5 (pmem.@l) = 1 (l 1-0 )) = 1 and clear @h+mem.bit 2 2+s skip if (h+mem 3-0 .bit) = 1 and clear *1 (@h+mem.bit) = 1 and1 cy,fmem.bit 2 2 cy ? cy (fmem.bit) *4 cy,pmem.@l 2 2 cy ? cy (pmem 7-2 +l 3-2 .bit(l 1-0 )) *5 cy,@h+mem.bit 2 2 cy ? cy (h+mem 3-0 .bit) *1 or1 cy,fmem.bit 2 2 cy ? cy (fmem.bit) *4 cy,pmem.@l 2 2 cy ? cy (pmem 7-2 +l 3-2 .bit (l 1-0 )) *5 cy,@h+mem.bit 2 2 cy ? cy (h+mem 3-0 .bit) *1 xor1 cy,fmem.bit 2 2 cy ? cy (fmem.bit) *4 cy,pmem.@l 2 2 cy ? cy (pmem 7-2 +l 3-2 .bit (l 1-0 )) *5 cy,@h+mem.bit 2 2 cy ? cy (h+mem 3-0 .bit) *1
m pd75312(a), 75316(a) 41 ma- ad- instruc- mne- operand bytes chine operation dress- skip tions monics cyc- ing conditions les area branch br addr pc 13-0 ? addr *6 (the most suitable instruction is selectable from among br !addr, brcb !caddr, and br $addr depending on the assembler.) !addr 3 3 pc 13-0 ? addr *6 $addr 1 2 pc 13-0 ? addr *7 brcb !caddr 2 2 pc 13-0 ? pc 13,12 + caddr 11-0 *8 call !addr 3 3 (sp-4)(sp-1)(sp-2) ? pc 11-0 *6 (sp-3) ? mbe, 0, pc 13 , pc 12 pc 13-0 ? addr, sp ? sp-4 callf !faddr 2 2 (sp-4)(sp-1)(sp-2) ? pc 11-0 *9 (sp-3) ? mbe, 0, pc 13 , pc 12 pc 13-0 ? 00, faddr, sp ? sp-4 ret 1 3 mbe, pc 13 , pc 12 ? (sp+1) 3, 1, 0 pc 11-0 ? (sp)(sp+3)(sp+2) sp ? sp+4 rets 1 3+s mbe, pc 13 , pc 12 ? (sp+1) 3, 1, 0 undefined pc 11-0 ? (sp)(sp+3)(sp+2) sp ? sp+4, then skip unconditionally reti 1 3 pc 13 , pc 12 ? (sp+1) 1, 0 pc 11-0 ? (sp)(sp+3)(sp+2) psw ? (sp+4)(sp+5), sp ? sp+6 push rp 1 1 (sp-1)(sp-2) ? rp, sp ? sp-2 bs 2 2 (sp-1) ? mbs, (sp-2) ? 0, sp ? sp-2 pop rp 1 1 rp ? (sp+1)(sp), sp ? sp+2 bs 2 2 mbs ? (sp+1), sp ? sp+2 inter- ei 2 2 ime ? 1 rupt iexxx 2 2 iexxx ? 1 control di 2 2 ime ? 0 iexxx 2 2 iexxx ? 0 i/o in a,portn 2 2 a ? port n (n = 0-7) xa,portn 2 2 xa ? port n+1 ,port n (n = 4, 6) out portn,a 2 2 port n ? a (n = 2-7) portn,xa 2 2 port n+1 ,port n ? xa (n = 4, 6) cpu halt 2 2 set halt mode (pcc.2 ? 1) control stop 2 2 set stop mode (pcc.3 ? 1) nop 1 1 no operation special sel mbn 2 2 mbs ? n (n = 0, 1, 15) geti taddr 1 3 . where tbr instruction, *10 pc 13-0 ? (taddr) 5-0 +(taddr+1) . where tcall instruction, (sp-4)(sp-1)(sp-2) ? pc 11-0 (sp-3) ? mbe, 0, pc 13 , pc 12 pc 13-0 ? (taddr) 5-0 +(taddr+1) sp ? sp-4 . except for tbr and tcall depends on instructions, referenced instruction execution of instruction (taddr)(taddr+1) note: when executing the in/out instruction, mbe = 0, or mbe = 1, and mbs = 15. remarks: the tbr and tcall instructions are the assembler pseudo-instructions for the table definition of geti instruction. subrou- tine/ stack control ......................................................... ............................. ......................................................... .............................
m pd75312(a), 75316(a) 42 10. selection of mask option the following mask operations are available and can be specified for each pin. pin mask option p40-p43, ? with pull-up resistor (specification in bit units) p50-p53 ? without pull-up resistor (specification in bit units) v lc0 -v lc2 , ? with dividing resistor for lcd drive power source (specification in 4-bit units) bias ? without dividing resistor for lcd drive power source (specification in 4-bit units)
m pd75312(a), 75316(a) 43 11. electrical specifications absolute maximum ratings (t a = 25 c) parameter symbol conditions ratings unit supply voltage v dd -0.3 to +7.0 v v i1 other than ports 4, 5 -0.3 to v dd +0.3 v input voltage v i2 ports 4, 5 w/pull-up -0.3 to v dd +0.3 v resistor open drain -0.3 to +11 v output voltage v o -0.3 to v dd +0.3 v high-level output i oh 1 pin peak -10 ma current rms -5 ma all pins peak -30 ma rms -5 ma low-level output i ol * 1 pin peak 10 ma current rms 5 ma other than ports 0, 2, 3, 5 peak 100 ma rms 60 ma total of ports 4, 6, 7 peak 100 ma rms 50 ma operating temperature t opt -40 to +85 c storage temperature t stg -65 to +150 c *: rms = peak value x ? duty capacitance (t a = 25 c, v dd = 0 v) parameter symbol conditions min. typ. max. unit input capacitance c in f = 1 mhz 15 pf output capacitance c out pins other than thosemeasured are at 0 v 15 pf input/output c io 15 pf capacitance
m pd75312(a), 75316(a) 44 main system clock oscillator circuit characteristics (t a = -40 to +85 c, v dd = 2.7 to 6.0 v) oscillator recommended item conditions min. typ. max. unit constants ceramic * 3 oscillation 1.0 5.0 * 3 mhz frequency(f x )* 1 oscillation stabiliza- after v dd came to tion time* 2 min. of oscillation voltage range 4ms crystal * 3 oscillation 1.0 4.19 5.0 * 3 mhz frequency (f x )* 1 oscillation stabiliza- v dd = 4.5 to 6.0 v 10 ms tion time* 2 30 ms external clock x1 input frequency 1.0 5.0 * 3 mhz (f x )* 1 x1 input high-, low-level widths (t xh , t xl ) 100 500 ns *1: the oscillation frequency and x1 input frequency are indicated only to express the characteristics of the oscillator circuit. for instruction execution time, refer to ac characteristics. 2: time required for oscillation to stabilize after v dd reaches the minimum value of the oscillation voltage range or the stop mode has been released. 3: when the oscillation frequency is 4.19 mhz < fx 5.0 mhz, do not select pcc = 0011 as the instruction execution time: otherwise, one machine cycle is set to less than 0.95 m s, falling short of the rated minimum value of 0.95 m s. subsystem clock oscillator circuit characteristics (t a = -40 to +85 c, v dd = 2.7 to 6.0 v) oscillator recommended item conditions min. typ. max. unit constants crystal oscillation 32 32.768 35 khz frequency (f xt ) oscillation stabiliza- v dd = 4.5 to 6.0 v 1.0 2 s tion time* 10 s external clock xt1 input frequency 32 100 khz (f xt )* xt1 input high-, low-level widths 5 15 m s (t xth , t xtl ) x1 x2 c1 c2 v dd x1 x2 c1 c2 v dd x1 x2 pd74hcu04 m xt1 xt2 r c3 c4 v dd xt1 xt2 open *: time required for oscillation to stabilize after v dd reaches the minimum value of the oscillation voltage range. h
m pd75312(a), 75316(a) 45 note: when using the oscillation circuit of the main system clock and subsystem clock, wire the portion enclosed in dotted line in the figures as follows to avoid adverse influences on the wiring capacity: ? keep the wiring length as short as possible. ? do not cross the wiring over the other signal lines. do not route the wiring in the vicinity of lines through which a high alternating current flows. ? always keep the ground point of the capacitor of the oscillator circuit at the same potential as v dd . do not connect the power source pattern through which a high current flows. ? do not extract signals from the oscillation circuit. the amplification factor of the subsystem clock oscillation circuit is designed to be low to reduce the current dissipation and therefore, the subsystem clock oscillation circuit is influenced by noise more easily than the main system clock oscillation circuit. when using the subsystem clock, therefore, exercise utmost care in wiring the circuit.
m pd75312(a), 75316(a) 46 dc characteristics (t a = -40 to +85 c, v dd = 2.7 to 6.0 v) parameter symbol conditions min. typ. max. unit high-level input v ih1 ports 2, 3 0.7v dd v dd v voltage v ih2 ports 0, 1, 6, 7, reset 0.8v dd v dd v v ih3 ports 4, 5 w/pull-up resistor 0.7v dd v dd v open-drain 0.7v dd 10 v v ih4 x1, x2, xt1 v dd -0.5 v dd v low-level input v il1 ports 2, 3, 4, 5 0 0.3v dd v voltage v il2 ports 0, 1, 6, 7, reset 0 0.2v dd v v il3 x1, x2, xt1 0 0.4 v high-level output v oh1 v dd = 4.5 to 6.0 v v dd -1.0 v voltage i oh = -1 ma i oh = -100 m av dd -0.5 v v oh2 v dd = 4.5 to 6.0 v v dd -2.0 v i oh = -100 m a i oh = -30 m av dd -1.0 v low-level output v ol1 ports 3, 4, and 5 0.2 1.0 v voltage v dd = 4.5 to 6.0 v i ol = -15 ma v dd = 4.5 to 6.0 v 0.4 v i ol = 1.6 ma i ol = 400 m a 0.5 v sb0, 1 open-drain pull-up 0.2v dd v resistor 3 1 k w v ol2 v dd = 4.5 to 6.0 v 1.0 v i ol = 100 m a i ol = 50 m a 1.0 v high-level input i lih1 v in = v dd other than below 3 m a leakage current i lih2 x1, x2, xt1 20 m a i lih3 v in = 10 v ports 4, 5 20 m a (open-drain) low-level input i lil1 v in = 0 v other than below -3 m a leakage current i lil2 x1, x2, xt1 -20 m a high-level output i loh1 v out = v dd other than below 3 m a leakage current i loh2 v out = 10 v ports 4, 5 20 m a (open-drain) low-level output i lol v out = 0 v -3 m a leakage current internal pull-up resistor r l1 ports 0, 1, 2, 3, 6, 7 v dd = 5.0 v 10% 15 40 80 k w (except p00) v in = 0v v dd = 3.0 v 10% 30 300 k w r l2 ports 4, 5 v dd = 5.0 v 10% 15 40 70 k w v out = v dd -2.0 v v dd = 3.0 v 10% 10 60 k w lcd drive voltage v lcd 2.5 v dd v lcd step-down resistor r lcd 60 100 150 k w lcd output voltage v odc i o = 5 m a0 0.2 v deviation (common) * 1 lcd output voltage v ods i o = 1 m a0 0.2 v deviation (segment) ports 0, 2, 3, 4, 5, 6, 7, and 8 bp0-7 (with two i oh outputs) ports 0, 2, 3, 6, 7 and bias bp0-7 (with two i ol outputs) v lcd0 = v lcd v lcd1 = v lcd 2/3 v lcd2 = v lcd 1/3 2.7 v v lcd v dd (to be cont'd)
m pd75312(a), 75316(a) 47 parameter symbol conditions min. typ. max. unit supply current * 2 i dd1 4.19 mhz* 3 crystal v dd = 5 v 10%* 4 2.5 8 ma oscillator v dd = 3 v 10%* 5 0.35 1.2 ma i dd2 c1 = c2 = 22pf halt mode v dd = 5 v 10% 500 1500 m a v dd = 3 v 10% 150 450 m a i dd3 32 khz* 6 crystal v dd = 3 v 10% 30 90 m a i dd4 oscillato halt mode v dd = 3 v 10% 5 15 m a i dd5 xt1 = 0 v v dd = 5 v 10% 0.5 20 m a stop mode v dd = 3 v 10% 0.1 10 m a t a = 25 c 0.1 5 m a *1: "voltage deviation" means the difference between the ideal segment or common output value (v lcdn : n = 0, 1, 2) and output voltage. 2: currents for the built-in pull-up resistor and the lcd step-down resistor are not included. 3: including when the subsystem clock is operated. 4: when operand in the high-speed mode with the processor clock control register (pcc) set to 0011. 5: when operated in the low-speed mode with the pcc set to 0000. 6: when operated with the subsystem clock by setting the system clock control register (scc) to 1001 to stop the main system clock operation. (cont'd)
m pd75312(a), 75316(a) 48 ac characteristics (t a = -40 to +85 c, v dd = 2.7 to 6.0 v) parameter symbol conditions min. typ. max. unit cpu clock cycle time t cy w/main system clock v dd = 4.5 to 6.0 v 0.95 64 m s (minimum instruction 3.8 64 m s execution time w/sub-system clock 114 122 125 m s = 1 machine cycle)* 1 ti0 input frequency f ti v dd = 4.5 to 6.0 v 0 1 mhz 0 275 khz ti0 input high-, low- t tih ,v dd = 4.5 to 6.0 v 0.48 m s level widths t til 1.8 m s interrupt input high-, t inth , int0 *2 m s low-level widths t intl int1, 2, 4 10 m s kr0-7 10 m s reset low-level width t rsl 10 m s 0123 456 0.5 1 2 3 4 5 6 30 supply voltage v dd [v] cycle time t cy [ s] t cy vs v dd (with main system clock) m 64 70 operation guaranteed range *1: the cpu clock ( f ) cycle time is determined by the oscillation frequency of the connected oscillator, system clock control register (scc), and processor clock control register (pcc). the figure on the right is cycle time t cy vs. supply voltage v dd characteristics at the main system clock. 2: 2t cy or 128/f x depending on the setting of the interrupt mode register (im0).
m pd75312(a), 75316(a) 49 serial transfer operation two-line and three-line serial i/o modes (sck: internal clock output) parameter symbol conditions min. typ. max. unit sck cycle time t kcy1 v dd = 4.5 to 6.0 v 1600 ns 3800 ns sck high-, low-level t kl1 v dd = 4.5 to 6.0 v t kcy1 /2-50 ns widths t kh1 t kcy1 /2-150 ns si set-up time (vs. sck - ) t sik1 150 ns si hold time (vs. sck - )t ksi1 400 ns sck ? so output t kso1 r l = 1 k w ,v dd = 4.5 to 6.0 v 250 ns delay time c l = 100 pf* 1000 ns two-line and three-line serial i/o modes (sck: external clock input) parameter symbol conditions min. typ. max. unit sck cycle time t kcy2 v dd = 4.5 to 6.0 v 800 ns 3200 ns sck high-, low-level t kl2 v dd = 4.5 to 6.0 v 400 ns widths t kh2 1600 ns si set-up time (vs. sck - ) t sik2 100 ns si hold time (vs. sck - )t ksi2 400 ns sck ? so output t kso2 r l = 1 k w , c l = 100 pf* v dd = 4.5 to 6.0 v 300 ns delay time 1000 ns *: r l and c l are load resistance and load capacitance of the so output line.
m pd75312(a), 75316(a) 50 sbi mode (sck: internal clock output (master)) parameter symbol conditions min. typ. max. unit sck cycle time t kcy3 v dd = 4.5 to 6.0 v 1600 ns 3800 ns sck high-, low-level t kl3 v dd = 4.5 to 6.0 v t kcy3 /2-50 ns widths t kh3 t kcy3 /2-150 ns sb0, 1 set-up time t sik3 150 ns (vs. sck - ) sb0, 1 hold time t ksi3 t kcy3 /2 ns (vs. sck - ) sck ? sb0, 1 output t kso3 r l = 1 k w ,v dd = 4.5 to 6.0 v 0 250 ns delay time c l = 100 pf* 0 1000 ns sck -? sb0, 1 t ksb t kcy3 ns sb0,1 ? sck t sbk t kcy3 ns sb0, 1 low-level width t sbl t kcy3 ns sb0, 1 high-level width t sbh t kcy3 ns sbi mode (sck: external clock input (slave)) parameter symbol conditions min. typ. max. unit sck cycle time t kcy4 v dd = 4.5 to 6.0 v 800 ns 3200 ns sck high-, low-level t kl4 v dd = 4.5 to 6.0 v 400 ns widths t kh4 1600 ns sb0, 1 set-up time t sik4 100 ns (vs. sck - ) sb0, 1 hold time t ksi4 t kcy4 /2 ns (vs. sck - ) sck ? sb0, 1 output t kso4 r l = 1 k w ,v dd = 4.5 to 6.0 v 0 300 ns delay time c l = 100 pf* 0 1000 ns sck -? sb0, 1 t ksb t kcy4 ns sb0,1 ? sck t sbk t kcy4 ns sb0, 1 low-level width t sbl t kcy4 ns sb0, 1 high-level width t sbh t kcy4 ns *: r l and c l are load resistance and load capacitance of the sb0 and sb1 output lines.
m pd75312(a), 75316(a) 51 ac timing test point (excluding x1 and xt1 inputs) x1 input v dd ?.5v 0.4 v t xl t xh 1/f x xt1 input v dd ?.5v 0.4 v t xtl t xth 1/f xt ti0 t til t tih 1/f ti clock timing ti0 timing test points 0.8 v dd 0.2 v dd 0.8 v dd 0.2 v dd
m pd75312(a), 75316(a) 52 serial transfer timing three-line serial i/o mode: sck t kl1 t kh1 t kcy1 output data t sik1 t ksi1 t kso1 input data si so two-line serial i/o mode: sck t kl2 t kh2 t kcy2 t sik2 t ksi2 sb0,1 t kso2
m pd75312(a), 75316(a) 53 serial transfer timing bus release signal transfer: sck t kl3,4 t kcy3,4 t sik3,4 t ksi3,4 t kso3,4 sb0,1 t kh3,4 t sbk t sbh t sbl t ksb command signal transfer: reset input timing: sck t kl3,4 t kcy3,4 t sik3,4 t ksi3,4 t kso3,4 sb0,1 t kh3,4 t sbk t ksb interrupt input timing: int0, 1, 2, 4 kr0-7 t intl t inth reset t rsl
m pd75312(a), 75316(a) 54 low-voltage data retention characteristics of data memory in stop mode (t a = C40 to +85 c) parameter symbol conditions min. typ. max. unit data retention supply v dddr 2.0 6.0 v voltage data retention supply i dddr v dddr = 2.0 v 0.1 10 m a current* 1 release signal set time t srel 0 m s oscillation stabilization t wait released by reset 2 17 /f x ms wait time* 2 released by interrupt *3 ms *1: does not include current flowing through internal pull-up resistor 2: the oscillation stabilization wait time is the time during which the cpu is stopped to prevent unstable operation when oscillation is started. 3: depends on the setting of the basic interval timer mode register (btm) as follows: btm3 btm2 btm1 btm0 wait time ( ): f x = 4.19 mhz C 0002 20 /f x (approx. 250 ms) C 0112 17 /f x (approx. 31.3 ms) C 1012 15 /f x (approx. 7.82 ms) C 1112 13 /f x (approx. 1.95 ms) data retention timing (releasing stop mode by reset) data retention timing (standby release signal: releasing stop mode by interrupt) stop mode data retention mode stop instruction execution v dd reset v dddr t srel t wait operation mode internal reset operation halt mode stop mode data retention mode stop instruction execution v dd v dddr t srel t wait operation mode halt mode standby release signal (interrupt request)
m pd75312(a), 75316(a) 55 12. package drawings n a m f b 64 65 40 k l 80 pin plastic qfp (14 20) 80 1 25 24 41 g d c p detail of lead end s q 55? m i h j p80gf-80-3b9-2 item millimeters inches a b c d f g h i j k l 23.6 0.4 14.0 0.2 0.8 0.35 0.10 0.15 20.0 0.2 0.929 0.016 0.039 0.031 0.006 0.031 (t.p.) 0.795 note m n 0.15 0.15 1.8 0.2 0.8 (t.p.) 0.006 0.006 +0.004 ?.003 each lead centerline is located within 0.15 mm (0.006 inch) of its true position (t.p.) at maximum material condition. 0.071 0.014 0.551 0.8 0.2 0.031 p 2.7 0.106 0.693 0.016 17.6 0.4 1.0 +0.009 ?.008 q 0.1 0.1 0.004 0.004 s 3.0 max. 0.119 max. +0.10 ?.05 +0.009 ?.008 +0.004 ?.005 +0.009 ?.008 +0.008 ?.009

m pd75312(a), 75316(a) 57 13. recommended soldering conditions it is recommended that m pD75316(a) be soldered under the following conditions. for details on the recommended soldering conditions, refer to information document "semiconductor devices mounting manual" (iei-616). the soldering methods and conditions are not listed here, consult nec. a model that can be soldered under the more stringent conditions (infrared reflow peak temperature: 235 c, number of times: 2, and an extended number of days) is also available. for details, consult nec. notice table 13-1 soldering conditions m pd75312gf(a) - xxx - 3b9: 80-pin plastic qfp (14 20 mm) m pD75316gf(a) - xxx - 3b9: 80-pin plastic qfp (14 20 mm) soldering method soldering conditions symbol for recommended condition infrared reflow package peak temperature: 230 c, ir30-00-1 time: 30 seconds max. (210 c min.), number of times: 1 vps package peak temperature: 215 c, vp15-00-1 time: 40 seconds max. (200 c min.), number of times: 1 wave soldering soldering bath temperature: 260 c max., ws60-00-1 time: 10 seconds max., number of times: 1, pre-heating temperature: 120 c max. (package surface temperature) pin partial heating pin temperature: 300 c max., time: 3 seconds max. (per side) caution: do not use two or more soldering methods in combination (except the pin partial heating method).
m pd75312(a), 75316(a) 4 appendix a. comparision of features among this series products product m pd75304(a) m pd75306(a) m pd75308(a) m pd75312(a) m pD75316(a) m pd75p308 m pd75p316 m pd75p316a item rom configuration mask rom eprom/one-time prom* 1 rom (bits) 000h-fffh 0000h-177fh 0000h-1f7fh 0000h-2f7fh 0000h-3f7fh 0000h-1f7fh 0000h-3f7fh 0000h-3f7fh 4096 8 6016 8 8064 8 12160 8 16256 8 8064 8 16256 8 16256 8 ram (bits) 512 4 (bank 0, 1 : 256 4) *2 3-byte instruc- branch none provided tion instruction set others commonly provided program counter 12 bits 13 bits 14 bits 13 bits 14 bits mask option ? pull-up resistor for ports 4, 5 not offered ? dividing resistor for lcd driving supply voltage v pp , prom programming pin none offered connections directly driving led not offered offered operating supply 2.7 to 6.0 v 5 v 5% 5 v 5% 2.7 to 6.0 v voltage range electrical charac- absolute teristics maximum differ in high-level output current and low-level output current ratings dc charac- differ in low-level output voltage teristics quality grade special standard ? 80-pin plastic qfp (14 20 mm) ? 80-pin ? 80-pin ? 80-pin plastic plastic plastic qfp qfp qfp (14 20 (14 20 (14 20 package mm) mm) mm) ? 80-pin ? 80-pin ceramic ceramic lcc w/ lcc w/ window window *1: for the m pd75p316, only the one-time prom is provided. 2: 1024 4 (banks 0, 1, 2, 3, 15 : 256 4) 58
m pd75312(a), 75316(a) 59 hardware ie-75000-r * 1 in-circuit emulator for 75x series ie-75001-r ie-75000-r-em * 2 emulation board for ie-75000-r and ie-75001-r ep-75308gf-r emulation prove for m pd75312gf(a) and 75316gf(a), provided with 80-pin conversion socket ev-9200g-80. pg-1500 prom programmer pa-75p308gf prom programmer adapter solely used for m pd75p316gf and 75p316agf. it is connected to pg-1500. software ie control program pg-1500 controller ra75x relocatable assembler *1: maintenance product 2: not provided with ie-75001-r. 3: ver.5.00/5.00a has a task swap function, but this function cannot be used with this function. remarks: for development tools from other companies, refer to 75x series selection guide (if-151). h appendix b. development tools the following development support tools are readily available to support development of systems using m pd75312(a) and 75316(a): ev-9200g-80 host machine pc-9800 series (ms-dos tm ver.3.30 to ver.5.00a* 3 ) ibm pc/at tm (pc dos tm ver.3.1)
m pd75312(a), 75316(a) 60 appendix c. related documents
m pd75312(a), 75316(a) 61 static electricity (all mos devices) exercise care so that mos devices are not adversely influenced by static electricity while being handled. the insulation of the gates of the mos device may be destroyed by a strong static charge. therefore, when transporting or storing the mos device, use a conductive tray, magazine case, or conductive buffer materials, or the metal case nec uses for packaging and shipment, and use grounding when assembling the mos device system. do not leave the mos device on a plastic plate and do not touch the pins of the device. handle boards on which mos devices are mounted similarly . processing of unused pins (cmos devices only) fix the input level of cmos devices. unlike bipolar or nmos devices, if a cmos device is operated with nothing connected to its input pin, intermediate level input may be generated due to noise, and an inrush current may flow through the device, causing the device to malfunction. therefore, fix the input level of the device by using a pull-down or pull-up resistor. if there is a possibility that an unused pin serves as an output pin (whose timing is not specified), each pin should be connected to v dd or gnd through a resistor. refer to processing of unused pins in the documents of each devices. a status before initialization (all mos devices) the initial status of mos devices is undefined upon power application. since the characteristics of an mos device are determined by the quantity of injection at the molecular level, the initial status of the device is not controlled during the production process. the output status of pins, i/o setting, and register contents upon power application are not guaranteed. however, the items defined for reset operation and mode setting are subject to guarantee after the respective operations have been executed. when using a device with a reset function, be sure to reset the device after power application. general notes on cmos devices
m pd75312(a), 75316(a) 62 no p art of this document may be copied or reproduced in any form or by any means without the prior written consent of nec corporation. nec corporation assumes no responsibility for any errors which may appear in this document. nec corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties b y or arising from use of a device described herein or any other liability arising from use of such device. no license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec corporation or others. the devices listed in this document are not suitable for uses in aerospace equipment, submarine cables, nuclear reactor control systems and life support systems. if customers intend to use nec devices for above applications or they intend to use "standard" quality grade nec devices for the applications not intended by nec, please contact our sales people in advance. application examples recommended by nec corporation standard: computer, office equipment, communication equipment, test and measurement equipment, machine tools, industrial robots, audio and visual equipment, other consumer products, etc. special: automotive and transportation equipment, traffic control systems, antidisaster systems, anticrime system, etc. ms-dos is a trademark of microsoft corporation. pc dos and pc/at are trademarks of ibm corporation. m4 92.6 [memo]


▲Up To Search▲   

 
Price & Availability of D75316

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X