Part Number Hot Search : 
74HC393M STSA851 AK2347A 8130D SAMP7720 D8LC20U IRFH7084 ZMM5227B
Product Description
Full Text Search
 

To Download CMUT555110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmut5551 surface mount npn silicon transistor description: the central semiconductor cmut5551 type is an npn silicon transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high voltage amplifier applications. marking code: 55c sot-523 case maximum ratings: (t a =25c) symbol units collector-base voltage v cbo 180 v collector-emitter voltage v ceo 160 v emitter-base voltage v ebo 6.0 v continuous collector current i c 600 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =120v 50 na i cbo v cb =120v, t a =100c 50 a bv cbo i c =100a 180 v bv ceo i c =1.0ma 160 v bv ebo i e =10a 6.0 v v ce(sat) i c =10ma, i b =1.0ma 0.15 v v ce(sat) i c =50ma, i b =5.0ma 0.20 v v be(sat) i c =10ma, i b =1.0ma 1.00 v v be(sat) i c =50ma, i b =5.0ma 1.00 v h fe v ce =5.0v, i c =1.0ma 80 h fe v ce =5.0v, i c =10ma 80 250 h fe v ce =5.0v, i c =50ma 30 f t v ce =10v, i c =10ma, f=100mhz 100 300 mhz c ob v cb =10v, i e =0, f=1.0mhz 6.0 pf h fe v ce =10v, i c =1.0ma, f=1.0khz 50 200 nf v ce =5.0v, i c =200a, r s =10, f=10hz to 15.7khz 8.0 db r1 (9-february 2010) www.centralsemi.com
cmut5551 surface mount npn silicon transistor lead code: 1) base 2) emitter 3) collector marking code: 55c sot-523 case - mechanical outline (bottom view) www.centralsemi.com r1 (9-february 2010)


▲Up To Search▲   

 
Price & Availability of CMUT555110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X