Part Number Hot Search : 
67401ANL LT553 SM104 NSC5009B PJS6400 TLRO4420 D0Z14GN 74HC273P
Product Description
Full Text Search
 

To Download CHDTA143TUPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CHDTA143TUPT chenmko enterprise co.,ltd surface mount pnp digital silicon transistor vo l t a ge 50 v o l t s current 100 m a m p e r e application feature * small surface mounting type. (sc-70/sot-323) * high current gain. * suitable for high packing density. construction * one pnp transistors and bias of thin-film resistors in one package. * switching circuit, inverter, interface circuit, driver circuit. 2005-06 * low colloector-emitter saturation. * high saturation current capability. * internal isolated pnp transistors in one package. * built in bias resistor(r1=4.7k w, typ. ) circuit limiting v alues in accordance with the absolute maxim um rating system (iec 60134). note 1. transistor mounted on an fr4 printed-circuit board. symbol parameter conditions value unit v cbo collector-base voltage -50 v -50 v junction - soldering point -5 i c(max.) collector current -100 ma p d p o w er d i ss i p a t i o n t a m b 25 o c, n ot e 1 200 m w t stg storage temperature -55 ~ + 150 o c t j r q j-s thermal resistance junction temperature o c 140 o c/w v ceo collector-emitter voltage v ebo emitter-base voltage -55 ~ + 150 v , n ot e 1 2 1 3 e b c tr r1 sc-70/sot-323 m a r k i n g tu1 d i m e n s i o n s i n m i l l i m e t e r s s c - 7 0 / s o t - 3 2 3 (1) (2) ( 3 ) 0 . 6 5 0 . 6 5 1 . 3 0 . 1 2 . 0 0 . 2 0 . 8~1.1 0 . 3 0 . 1 0 . 05~0.2 0 ~ 0 . 1 1 . 2 5 0 . 1 2 . 0~2.45 0 . 1 m i n .
chara cteristics t amb =2 5 c unless otherwise specited. not e 1.pulse test: tp 300us; d 0.02. sy mbol p arameter conditions min. ty p . max. unit bv cbo collector-base breakdown voltage i c = -50ua -50.0 i c = -1ma - - - v v i e = -50ua i cbo collector-base current v cb = -50v i ebo emitter-base current r 1 input resistor v eb = -4v h fe dc current gain i c = -1ma; v ce = -5.0v - -0.5 100 6.11 3.29 kw - 4.7 ua f t transition frequency i e =5ma, v ce = -10.0v f =100mhz = - - 250 mhz rating characteristic ( CHDTA143TUPT ) v v ce(sat) collector-emitter saturation voltage i c = -5ma; i b = -0.25ma bv ceo collector-emitter breakdown voltage bv ebo emitter-base breakdown voltage - -50.0 -5.0 - - - - -0.3 - -0.5 - ua 250 600 v
rating characteristic curves ( CHDTA143TUPT ) typical electrical characteristics -100u -1m -5m -10m -50m -100m 1k 500 200 100 50 20 10 5 2 1 -100 u -500 u -1m -5m -10m -50m -100m -1 -500m -200m -100m -50m -20m -10m -5m -2m -1m collector current : i c (a) dc current gain : h fe fig.1 dc current gain vs. collector current collector saturation voltage : v ce(sat) (v) fig.2 collector-emitter saturation voltage vs. collector current collector current : i c (a) v ce  -5v =  -40  c o  25  c o  ta = 100  c o  100  c 25  c  -40  c o  o  o  l c /l b 20 =


▲Up To Search▲   

 
Price & Availability of CHDTA143TUPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X