Part Number Hot Search : 
FC17GY MBRF10 PM6615 MBRF10 SLP2040 MBRF10 7950K11 107004
Product Description
Full Text Search
 

To Download ADC1212D065HN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the adc1212d is a dual channel 12-bit analog- to-digital converter (adc) optimized for high dynamic performances and low power consumption at sample rates up to 125 msps. pipelined architecture and output error correction ensure the adc1212d is accurate enough to guarantee zero missing codes over t he entire operating range. supplied from a single 3 v source, it can handle output logic levels from 1.8 v to 3.3 v in complementary metal oxide semiconductor (cmo s) mode, because of a separate digital output supply. it supports th e low voltage differential signallin g (lvds) double data rate (ddr) output standard. an integrated serial peripheral interface (spi) allows the user to easily configure the adc. the device also includes a programmable full-scale spi to allow a flexible input voltage range of 1 v (p-p) to 2 v (p-p). with excellent dynamic performance from the baseband to input frequencies of 170 mhz or more, the adc1212d is ideal for use in communications, imaging and medical applications. 2. features and benefits 3. applications adc1212d series dual 12-bit adc; 65 msps, 80 ms ps, 105 msps or 125 msps; cmos or lvds ddr digital outputs rev. 2 ? 4 march 2011 product data sheet ? snr, 70 dbfs ? input bandwidth, 600 mhz ? sfdr, 86 dbc ? power dissipation, 855 mw at 80 msps ? sample rate up to 125 msps ? serial peripheral interface (spi) ? clock input divided by 2 to reduce jitter contribution ? duty cycle stabilizer ? single 3 v supply ? fast out-of-range (otr) detection ? flexible input voltage range: 1vto2v(p-p) ? offset binary, two?s complement, gray code ? cmos or lvds ddr digital outputs ? power-down and sleep modes ? pin and software compatible with adc1412d series and adc1112d125. ? hvqfn64 package ? wireless and wired broadband communications ? spectral analysis ? portable instrumentation ? ultrasound equipment ? imaging systems ? software defined radio
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 2 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 4. ordering information 5. block diagram table 1. ordering information type number f s (msps) package name description version adc1212d125hn/c1 125 hvqfn64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 ? 9 ? 0.85 mm sot804-3 adc1212d105hn/c1 105 hvqfn64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 ? 9 ? 0.85 mm sot804-3 adc1212d080hn/c1 80 hvqfn64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 ? 9 ? 0.85 mm sot804-3 ADC1212D065HN/c1 65 hvqfn64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 ? 9 ? 0.85 mm sot804-3 fig 1. block diagram adc1212d spi interface output drivers output drivers system reference and power management error correction and digital processing adc core 12-bit pipelined t/h input stage inap cs sdio/ods sclk/dfs otra otrb ctrl refat refab refbb refbt cmos: da11 to da0 or lvds/ddr: da10_da11_p to da0_da1_p, da10_da11_m to da0_da1_m cmos: db11 to db0 or lvds/ddr: db10_db11_p to db0_db1_p, db10_db11_m to db0_db1_m inam clkp clkm clock input stage and duty cycle control vcma vref sense vcmb output drivers adc core 12-bit pipelined t/h input stage inbp inbm error correction and digital processing cmos: dav or lvds/ddr: davp davm 005aaa128
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 3 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 6. pinning information 6.1 cmos outputs selected 6.1.1 pinning 6.1.2 pin description fig 2. pin configuration with cmos digital outputs selected adc1212d hvqfn64 transparent top view db5 inbm inbp db4 agnd db3 vcmb db2 refbt db1 refbb db0 agnd n.c. clkm n.c. clkp n.c. agnd dav refab n.c. refat n.c. vcma da0 agnd da1 inam da2 inap da3 vdda vdda sclk/dfs sdio/ods cs ctrl decb otrb db11 db10 db9 db8 db7 db6 vddo vddo vdda vref sense vdda deca otra da11 da10 da9 da8 da7 da6 da5 da4 vddo vddo 16 33 15 34 14 35 13 36 12 37 11 38 10 39 9 40 8 41 7 42 6 43 5 44 4 45 3 46 2 47 1 48 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 terminal 1 index area 005aaa129 table 2. pin description (cmos digital outputs) symbol pin type [1] description inap 1 i analog input; channel a inam 2 i complementary analog input; channel a agnd 3 g analog ground vcma 4 o common-mode output voltage; channel a refat 5 o top reference; channel a refab 6 o bottom reference; channel a agnd 7 g analog ground clkp 8 i clock input clkm 9 i complementary clock input agnd 10 g analog ground refbb 11 o bottom reference; channel b refbt 12 o top reference; channel b
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 4 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs vcmb 13 o common-mode output voltage; channel b agnd 14 g analog ground inbm 15 i complementary analog input; channel b inbp 16 i analog input; channel b vdda 17 p analog power supply vdda 18 p analog power supply sclk/dfs 19 i spi clo ck/data format select sdio/ods 20 i/o spi data input/output/output data standard cs 21 i spi chip select, active low ctrl 22 i control mode select decb 23 o regulator decoupling node; channel b otrb 24 o out-of-range; channel b db11 25 o data output bit 11 (most significant bit (msb)); channel b db10 26 o data output bit 10; channel b db9 27 o data output bit 9; channel b db8 28 o data output bit 8; channel b db7 29 o data output bit 7; channel b db6 30 o data output bit 6; channel b vddo 31 p output power supply vddo 32 p output power supply db5 33 o data output bit 5; channel b db4 34 o data output bit 4; channel b db3 35 o data output bit 3; channel b db2 36 o data output bit 2; channel b db1 37 o data output bit 1; channel b db0 38 o data output bit 0 (least significant bit (lsb)); channel b n.c. 39 - not connected n.c. 40 - not connected n.c. 41 - not connected dav 42 o data valid output clock n.c. 43 - not connected n.c. 44 - not connected da0 45 o data output bit 0 (lsb); channel a da1 46 o data output bit 1; channel a da2 47 o data output bit 2; channel a da3 48 o data output bit 3; channel a vddo 49 p output power supply vddo 50 p output power supply da4 51 o data output bit 4; channel a da5 52 o data output bit 5; channel a da6 53 o data output bit 6; channel a da7 54 o data output bit 7; channel a da8 55 o data output bit 8; channel a da9 56 o data output bit 9; channel a table 2. pin description (cmos digital outputs) ?continued symbol pin type [1] description
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 5 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs [1] p: power supply; g: ground; i: input; o: output; i/o: input/output. 6.2 lvds ddr outputs selected 6.2.1 pinning da10 57 o data output bit 10; channel a da11 58 o data output bit 11 (msb); channel a otra 59 o out-of-range; channel a deca 60 o regulator decoupling node; channel a vdda 61 p analog power supply sense 62 i reference programming pin vref 63 i/o voltage reference input/output vdda 64 p analog power supply table 2. pin description (cmos digital outputs) ?continued symbol pin type [1] description fig 3. pin configuratio n with lvds ddr digital outputs selected adc1212d hvqfn64 transparent top view db4_db5_m inbm inbp db4_db5_p agnd db2_db3_m vcmb db2_db3_p refbt db0_db1_m refbb db0_db1_p agnd n.c. clkm n.c. clkp davm agnd davp refab n.c. refat n.c. vcma da0_da1_p agnd da0_da1_m inam da2_da3_p inap da2_da3_m vdda vdda sclk/dfs sdio/ods cs ctrl decb otrb db10_db11_m. db10_db11_p db8_db9_m db8_db9_p db6_db7_m db6_db7_p vddo vddo vdda vref sense vdda deca otra da10_da11_m da10_da11_p da8_da9_m da8_da9_p da6_da7_m da6_da7_p da4_da5_m da4_da5_p vddo vddo 16 33 15 34 14 35 13 36 12 37 11 38 10 39 9 40 8 41 7 42 6 43 5 44 4 45 3 46 2 47 1 48 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 terminal 1 index area 005aaa130
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 6 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 6.2.2 pin description [1] pins 1 to 24, pin 59 to 64 and pins 31, 32, 49 and 50 are the same for both cmos and lvds ddr outputs (see table 2 ). [2] p: power supply; g: ground; i: input; o: output; i/o: input/output. table 3. pin description (lvds ddr) digital outputs) [1] symbol pin type [2] description db10_db11_m 25 o differential output data db10 and db11 multiplexed, complement db10_db11_p 26 o differential output data db10 and db11 multiplexed, true db8_db9_m 27 o differential output data db8 and db9 multiplexed, complement db8_db9_p 28 o differential output da ta db8 and db9 multiplexed, true db6_db7_m 29 o differential output data db6 and db7 multiplexed, complement db6_db7_p 30 o differential output da ta db6 and db7 multiplexed, true db4_db5_m 33 o differential output data db4 and db5 multiplexed, complement db4_db5_p 34 o differential output da ta db4 and db5 multiplexed, true db2_db3_m 35 o differential output data db2 and db3 multiplexed, complement db2_db3_p 36 o differential output da ta db2 and db3 multiplexed, true db0_db1_m 37 o differential output data db0 and db1 multiplexed, complement db0_db1_p 38 o differential output da ta db0 and db1 multiplexed, true n.c. 39 - not connected n.c. 40 - not connected davm 41 o data valid output clock, complement davp 42 o data valid output clock, true n.c. 43 - not connected n.c. 44 - not connected da0_da1_p 45 o differential output da ta da0 and da1 multiplexed, true da0_da1_m 46 o differential output data da0 and da1 multiplexed, complement da2_da3_p 47 o differential output da ta da2 and da3 multiplexed, true da2_da3_m 48 o differential output data da2 and da3 multiplexed, complement da4_da5_p 51 o differential output da ta da4 and da5 multiplexed, true da4_da5_m 52 o differential output data da4 and da5 multiplexed, complement da6_da7_p 53 o differential output da ta da6 and da7 multiplexed, true da6_da7_m 54 o differential output data da6 and da7 multiplexed, complement da8_da9_p 55 o differential output da ta da8 and da9 multiplexed, true da8_da9_m 56 o differential output data da8 and da9 multiplexed, complement da10_da11_p 57 o differential output data da10 and da11 multiplexed, true da10_da11_m 58 o differential output data da10 and da11 multiplexed, complement
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 7 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 7. limiting values 8. thermal characteristics [1] value for six layers board in still ai r with a minimum of 64 thermal vias. 9. static characteristics table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v o output voltage pins da11 to da0 and db11 to db0 or pins da10_da11_p to da0_da1_p, da10_da11_m to da0_da1_m, db10_db11_p to db0_db1_p and db10_db11_m to db0_db1_m ? 0.4 +3.9 v v dda analog supply voltage ? 0.4 +3.9 v v ddo output supply voltage ? 0.4 +3.9 v t stg storage temperature ? 55 +125 ?c t amb ambient temperature ? 40 +85 ?c t j junction temperature - 125 ?c table 5. thermal characteristics symbol parameter conditions typ unit r th(j-a) thermal resistance from junction to ambient [1] 15.6 k/w r th(j-c) thermal resistance from junction to case [1] 6.3 k/w table 6. static characteristics [1] symbol parameter conditions min typ max unit supplies v dda analog supply voltage 2.85 3.0 3.4 v v ddo output supply voltage cmos mode 1.65 1.8 3.6 v lvds ddr mode 2.85 3.0 3.6 v i dda analog supply current f clk =125msps; f i =70mhz - 400 - ma i ddo output supply current cmos mode; f clk =125msps; f i =70mhz -16-ma lvds ddr mode: f clk =125msps; f i =70mhz -82-ma
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 8 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs p power dissipation adc1212d125; analog supply only - 1230 - mw adc1212d105; analog supply only -1120-mw adc1212d080; analog supply only -855-mw adc1212d065; analog supply only -780-mw power-down mode - 24 - mw sleep mode - 80 - mw clock inputs: pins clkp and clkm lvpecl v i(clk)dif differential clock input voltage peak-to-peak - ? 1.6 - v sine v i(clk)dif differential clock input voltage peak-to-peak ? 0.8 ? 3.0 - v lvcmos v il low-level input voltage - - 0.3v dda v v ih high-level input voltage 0.7v dda --v logic input: pin ctrl v il low-level input voltage - 0 - v low-medium level - 0.3v dda -v medium-high level - 0.6v dda -v v ih high-level input voltage - v dda -v i il low-level input current ? 10 - +10 ? a i ih high-level input current ? 10 - +10 ? a serial peripheral interface: pins cs , sdio/ods, sclk/dfs v il low-level input voltage 0 - 0.3v dda v v ih high-level input voltage 0.7v dda -v dda v i il low-level input current ? 10 - +10 ? a i ih high-level input current ? 50 - +50 ? a c i input capacitance - 4 - pf digital outputs, cmos mode: pins da11 to da0, db11 to db0, otra, otrb and dav output levels, v ddo =3v v ol low-level output voltage agnd - 0.2v ddo v v oh high-level output voltage 0.8v ddo -v ddo v c o output capacitance high impedance; see ta b l e 1 0 -3 -pf output levels, v ddo =1.8v v ol low-level output voltage agnd - 0.2v ddo v v oh high-level output voltage 0.8v ddo -v ddo v table 6. static characteristics [1] ?continued symbol parameter conditions min typ max unit
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 9 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs [1] typical values measured at v dda =3v, v ddo =1.8v, t amb =25 ? c; minimum and maximum values are across the full temperature range t amb = ? 40 ? c to +85 ? c at v dda =3v, v ddo = 1.8 v; v inap ? v inam = ? 1 dbfs; v inbp ? v inbm = ? 1 dbfs; internal reference mode; applied to cmos and lvds inte rface; unless otherwise specified. digital outputs, lvds ddr mode: pins da10_da1 1_p to da0_da1_p, da10_da11_m to da0_da1_m, db10_db11_p to db0_db1_p, db10_db11_m to db0_db1_m; davp and davm output levels, v ddo = 3 v only, r l = 100 ? v o(offset) output offset voltage outpu t buffer current set to 3.5 ma -1.2-v v o(dif) differential output voltage output buffer current set to 3.5 ma -350-mv c o output capacitance - 3 - pf analog inputs: pins i nap, inam, inbp and inbm i i input current ? 5- +5 ? a r i input resistance - 19.8 - k ? c i input capacitance - 2.8 - pf v i(cm) common-mode input voltage v inap =v inam ; v inbp =v inbm 0.9 1.5 2 v b i input bandwidth - 600 - mhz v i(dif) differential input voltage peak-to-peak 1 - 2 v common-mode output voltage: pins vcma and vcmb v o(cm) common-mode output voltage - 0.5v dda -v i o(cm) common-mode output current - 4 - ma i/o reference voltage: pin vref v vref voltage on pin vref output - 0.5 to 1 - v input 0.5 - 1 v accuracy inl integral non-linearity ? 1.25 ? 0.25 +5 lsb dnl differential non-linearity guaranteed no missing codes ? 0.95 ? 0.5 +0.95 lsb e offset offset error - ? 2-mv e g gain error - ? 0.5 - %fs m g(ctc) channel-to-channel gain matching -1.1-% supply psrr power supply rejection ratio 200 mv (p-p) on pin vdda; f i =dc - ? 37 - db table 6. static characteristics [1] ?continued symbol parameter conditions min typ max unit
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 10 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 10. dynamic characteristics 10.1 dynamic characteristics table 7. characteristics [1] symbol parameter conditions adc1212d065 adc1212d080 adc1212d105 adc1212d125 unit min typ max min typ max min typ max min typ max analog signal processing ? 2h second harmonic level f i = 3 mhz - 87 - - 87 - - 86 - - 88 - dbc f i =30mhz -86--86--86--87 -dbc f i =70mhz -85--85--84--85 -dbc f i = 170 mhz - 82 - - 82 - - 81 - - 83 - dbc ? 3h third harmonic level f i = 3 mhz - 86 - - 86 - - 85 - - 87 - dbc f i =30mhz -85--85--85--86 -dbc f i =70mhz -84--84--83--84 -dbc f i = 170 mhz - 81 - - 81 - - 80 - - 82 - dbc thd total harmonic distortion f i = 3 mhz - 83 - - 83 - - 82 - - 84 - dbc f i =30mhz -82--82--82--83 -dbc f i =70mhz -81--81--80--81 -dbc f i = 170 mhz - 78 - - 78 - - 77 - - 79 - dbc enob effective number of bits f i = 3 mhz - 11.3 - - 11.3 - - 11.3 - - 11.3 - bits f i = 30 mhz - 11.3 - - 11.3 - - 11.3 - - 11.2 - bits f i = 70 mhz - 11.2 - - 11.2 - - 11.2 - - 11.2 - bits f i = 170 mhz - 11.1 - - 11.1 - - 11.1 - - 11.1 - bits snr signal-to-noise ratio f i = 3 mhz - 70.0 - - 69.9 - - 69.8 - - 69.6 - dbfs f i = 30 mhz - 69.5 - - 69.5 - - 69.5 - - 69.4 - dbfs f i = 70 mhz - 69.2 - - 69.2 - - 69.1 - - 69.0 - dbfs f i = 170 mhz - 68.8 - - 68.8 - - 68.7 - - 68.6 - dbfs sfdr spurious-free dynamic range f i = 3 mhz - 86 - - 86 - - 85 - - 87 - dbc f i =30mhz -85--85--85--86 -dbc f i =70mhz -84--84--83--84 -dbc f i = 170 mhz - 81 - - 81 - - 80 - - 82 - dbc
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 11 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs [1] typical values measured at v dda =3v, v ddo =1.8v, t amb =25 ? c; minimum and maximum values are ac ross the full temperature range t amb = ?40 ? c to +85 ? c at v dda =3v, v ddo = 1.8 v; v inap ? v inam = ? 1 dbfs; v inbp ? v inbm = ? 1 dbfs; internal reference mode; applied to cmos and lvds interface; unless otherwise specified. 10.2 clock and digital output timing imd intermodulation distortion f i = 3 mhz - 89 - - 89 - - 88 - - 89 - dbc f i =30mhz -88--88--88--88 -dbc f i =70mhz -87--87--86--86 -dbc f i = 170 mhz - 84 - - 85 - - 83 - - 84 - dbc ? ct(ch) channel crosstalk f i = 70 mhz - 100 - - 100 - - 100 - - 100 - dbc table 7. characteristics [1] ?continued symbol parameter conditions adc1212d065 adc1212d080 adc1212d105 adc1212d125 unit min typ max min typ max min typ max min typ max table 8. clock and digital outp ut timing characteristics [1] symbol parameter conditions adc1212d065 adc1212d080 adc1212d105 adc1212d125 unit min typ max min typ max min typ max min typ max clock timing input: pins clkp and clkm f clk clock frequency 20 - 65 60 - 80 75 - 105 100 - 125 mhz t lat(data) data latency time - 14 - - 14 - - 14 - - 14 - clock cycles ? clk clock duty cycle dcs_en = 1 30 50 70 30 50 70 30 50 70 30 50 70 % dcs_en = 0 455055455055455055455055% t d(s) sampling delay time - 0.8 - - 0.8 - - 0.8 - - 0.8 - ns t wake wake-up time - 76 - - 76 - - 76 - - 76 - ? s cmos mode timing: pins da11 to da0, db13 to db0 and dav t pd propagation delay data - 3.9 - - 3.9 - - 3.9 - - 3.9 - ns dav - 4.2 - - 4.2 - - 4.2 - - 4.2 - ns t su set-up time - 8.6 - - 7.4 - - 6.1 - - 5.7 - ns t h hold time - 4.8 - - 3.4 - - 1.8 - - 1.4 - ns t r rise time data [2] 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 ns dav 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 ns t f fall time data [2] 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 ? s
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 12 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs [1] typical values measured at v dda =3v, v ddo =1.8v, ta m b =25 ? c; minimum and maximum values are across the full temperature range t amb = ?40 ? cto +85 ? c at v dda =3v, v ddo = 1.8 v; v inap ? v inam = ? 1 dbfs; v inbp ? v inbm = ? 1 dbfs; unless otherwise specified. [2] measured between 20 % to 80 % of v ddo . [3] rise time measured from ? 50 mv to +50 mv; fall time measured from +50 mv to ? 50 mv. lvds ddr mode timing: pins da10_da11_p to da0_da1_p, da10_da11_m to da0_da1_m, db10_db11_p to db0_db1_p, db10_db11_m to db0_db1_m; davp and davm t pd propagation delay data - 3.9 - - 3.9 - - 3.9 - - 3.9 - ns dav - 4.2 - - 4.2 - - 4.2 - - 4.2 - ns t su set-up time - 5.1 - - 3.5 - - 2.1 - - 1.4 - ns t h hold time - 2.0 - - 2.0 - - 2.0 - - 2.0 - ns t r rise time data [3] 50 100 200 50 100 200 50 100 200 50 100 200 ps dav 50 100 200 50 100 200 50 100 200 50 100 200 ps t f fall time data [3] 50 100 200 50 100 200 50 100 200 50 100 200 ps dav 50 100 200 50 100 200 50 100 200 50 100 200 ps table 8. clock and digital outp ut timing characteristics [1] ?continued symbol parameter conditions adc1212d065 adc1212d080 adc1212d105 adc1212d125 unit min typ max min typ max min typ max min typ max
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 13 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs t clk =1/f clk fig 4. cmos mode timing t clk =1/f clk fig 5. lvds ddr mode timing (n ? 12) t d(s) t clk n n + 1 n + 2 t clk t su t pd t h t pd clkp clkm data dav 005aaa060 (n ? 11) (n ? 13) (n ? 14) 005aaa114 (n ? 14) t d(s) t clk n n + 1 n + 2 clkp clkm davp davm t pd (n ? 11) (n ? 12) (n ? 13) da x / db x da x / db x da x / db x da x / db x da x+1/ db x+1 da x+1/ db x+1 da x+1/ db x+1 da x+1/ db x+1 da x+1/ db x+1 da x _ da x + 1 _ p/ db x _ db x + 1 _ p da x _ da x + 1 _ m/ db x _ db x + 1 _ m da x / db x t pd t clk t h t su t h t su
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 14 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 10.3 spi timings [1] typical values measured at v dda =3v, v ddo =1.8v, t amb =25 ? c and c l = 5 pf; minimum and maximum values are across the full temperature range t amb = ?40 ? c to +85 ? c at v dda =3v, v ddo =1.8v. table 9. characteristics [1] symbol parameter conditions min typ max unit t w(sclk) sclk pulse width - 40 - ns t w(sclkh) sclk high pulse width - 16 - ns t w(sclkl) sclk low pulse width - 16 - ns t su set-up time data to sclk high - 5 - ns cs to sclk high - 5 - ns t h hold time data to sclk high - 2 - ns cs to sclk high - 2 - ns f clk(max) maximum clock frequency - 25 - mhz fig 6. spi timing t su sdio sclk r/w w1 w0 a12 a11 d2 d1 d0 t su t h t h t w(sclk) 005aaa065 cs t w(sclkl) t w(sclkh)
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 15 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 10.4 typical characteristics fig 7. capacitance as a function of frequency fig 8. resistance as a function of frequency f (mhz) 50 550 450 250 350 150 001aam619 2.8 2.6 3.0 3.2 c (pf) 2.4 f (mhz) 50 550 450 250 350 150 001aam614 8 4 12 16 r (k) 0 t=25 ? c; v dd =3v; f i = 170 mhz; f s = 125 msps (1) dcs on (2) dcs off t=25 ? c; v dd =3v; f i = 170 mhz; f s = 125 msps (1) dcs on (2) dcs off fig 9. sfdr as a function of duty cycle ( ? ) fig 10. snr as a function of duty cycle ( ? ) (%) 10 90 70 30 50 001aam616 40 60 20 80 100 sfdr (dbc) 0 (1) (2) (%) 10 90 70 30 50 001aam615 40 20 60 80 snr (dbfs) 0 (1) (2)
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 16 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs (1) t amb = ?40 ? c/typical supply voltages (2) t amb =+25 ? c/typical supply voltages (3) t amb =+90 ? c/typical supply voltages (1) t amb = ?40 ? c/typical supply voltages (2) t amb =+25 ? c/typical supply voltages (3) t amb =+90 ? c/typical supply voltages fig 11. sfdr as a function of duty cycle ( ? ) fig 12. snr as a function of duty cycle ( ? ) (%) 10 90 70 30 50 001aam617 84 88 92 sfdr (dbc) 80 (1) (2) (3) (%) 10 90 70 30 50 001aam618 40 60 80 snr (dbfs) 20 (1) (2) (3) fig 13. sfdr as a function of common-mode input voltage (v i(cm) ) fig 14. snr as a function of common-mode input voltage (v i(cm) ) v i(cm) (v) 3.5 2.5 0.5 3.0 2.0 1.0 0 1.5 001aam659 78 74 86 82 90 sfdr (dbc) 70 v i(cm) (v) 3.5 2.5 0.5 3.0 2.0 1.0 0 1.5 001aam660 69 67 73 71 75 snr (dbfs) 65
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 17 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11. application information 11.1 device control the adc1212d can be controlled via the serial peripheral interface (spi control mode) or directly via the i/o pins (pin control mode). 11.1.1 spi and pin control modes the device enters pin control mode at power-up and remains in this mode as long as pin cs is held high. in pin control mode, the spi pins sdio, cs and sclk are used as static control pins. spi control mode is enabled by forcing pin cs low. once spi control mode has been enabled, the device remains in this mode. th e transition from pin control mode to spi control mode is illustrated in figure 15 . when the device enters spi control mode, the output data standard and data format are determined by the level on pin sdio as soon as a transition is triggered by a falling edge on cs . 11.1.2 operating mode selection the active adc1212d operating mode (power-up, power-down or sleep) can be selected via the spi interface (see ta b l e 2 1 ) or by using pin ctrl in pin control mode, as described in table 10 . 11.1.3 selecting the output data standard the output data standard (cmos or lvds ddr) can be selected via the spi interface (see table 24 ) or by using pin ods in pin control mode. lvds ddr is selected when ods is high, otherwise cmos is selected. fig 15. control mode selection. r/w spi control mode pin control mode data format offset binary data format two's complement lvds ddr sdio/ods sclk/dfs w1 w0 a12 005aaa039 cmos cs table 10. operating mode selection via pin ctrl pin ctrl operating mode output high-z 0 power-down yes 0.3v dda sleep yes 0.6v dda power-up yes v dda power-up no
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 18 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11.1.4 selecting the output data format the output data format can be selected via the spi interface (offset binary, two?s complement or gray code; see ta b l e 2 4 ) or by using pin dfs in pin control mode (offset binary or two?s complement). offset binary is selected when dfs is low. when dfs is high, two?s complement is selected. 11.2 analog inputs 11.2.1 input stage the analog input of the adc1212d supports a di fferential or a single-ended input drive. optimal performance is achieved using diff erential inputs with the common-mode input voltage (v i(cm) ) on pins inap, inam, inbp and inbm set to 0.5v dda . the full-scale analog input voltage range is configurable between 1 v (p-p) and 2 v (p-p) via a programmable internal reference (see section 11.3 and table 23 ). the equivalent circuit of the sample-and-h old input stage, including electrostatic discharge (esd) protection and circuit and package parasitics, is shown in figure 16 . the sample phase occurs when the internal clock (derived from the clock signal on pin clkp/clkm) is high. the voltage is then he ld on the sampling capacitors. when the clock signal goes low, the stage enters the hold phase and the voltage information is transmitted to the adc core. 11.2.2 anti-kickback circuitry anti-kickback circuitry (rc filter in figure 17 is needed to counteract the effects of charge injection generated by the sampling capacitance. the rc filter is also used to filter noise from the signal before it reaches the sampling stage. the value of the capacitor should be ch osen to maximize noise attenuation without degrading the settling time excessively. fig 16. input sampling circuit 005aaa092 inap/inbp package esd parasitics switch r on = 14 4 pf 4 pf sampling capacitor sampling capacitor switch r on = 14 inam/inbm internal clock internal clock
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 19 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs the component values are determined by the input frequency and should be selected so as not to affect the input bandwidth. 11.2.3 transformer the configuration of the transf ormer circuit is determined by the input frequency. the configuration shown in figure 18 would be suitable for a baseband application. the configuration shown in figure 19 is recommended for high frequency applications. in both cases, the choice of transformer is a compromise between cost and performance. fig 17. anti-kickback circuit table 11. rc coupling versus input frequency, typical values input frequency (mhz) r ( ? ) c (pf) 32512 70 12 8 170 12 8 001aan679 r r c inap/ inbp inam/ inbm fig 18. single transformer configuratio n suitable for baseband applications 005aaa094 100 nf 100 nf 100 nf 100 nf 25  25  25  25  12 pf inap/inbp inam/inbm vcma/vcmb 100 nf analog input adt1-1wt 100 nf
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 20 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11.3 system reference and power management 11.3.1 internal/external references the adc1212d has a stable and accurate built-in internal reference voltage to adjust the adc full-scale. this reference voltage can be set internally via spi or with pin vref and sense (programmable in 1 db steps between 0 db and ? 6 db via control bits intref[2:0] when bit intref_en = logic 1; see ta b l e 2 3 ). see figure 21 to figure 24 . the equivalent reference circuit is shown in figure 20 . an external reference is also possible by providing a voltage on pin vref as described in figure 23 . fig 19. dual transformer configuration suitable for high intermediate frequency application 005aaa095 100 nf 100 nf 100 nf 100 nf 12 12 8.2 pf inap/inbp inam/inbm vcma/vcmb 50 50 50 50 adt1-1wt adt1-1wt analog input
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 21 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs if bit intref_en is set to logic 0, the reference voltage is determined either internally or externally as detailed in ta b l e 1 2 . [1] the voltage on pin vref is doubled internally to generate the internal reference voltage. figure 21 to figure 24 illustrate how to conne ct the sense and vref pins to select the required reference voltage source. fig 20. reference equivalent schematic table 12. reference selection selection spi bit intref_en sense pin vref pin full-scale (v (p-p)) internal ( figure 21 ) 0 agnd 330 pf capacitor to agnd 2 v internal ( figure 22 ) 0 pin vref connected to pin sense and via a 330 pf capacitor to agnd 1 v external ( figure 23 ) 0v dda external voltage between 0.5v and 1v [1] 1 v to 2 v internal via spi ( figure 24 ) 1 pin vref connected to pin sense and via 330 pf capacitor to agnd 1 v to 2 v ext_ref ext_ref 001aan670 refat/ refbt refab/ refbb sense vref selection logic bandgap reference adc core buffer reference amp
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 22 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11.3.2 programmable full-scale the full-scale is programmable between 1 v (p-p) to 2 v (p-p) (see ta b l e 1 3 ). 11.3.3 common-mode output voltage (v o(cm) ) a 0.1 ? f filter capacitor should be connected between pin vcma/vcmb and ground to ensure a low-noise common-mode output voltage. when ac-coupled, pin vcma/vcmb can then be used to set the common-mode reference for the analog inputs, for instance via a transformer middle point. fig 21. internal reference, 2 v (p-p) full-scale fig 22. internal reference, 1 v (p-p) full-scale fig 23. external reference, 1 v (p-p) to 2 v (p-p) full-scale fig 24. internal reference vi a spi, 1 v (p-p) to 2 v (p-p) full-scale 330 pf vref sense 005aaa116 reference equivalent schematic 330 pf 005aaa117 vref sense reference equivalent schematic 0.1 f vdda v 005aaa119 vref sense reference equivalent schematic reference equivalent schematic 330 pf 005aaa118 vref sense table 13. programmable full-scale intref level (db) full-scale (v (p-p)) 000 0 2 001 ? 11.78 010 ? 21.59 011 ? 31.42 100 ? 41.26 101 ? 51.12 110 ? 61 111 reserved x
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 23 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11.3.4 biasing the common-mode input voltage (v i(cm) ) on pins inap/inbp and inam/inbm should be set externally to 0.5v dda for optimal performance and should always be between 0.9 v and 2 v (see ta b l e 6 ). 11.4 clock input 11.4.1 drive modes the adc1212d can be driven differentially (lvpecl). it can also be driven by a single-ended lvcmos signal connected to pin clkp (pin clkm should be connected to ground via a capacitor) or pin clkm (pin clkp should be connected to ground via a capacitor). fig 25. equivalent schematic of the common-mode reference circuit 1.5 v vcma/vcmb 0.1 f package esd parasitics 005aaa099 common mode reference adc core a. rising edge lvcmos b. falling edge lvcmos fig 26. lvcmos single-ended clock input lvcmos clock input clkp clkm 005aaa174 005aaa053 lvcmos clock input clkp clkm
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 24 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11.4.2 equivalent input circuit the equivalent circuit of the input clock buffer is shown in figure 28 . the common-mode voltage of the differential input stage is set via internal 5 k ? resistors. a. sine clock input b. sine clock input (with transformer) c. lvpecl clock input fig 27. differential clock input sine clock input clkp clkm 005aaa173 sine clock input clkp clkm 005aaa054 lvpecl clock input 005aaa172 clkp clkm v cm(clk) = common-mode voltage of the differential input stage fig 28. equivalent input circuit clkp clkm 005aaa056 package esd parasitics 5 k 5 k v cm(clk) se_sel se_sel
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 25 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs single-ended or differential clock inputs can be selected via the spi interface (see table 22 ). if single-ended is enabled, the input pin (clkm or clkp) is selected via control bit se_sel. if single-ended is implemented without settin g bit se_sel to the appropriate value, the unused pin should be connected to ground via a capacitor. 11.4.3 duty cycle stabilizer the duty cycle stabilizer can improve th e overall performances of the adc by compensating the duty cycle of the input clock signal. when the duty cycle stabilizer is active (bit dcs_en = logic 1; see table 22 ), the circuit can handle signals with duty cycles of between 30 % and 70 % (typical). when the duty cycle stabilizer is disabled (dcs_en = logic 0), the input clock signal s hould have a duty cycle of between 45 % and 55 %. 11.4.4 clock input divider the adc1212d contains an input clock divider that divides the incoming clock by a factor of 2 (when bit clkdiv = logic 1; see ta b l e 2 2 ). this feature allows the user to deliver a higher clock frequency with better jitter performance, leading to a better snr result once acquisition has been performed. 11.5 digital outputs 11.5.1 digital output buffers: cmos mode the digital output buffers can be configured as cmos by setting bit lvds_cmos to logic 0 (see ta b l e 2 4 ). each digital output has a dedicated output buffer. the equivalent circuit of the cmos digital output buffer is shown in figure 29 . the buffer is powered by a separate agnd/v ddo to ensure 1.8 v to 3.3 v compatibilit y and is isolated from the adc core. each buffer can be loaded by a maximum of 10 pf. fig 29. cmos digital output buffer vddo esd package parasitics agnd dx 005aaa057 50 logic driver
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 26 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs the output resistance is 50 ? and is the combination of an internal resistor and the equivalent output resistance of the buffer. there is no need for an external damping resistor. the drive strength of both data and dav buffers can be programmed via the spi in order to adjust the rise and fall times of the output digital signals (see ta b l e 3 1 ). 11.5.2 digital output buffers: lvds ddr mode the digital output buffers can be configured as lvds ddr by setting bit lvds_cmos to logic 1 (see ta b l e 2 4 ). each output should be terminated externally with a 100 ? resistor (typical) at the receiver side ( figure 30 ) or internally via spi contro l bits lvds_int_ter[2:0] (see figure 31 and ta b l e 3 3 ). the default lvds ddr output bu ffer current is set to 3.5 m a. it can be programmed via the spi (bits davi[1:0] and datai[1:0]; see ta b l e 3 2 ) in order to adjust the output logic voltage levels. fig 30. lvds ddr digital output buffer - externally terminated fig 31. lvds ddr digital output buffer - internally terminated dan_dan + 1_m; dbn_dbn + 1_m vddo 3.5 ma typical agnd 100 - 005aaa112 + - + receiver dan_dan + 1_p; dbn_dbn + 1_p dan_dan + 1_p; dbn_dbn + 1_p dan_dan + 1_m; dbn_dbn + 1_m vddo 3.5 ma typical agnd 100 - 005aaa113 + - + receiver 100
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 27 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11.5.3 data valid (dav) output clock a data valid output clock signal (dav) is provided that can be used to capture the data delivered by the adc1212d. detailed timing diagrams for cmos and lvds ddr modes are provided in figure 4 and figure 5 respectively. in lvds ddr mode, it is highly recommended to shift ahead the dav by 1 ns (bits davphase[2:0] = 0b100; see ta b l e 2 5 ). 11.5.4 out-of-range (otr) an out-of-range signal is provided on pin otra for adc channel a and on pin otrb for adc channel b. the latency of otra/otrb is fourteen clock cycles. the otr response can be speeded up by enabling fast otr (bit fastotr = logic 1; see ta b l e 3 0 ). in this mode, the latency of otra/otrb is reduced to only four clock cycles. the fast otr detection threshold (below full-scale) can be programmed via bits fastotr_det[2:0]. 11.5.5 digital offset by default, the adc1212d delivers output co de that corresponds to the analog input. however, it is possible to add a digital offset to the output code via the spi (bits dig_offset[5:0]; see table 26 ). table 14. lvds ddr output register 2 lvds_int_ter[2:0] resistor value ( ? ) 000 no internal termination 001 300 010 180 011 110 100 150 101 100 110 81 111 6 table 15. fast otr register fastotr_det[2:0] detection level (db) 000 ? 20.56 001 ? 16.12 010 ? 11.02 011 ? 7.82 100 ? 5.49 101 ? 3.66 110 ? 2.14 111 ? 0.86
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 28 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11.5.6 test patterns for test purposes, the adc1212d can be configured to transmit one of a number of predefined test patterns (via bits testpat_sel[2:0]; see ta b l e 2 7 ). a custom test pattern can be defined by the user (testpat_user[11:4]; see ta b l e 2 8 and testpat_user[3:0]; see table 29 ) and is selected when testpat_sel[2:0] = 101. the selected test pattern is transmitted regardless of the analog input. 11.5.7 output codes versus input voltage 11.6 serial peripheral interface (spi) 11.6.1 register description the adc1212d serial interface is a synchronous serial communicatio ns port that allows easy interfacing with many commonly used mi croprocessors. it provides access to the registers that control the operation of the chip. this interface is configured as a 3- wire type (sdio as bidirectional pin). pin sclk is the serial clock input and cs is the chip select pin. each read/write operation is initiated by a low level on cs . a minimum of three bytes is transmitted (two instruction bytes and at least one data byte). the number of data bytes is determined by the value of bits w1 and w2 (see table 18 ). table 16. output codes v inap ? v inam / v inbp ? v inbm offset binary two?s complement otra/otrb pin < ? 1 0000 0000 0000 1000 0000 0000 1 ? 1.0000000 0000 0000 0000 1000 0000 0000 0 ? 0.9995117 0000 0000 0001 1000 0000 0001 0 ? 0.9990234 0000 0000 0010 1000 0000 0010 0 ? 0.9985352 0000 0000 0011 1000 0000 0011 0 ? 0.9980469 0000 0000 0100 1000 0000 0100 0 .... .... .... 0 ? 0.0009766 0111 1111 1110 1111 1111 1110 0 ? 0.0004883 0111 1111 1111 1111 1111 1111 0 +0.0000000 1000 0000 0000 0000 0000 0000 0 +0.0004883 1000 0000 0001 0000 0000 0001 0 +0.0009766 1000 0000 0010 0000 0000 0010 0 .... .... .... 0 +0.9980469 1111 1111 1011 0111 1111 1011 0 +0.9985352 1111 1111 1100 0111 1111 1100 0 +0.9990234 1111 1111 1101 0111 1111 1101 0 +0.9995117 1111 1111 1110 0111 1111 1110 0 +1 1111 1111 1111 0111 1111 1111 0 > +1 1111 1111 1111 0111 1111 1111 1
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 29 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs [1] bit r/w indicates whether it is a read (logic 1) or a write (logic 0) operation. [2] bits w1 and w0 indicate the number of bytes to be transferred (see table 18 ). bits a12 to a0 indicate the address of the register being accessed. in the case of a multiple byte transfer, this address is the first register to be accessed. an address counter is increased to access subsequent addresses. the steps for a data transfer: 1. a falling edge on pin cs in combination with a rising edge on pin sclk determine the start of communications. 2. the first phase is the transfer of the 2-byte instruction. 3. the second phase is the transfer of the data which can vary in length but is always a multiple of 8 bits. the msb is always sent first (for instruction and data bytes). 4. a rising edge on pin cs indicates the end of data transmission. 11.6.2 default modes at start-up during circuit initialization it does not matter which output data standard has been selected. at power-up, the dev ice enters pin control mode. a falling edge on pin cs triggers a transition to spi control mode. when the adc1212d enters spi control mode, the output data standard (cmo s/lvds ddr) is determined by the level on pin sdio (see figure 33 ). once in spi control mode, the output data standard can be changed via bit lvds_cmos (see ta b l e 2 4 ). table 17. instruction bytes for the spi msb lsb bit 76543210 description r/w [1] w1 [2] w0 [2] a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 table 18. number of data bytes to be transferred after the instruction bytes w1 w0 number of bytes transmitted 001 byte 012 bytes 103 bytes 1 1 4 bytes or more fig 32. spi mode timing cs sclk sdio r/w w1 w0 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d3 d2 d1 d0 d0 d7 d6 d5 d4 instruction bytes register n (data) register n + 1 (data) 005aaa086
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 30 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs when the adc1212d enters spi control mode, the output data format (two?s complement or offset binary) is determined by the level on pin sclk (gray code can only be selected via the spi). once in spi control mode, the output data format can be changed via bit data_format[1:0] (see ta b l e 2 4 ). fig 33. default mode at start-up: sclk low = offset binary; sdio high = lvds ddr fig 34. default mode at start-up: sclk high = two?s complement; sdio low = cmos cs sdio (cmos lvds ddr) sclk (data format) offset binary, lvds ddr default mode at start-up 005aaa063 sdio (cmos lvds ddr) sclk (data format) two's complement, cmos default mode at start-up 005aaa064 cs
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 31 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 11.6.3 register allocation map table 19. register allocation map addr (hex) register name access bit definition default (bin) bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 0003 channel index r/w reserved[5:0] adcb adca 1111 1111 0005 reset and operating mode r/w sw_ rst reserved[2:0] - - op_mode[1:0] 0000 0000 0006 clock r/w - - - se_sel diff_se - clkdiv dcs_en 0000 0001 0008 internal reference r/w - - - - intref_en intref[2:0] 0000 0000 0011 output data standard. r/w - - - lvds_ cmos outbuf outbus_swap data_format[1:0] 0000 0000 0012 output clock r/w - - - - davinv davphase[2:0] 0000 1110 0013 offset r/w - - dig_offset[5:0] 0000 0000 0014 test pattern 1 r/w - - - - - testpat_sel[2:0] 0000 0000 0015 test pattern 2 r/w testpat_user[11:4] 0000 0000 0016 test pattern 3 r/w testpat_user[3:0] - - - - 0000 0000 0017 fast otr r/w - - - - fastotr fastotr_det[2:0] 0000 0000 0020 cmos output r/w - - - - dav_drv[1:0] data_drv[1:0] 0000 1110 0021 lvds ddr o/p 1 r/w - - reserved davi[1:0] reserved datai[1:0] 0000 0000 0022 lvds ddr o/p 2 r/w - - - - bit_byte_wise lvds_int_ter[2:0] 0000 0000
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 32 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs table 20. channel index control register (address 0003h) bit description default values are highlighted. bit symbol access value description 7 to 2 reserved[5:0] - 111111 reserved 1 adcb r/w next spi command for adc b 0 adc b not selected 1 adc b selected 0 adca r/w next spi command for adc a 0 adc a not selected 1 adc a selected table 21. reset and operating mode control register (address 0005h) bit description default values are highlighted. bit symbol access value description 7 sw_rst r/w reset digital section 0 no reset 1 performs a reset on spi registers 6 to 4 reserved[2:0] - 000 reserved 3 to 2 - - 00 not used 1 to 0 op_mode[1:0] r/w operating mode 00 normal (power-up) 01 power-down 10 sleep 11 normal (power-up) table 22. clock control register (address 0006h) bit description default values are highlighted. bit symbol access value description 7 to 5 - - 000 not used 4 se_sel r/w single-ended clock input pin select 0clkm 1clkp 3 diff_se r/w differential/single-ended clock input select 0 fully differential 1 single-ended 2 reserved - 0 reserved 1 clkdiv r/w clock input divide by 2 0 disabled 1 enabled 0 dcs_en r/w duty cycle stabilizer 0 disabled 1 enabled
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 33 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs table 23. internal reference control register (address 0008h) bit description default values are highlighted. bit symbol access value description 7 to 4 - - 0000 not used 3 intref_en r/w programmable internal reference enable 0 disable 1 active 2 to 0 intref[2:0] r/w programmable internal reference 000 0db (fs=2v) 001 ? 1 db (fs = 1.78 v) 010 ? 2 db (fs = 1.59 v) 011 ? 3 db (fs = 1.42 v) 100 ? 4 db (fs = 1.26 v) 101 ? 5 db (fs = 1.12 v) 110 ? 6db (fs=1v) 111 reserved table 24. output data standard control register (address 0011h) bit description default values are highlighted. bit symbol access value description 7 to 5 - - 000 not used 4 lvds_cmos r/w output data standard: lvds ddr or cmos 0cmos 1 lvds ddr 3 outbuf r/w output buffers enable 0 output enabled 1 output disabled (high z) 2 outbus_swap r/w output bus swap 0 no swapping 1 output bus is swapped (msb becomes lsb and vice versa) 1 to 0 data_format[1:0] r/w output data format 00 offset binary 01 two?s complement 10 gray code 11 offset binary
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 34 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs [1] t clk =1/f clk table 25. output clock register (address 0012h) bit description default values are highlighted. bit symbol access value description 7 to 4 - - 0000 not used 3 davinv r/w output clock data valid (dav) polarity 0 normal 1 inverted 2 to 0 davphase[2:0] r/w dav phase select 000 output clock shifted (ahead) by 6/16 ? t clk [1] 001 output clock shifted (ahead) by 5/16 ? t clk [1] 010 output clock shifted (ahead) by 4/16 ? t clk [1] 011 output clock shifted (ahead) by 3/16 ? t clk [1] 100 output clock shifted (ahead) by 2/16 ? t clk [1] 101 output clock shifted (ahead) by 1/16 ? t clk [1] 110 default value as defined in timing section 111 output clock shifted (delayed) by 1/16 ? t clk [1] table 26. offset register (add ress 0013h) bit description default values are highlighted. bit symbol access value description 7 to 6 - - 00 not used 5 to 0 dig_offset[5:0] r/w digital offset adjustment 011111 +31 lsb ... ... 000000 0 ... ... 100000 ? 32 lsb table 27. test pattern register 1 (address 0014h) bit description default values are highlighted. bit symbol access value description 7 to 3 - - 00000 not used 2 to 0 testpat_sel[2:0] r/w digital test pattern select 000 off 001 mid scale 010 ? fs 011 +fs 100 toggle ?1111..1111?/?0000..0 000? 101 custom test pattern 110 ?0101..0101? 111 ?1010..1010.?
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 35 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs table 28. test pattern register 2 (address 0015h) bit description default values are highlighted. bit symbol access value description 7 to 0 testpat_user[11:4] r/w 0000 0000 custom digital test pattern (bits 11 to 4) table 29. test pattern register 3 (address 0016h) bit description default values are highlighted. bit symbol access value description 7 to 4 testpat_user[3:0] r/w 0000 custom digital test pattern (bits 3 to 0) 3 to 0 - - 0000 not used table 30. fast otr register (address 0017h) bit description default values are highlighted. bit symbol access value description 7 to 4 - - 0000 not used 3 fastotr r/w fast out-of-range (otr) detection 0 disabled 1 enabled 2 to 0 fastotr_det[2:0] r/w se t fast otr detect level 000 ? 20.56 db 001 ? 16.12 db 010 ? 11.02 db 011 ? 7.82 db 100 ? 5.49 db 101 ? 3.66 db 110 ? 2.14 db 111 ? 0.86 db table 31. cmos output register (address 0020h) bit description default values are highlighted. bit symbol access value description 7 to 4 - - 0000 not used 3 to 2 dav_drv[1:0] r/w drive strength for dav cmos output buffer 00 low 01 medium 10 high 11 very high 1 to 0 data_drv[1:0] r/w drive strength for data cmos output buffer 00 low 01 medium 10 high 11 very high
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 36 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs table 32. lvds ddr output register 1 (address 0021h) bit description default values are highlighted. bit symbol access value description 7 to 6 - - 00 not used 5 reserved - 0 reserved 4 to 3 davi[1:0] r/w lvds current for dav lvds buffer 00 3.5 ma 01 4.5 ma 10 1.25 ma 11 2.5 ma 2 reserved - 0 reserved 1 to 0 datai[1:0] r/w lvds current for data lvds buffer 00 3.5 ma 01 4.5 ma 10 1.25 ma 11 2.5 ma table 33. lvds ddr output register 2 (address 0022h) bit description default values are highlighted. bit symbol access value description 7 to 4 - - 0000 not used 3 bit_byte_wise r/w ddr mode for lvds output 0 bit wise (even data bits output on dav rising edge/odd data bits output on dav falling edge) 1 byte wise (msb data bits output on dav rising edge/lsb data bits output on dav falling edge) 2 to 0 lvds_int_ter[2:0] r/w internal termination for lvds buffer (dav and data) 000 no internal termination 001 300 ? 010 180 ? 011 110 ? 100 150 ? 101 100 ? 110 81 ? 111 60 ?
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 37 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 12. package outline fig 35. package outline sot804-3 (hvqfn64) references outline version european projection issue date iec jedec jeita sot804-3 - - - - - - - - - sot804-3_po unit mm max nom min 1.00 0.85 0.80 0.05 0.02 0.00 0.30 0.21 0.18 0.2 9.1 9.0 8.9 9.1 9.0 8.9 0.5 0.1 0.05 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. hvqfn64: plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 x 9 x 0.85 mm sot804-3 a 1 bcd (1) 0.1 y 1 d h 7.25 7.10 6.95 e (1) e h 7.25 7.10 6.95 ee 1 7.5 e 2 7.5 l 0.5 0.4 0.3 vw 0.05 y 0 2.5 5 mm scale terminal 1 index area terminal 1 index area b d a e b e 1 e ac b v c w 17 32 e 2 e 33 48 d h 49 64 e h l 1 16 c y c y 1 x detail x a 1 a c 1/2 e 1/2 e 09-02-24 10-08-06
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 38 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 13. abbreviations table 34. abbreviations acronym description adc analog-to-digital converter cmos complementary metal oxide semiconductor dav data valid dcs duty cycle stabilizer dfs data format select esd electrostatic discharge fs full-scale imd intermodulation distortion lsb least significant bit lvcmos low voltage complementary metal oxide semiconductor lvds ddr low voltage differential signalling double data rate lvpecl low-voltage positive emitter-coupled logic msb most significant bit otr out-of-range sfdr spurious-free dynamic range snr signal-to-noise ratio spi serial peripheral interface tx transmitter
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 39 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 14. revision history table 35. revision history document id release date data sheet status change notice supersedes adc1212d_ser v.2 20110304 product data sheet - adc1212d_ser v.1 modifications: ? data sheet status changed from preliminary to product. ? text and drawings updated throughout entire data sheet. ? section 10.4 ? typical characteristics ? has been added to the data sheet. ? section 13 ? abbreviations ? has been added to the data sheet. adc1212d_ser v.1 20100806 preliminary data sheet - -
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 40 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
adc1212d_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 4 march 2011 41 of 42 nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors adc1212d series dual 12-bit adc: cmos or lvds ddr digital outputs ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 4 march 2011 document identifier: adc1212d_ser please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 cmos outputs selected . . . . . . . . . . . . . . . . . . 3 6.1.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.1.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 lvds ddr outputs selected. . . . . . . . . . . . . . . 5 6.2.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 6.2.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 6 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 7 8 thermal characteristics . . . . . . . . . . . . . . . . . . 7 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 10 dynamic characteristics . . . . . . . . . . . . . . . . . 10 10.1 dynamic characteristics . . . . . . . . . . . . . . . . . 10 10.2 clock and digital output timing . . . . . . . . . . . . 11 10.3 spi timings . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 10.4 typical characteristics . . . . . . . . . . . . . . . . . . 15 11 application information. . . . . . . . . . . . . . . . . . 17 11.1 device control . . . . . . . . . . . . . . . . . . . . . . . . . 17 11.1.1 spi and pin control modes . . . . . . . . . . . . . . . 17 11.1.2 operating mode selection. . . . . . . . . . . . . . . . 17 11.1.3 selecting the output data standard . . . . . . . . . 17 11.1.4 selecting the output data format. . . . . . . . . . . 18 11.2 analog inputs . . . . . . . . . . . . . . . . . . . . . . . . . 18 11.2.1 input stage . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 11.2.2 anti-kickback circuitry . . . . . . . . . . . . . . . . . . . 18 11.2.3 transformer . . . . . . . . . . . . . . . . . . . . . . . . . . 19 11.3 system reference and power management . . 20 11.3.1 internal/external references . . . . . . . . . . . . . . 20 11.3.2 programmable full-scale . . . . . . . . . . . . . . . . . 22 11.3.3 common-mode output voltage (v o(cm) ) . . . . . 22 11.3.4 biasing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 11.4 clock input . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 11.4.1 drive modes . . . . . . . . . . . . . . . . . . . . . . . . . 23 11.4.2 equivalent input circuit . . . . . . . . . . . . . . . . . . 24 11.4.3 duty cycle stabilizer . . . . . . . . . . . . . . . . . . . . 25 11.4.4 clock input divider . . . . . . . . . . . . . . . . . . . . . 25 11.5 digital outputs . . . . . . . . . . . . . . . . . . . . . . . . . 25 11.5.1 digital output buffers: cmos mode . . . . . . . . 25 11.5.2 digital output buffers: lvds ddr mode . . . . . 26 11.5.3 data valid (dav) output clock . . . . . . . . . . . . 27 11.5.4 out-of-range (otr) . . . . . . . . . . . . . . . . . . . 27 11.5.5 digital offset . . . . . . . . . . . . . . . . . . . . . . . . . . 27 11.5.6 test patterns . . . . . . . . . . . . . . . . . . . . . . . . . 28 11.5.7 output codes versus input voltage. . . . . . . . . 28 11.6 serial peripheral interface (spi) . . . . . . . . . . 28 11.6.1 register description . . . . . . . . . . . . . . . . . . . . 28 11.6.2 default modes at start-up. . . . . . . . . . . . . . . . 29 11.6.3 register allocation map . . . . . . . . . . . . . . . . . 31 12 package outline. . . . . . . . . . . . . . . . . . . . . . . . 37 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 38 14 revision history . . . . . . . . . . . . . . . . . . . . . . . 39 15 legal information . . . . . . . . . . . . . . . . . . . . . . 40 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 40 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 40 15.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 41 16 contact information . . . . . . . . . . . . . . . . . . . . 41 17 contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42


▲Up To Search▲   

 
Price & Availability of ADC1212D065HN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X