Part Number Hot Search : 
MAC210A6 N4744 20FIB 100353PC M66311P 83C51 0505S M62720GP
Product Description
Full Text Search
 

To Download 51441-2072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/22/2010 please check www.molex.com for latest part information part number: 0514412072 status: active description: 0.50mm (.020") pitch easy-on? type ffc/fpc connector, right angle, smt, zif, bottom contact style, 1.10mm (.043") mated height, 20 circuits, lead-free, gold contact plating documents: 3d model product specification ps-51441-006 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family ffc/fpc connectors series 51441 product name easy-on? physical circuits (loaded) 20 circuits (maximum) 20 color - resin black, natural contact position bottom durability (mating cycles max) 20 entry angle 90 angle mated height (in) 0.043 in mated height (mm) 1.10 mm material - metal phosphor bronze material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic number of rows 1 orientation right angle pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.020 in pitch - mating interface (mm) 0.50 mm pitch - term. interface (in) 0.020 in pitch - term. interface (mm) 0.50 mm plating min: mating (in) 4 plating min: mating (m) 0.1 plating min: termination (in) 2 plating min: termination (m) 0.05 polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -20c to +85c termination interface: style surface mount wire/cable type ffc/fpc electrical current - maximum per contact 0.5a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers product specification ps-51441-006, rps-51441-021, rps-51441-024, rps-51441-025, rps-51441-030 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 51441 series
sales drawing sd-51441-012, sd-51441-013 this document was generated on 04/22/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 51441-2072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X