Part Number Hot Search : 
TB200 IT888 MAX14 C2020 MAX4530 HIROSE GP08B 2SJ265
Product Description
Full Text Search
 

To Download 2SC4960 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon npn power transistor 2SC4960 description high collector-base breakdown voltage- : v (br)cbo = 900v(min) high switching speed applications designed for power switching applications. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage 900 v v ces collector-emitter voltage 900 v v ceo collector-emitter voltage 800 v v ebo emitter-base voltage 7 v i c collector current-continuous 1 a i cm collector current-peak 2 a i b b base current-continuous 0.3 a collector power dissipation @ t c =25 40 p c collector power dissipation @ t a =25 3 w t j junction temperature 150 t stg storage temperature range -55~150 isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon npn power transistor 2SC4960 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c = 1ma; i b = 0 b 800 v v ce (sat) collector-emitter saturation voltage i c = 0.2a; i b = 40ma 1.5 v v be (sat) base-emitter saturation voltage i c = 0.2a; i b = 40ma 1.0 v i cbo collector cutoff current v cb = 900v; i e = 0 50 a i ebo emitter cutoff current v eb = 7v; i c = 0 50 a h fe-1 dc current gain i c = 50ma; v ce = 5v 6 h fe-2 dc current gain i c = 0.5a; v ce = 5v 3 f t current-gain?bandwidth product i c = 50ma; v ce = 10v; f= 1mhz 4 mhz switching times t on turn-on time 1.0 s t stg storage time 3.0 s t f fall time i c = 0.2a; i b1 = 40ma, i b2 = -80ma; v cc = 250v 1.0 s isc website www.iscsemi.cn 2


▲Up To Search▲   

 
Price & Availability of 2SC4960

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X