Part Number Hot Search : 
KIA7423F 0ACSE E0026 BROAD HI562800 SHA396A 30006 TK11816
Product Description
Full Text Search
 

To Download 0757830140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0757830140 status: active overview: ipass description: 0.80mm (.031") pitch, ipass? i/o smt receptacle, right angle, internal application, 36 circuit, 0.38m (15") gold (au), through hole shell, universal key documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-75783-001 (pdf) agency certification csa lr19980 ul e29179 general product family i/o connectors series 75783 application wire-to-board comments positive or passive latching cable available component type receptacle overview ipass product name ipass?, pci express*, sas, serial ata type n/a physical boot color n/a circuits (loaded) 36 circuits (maximum) 36 color - resin black durability (mating cycles max) 25 flammability 94v-0 gender receptacle keying to mating part yes lock to mating part none material - metal copper-nickel-zinc, high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.110 in pcb thickness recommended (mm) 2.79 mm packaging type embossed tape on reel panel mount no pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm pitch - term. interface (in) 0.031 in pitch - term. interface (mm) 0.80 mm plating min: mating (in) 15.2 plating min: mating (m) 0.38 plating min: termination (in) 101.6 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 75783 series mates with ipass? cable assemblies, 79575 , 79576 , 74562 , 74563 , 79536 , 74573 , 74569 , 74586
ports 1 surface mount compatible (smc) yes temperature range - operating -40c to +80c termination interface: style surface mount waterproof / dustproof no wire insulation diameter n/a wire size awg n/a electrical current - maximum per contact 0.5a grounding to panel none shield type full shield shielded yes voltage - maximum 30v ac (rms)/dc material info reference - drawing numbers packaging specification pk-75783-001 product specification ps-75783-001 sales drawing sd-75783-001 this document was generated on 05/28/2010 please check www.molex.com for latest part information













▲Up To Search▲   

 
Price & Availability of 0757830140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X