Part Number Hot Search : 
K10101TA 3KP15CA HD74LV 593802 SPD5806S M54537FP C4001 TA1814A
Product Description
Full Text Search
 

To Download VK05CFL13TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  march 2002 1/14 ? vk05cfl electronic driver for cfl application n emitter switch power output stage n integrated antiparallel collector source diode n integrated diac function n nominal working frequency settable by external capacitor n ignition frequency set by load description the vk05cfl is a monolithic device housed in a standard so-8 package, made by using stmicroelectronics proprietary vipower m3 technology. this device is intended both for the low side and the high side driver in half bridge cfl applications. this means that it is possible to realize a complete h-bridge by using two vk05cfl devices: one connected in hsd configuration and the other connected in lsd configuration. in the vk05cfl used in hsd configuration, the diac pin must be connected to source pin. both diac functionality and discharge circuit for external diac capacitor are integrated. by an external capacitor it is possible to choose the nominal working frequency without influence on the ignition one. type b v i crms i peak vk05cfl 520 v 0.25a 1.5a so-8 block diagram - + osc 2vref - + diac sec diac source collector 5vref r
2/14 vk05cfl absolute maximum rating thermal data (*) when mounted on a standard single-sided fr-4 board with 100mm 2 of cu (at least 35 m m thick). connection diagram pin functions symbol parameter min typ max unit v cs collector-source voltage 520 v i sec input current (secondary) -100 140 ma v sec input voltage (secondary) internally limited v i cm collector peak current -1.8 1.8 a i osc osc pin current 100 ma v osc osc pin voltage internally limited v t j max operating junction temperature -40 150 c t stg storage temperature range -55 150 c symbol parameter value unit r thj-lead thermal resistance junction - lead max 15 c/w r thj-amb thermal resistance junction - ambient max 52 (*) c/w pin name pin function collector collector of the npn high voltage transistor in the cascode configuration. source low voltage power mosfet source in the cascode configuration and ground reference. diac input of the diac block to start the system up at the beginning. sec connection with secondary winding of the voltage transformer, in order to trigger and to supply the device. osc output via to charge external capacitor necessary to set the steady state working frequency. so-8 collector collector collector collector sec source osc diac 1 4 5 8
3/14 vk05cfl electrical characteristics (t case =25 c unless otherwise specified) forward reverse osc diac sec symbol parameter test conditions min typ max unit v cs(sat) collector-source saturation voltage v sec =10v; i c =300ma 1.4 2.8 v symbol parameter test conditions min typ max unit v csr collector-source reverse voltage i c = -300ma -1 -1.5 v symbol parameter test conditions min typ max unit i osc osc output current v sec =10v; v osc =0v 300 m a v osc(th) osc turn-off voltage v sec =10v 1.6 2 v symbol parameter test conditions min typ max unit v diac(thh) diac on threshold 28 31 35 v v diac(thl) diac off threshold 18 v symbol parameter test conditions min typ max unit v sec(clh) sec clamp high i sec =20ma; v osc =0v 22 v v sec(cll) sec clamp low i sec = -10ma 25 v v sec(on) sec turn-on voltage i c =10ma; v osc =0v 3.5 4.5 5.5 v i sec(on) sec on current v sec =10v; v osc =0v; i c =300ma 4 ma
4/14 vk05cfl application description technology overview the vk05cfl is made by using stmicroelectronics proprietary vipower m3-3 technology. this technology allows the integration in the same chip both of the control part and the power stage. the power stage is the aemitter switchingo. it is made by putting in cascode configuration a bipolar high voltage darlington with a low voltage mosfet. this configuration provides a good trade-off between the bipolars low on drop with high breakdown voltage in off state, and the mosfets high switching speed. the maximum theoretical working frequency is in the range of 300khz. circuit description the electrical scheme of the vk05cfl used as a self-oscillating converter to drive fluorescent tubes is shown in fig. 1. figure 1: application schematic this topology does not require the saturable transformer to set the working frequency. two secondary windings are wound on the main ballast choke lp. these windings have two functions:1) to trigger the on state and 2) to provide the power supply to the device. a good trade-off for the ratio between the primary winding lp and the two secondary windings is 10:1; in order to minimize the power dissipated on the resistors r4 - r5 and to guarantee sufficient voltage to supply the device. the steady-state working frequency is set by the two capacitor c5 and c6. they are charged by a current i cap 200 m a. when the voltage on the capacitor reaches an internal fixed value the power stage is turned off. by choosing the same value for c5 and c6 the circuit will work with a duty-cycle of 50%. during the start-up, as the resonance frequency is higher than the steady-state frequency, the secondary voltage falls lower than the device sustain voltage before the capacitor c5-6 is charged, switching off the device. for this reason the circuit can work at different frequencies during the start-up and steady-state phases. the resistor r2 and the capacitor c8 are needed to bias the internal diac in the low side device in order to start-up the system. in the high side device the diac pin must be connected to the midpoint. r1 is the pull-up resistor and c7 is the snubber capacitor. input filtering is realized by r4-c10 and r5-c11. it is necessary to have a proper supply voltage on the input pin. l1s l2s vk05cfl tube lp c8 c7 c3 c2 c5 c6 r2 r1 c10 c11 r4 r5 vk05cfl bridge + input filter c4 c13 ptc diac sec osc source collector diac sec osc source collector 1
5/14 vk05cfl functional description when the circuit is supplied, the capacitor c8 is charged by the resistor r2 till the voltage across it reaches the internal diac threshold value (~ 30v). the low side switch is turned on and consequently current will flow from the hv rail to ground through the path formed by c3//c2, c4 and lp (in case that the pre-heating network is not present: ptc and c13 are not connected). the voltage drop on lp is atransferredo to the two secondary windings (wound in opposition) in order to confirm the on state for the low side device and the off state for the high side device. as soon as the low side device switches on, the capacitor c8 is discharged to ground by an internal hv diode to avoid diac restart. in this preliminary phase the tube is off and the circuit will oscillate at the lp-c4 series with (c3//c2) resonance frequency we can neglect c3//c2 as this frequency is higher than the steady-state one, the two devices will switch on-off at this frequency, as the voltage on the two secondary windings falls below the voltage needed to keep the device on. as soon as the tube is ignited the resonance frequency is reduced (lp-c3//c2) and the circuit will work at the steady-state frequency fixed by the two capacitors c5 and c6. it is possible to calculate the steady-state frequency by these formulae: (r = internal impedance) considering the vk05cfl board: r=12k w ; c5=c6=1.2nf; t storage 400nsec ; c7=680pf ? t (dv)/(dt) 800nsec ; the working frequency will be: f 35khz. in figure 2 and figure 3, the start-up phase without preheating is reported, while in figure 4 the main waveforms in steady-state are shown. figure 2: start-up phase f st up 1 2 p l c c 4 ? ---------------------------- - = t on rc 5 2 -- - ln ?? = 1 2 -- - tt on t storage t dv () dt () M ++ = f 1 t --- = midpoint i device
6/14 vk05cfl figure 3: start-up phase from figure 4 it can be observed that the value of secondary voltage decreases when the lamp current increases. this happens because increasing the value of the current flowing through the tube, increase the drop on it, consequently decreasing the voltage on the ballast inductor lp and thereby decreasing also the secondary voltage. by inserting the filters (r4-c10; r5-c11) between the two secondary windings and the devices, it is possible to guarantee a higher voltage on the input pin of the devices for longer time compared to the secondary signal. in this way it is possible to extend the use of the vk05cfl to all the power range eg.5w 23w. figure 4: steady state waveforms midpoint diac v midpoint v l2s v sec i lamp
7/14 vk05cfl secondary filter design the design of rc network applied on the sec pin of both devices has to be done taking into account the following considerations: 1) the sec filtered voltage must reach the device on threshold at the end of the negative dv/dt and before the end of the freewheeling diode conduction in order to avoid hard switching or switching on delay. 2) the filtered voltage must be high enough (greater than 5v) at the end of t on in order to guarantee the device supply voltage. a good choice for time constant ( t =rc) is in the range:1.5 m s 3.3 m s. the resistor value has chosen in relation to the power dissipated on it during the start-up phase, the worst condition is verified when the preheating is used. tube pre-heating if the tube pre-heating is required the classical solution with ptc can be used easily (see application schematic in figure 1). in figure 5, the lamp current waveform during this phase is shown. figure 5: pre-heating phase application board please note that this demo can be used for europe (230vrms) market as well as for usa (110vrms) market. in order to use the demoboard for europe market the following modification must be done: electrolytic capacitors c1 and c12 must be replaced with only one electrolytic capacitor cx = 3,3 m f/400v connected with the positive pin on the d1 catode and the negative pin on the d3 anode. also different power range cfl can be driven by using this demoboard; on the left side of the component list reported below you find i lamp
8/14 vk05cfl component values able to drive cfl in the power range 5w to 15w, the component values written in brackets in the table on the right are referred to the power range 15w to 23w. waveforms below was obtained by using the application demoboard mounted for european market: component list 5w to 15w lamp reference value t1 lp=3,1mh, n1/n2=n1/n3=10 l 0 820 m h d0,d1,d2,d3 1n4007 c1, c12 22 m f/200v electrolytic (for europe to replace c1, c12 with cx=3,3 m f/400v) c2, c3 100nf/250v c4 2,4nf/400v c5, c6 1.2nf/63v c7 470pf/400v c8 22nf/100v c10, c11 1.5nf/100v r0 10 w 1/2w r1, r2 1m w 1/4w r4, r5 2.2k w 1/4w u1, u2 vk05cfl >15w to 23w lamp reference value t1 lp=2,1mh, n1/n2=n1/n3=10 l 0 820 m h d0,d1,d2,d3 1n4007 c1, c12 22 m f/200v electrolytic (for europe cx=6.8 m f/400v) c2, c3 100nf/250v c4 2,4nf/400v c5, c6 1nf/63v c7 470pf/400v c8 22nf/100v c10, c11 1.5nf/100v r0 10 w 1/2w r1, r2 1m w 1/4w r4, r5 1k w 1/2w u1, u2 vk05cfl device power dissipation vs. power lamp device d t(t amb =25 c) for different power lamps
9/14 vk05cfl figure 6: board electrical scheme vk05cfl d0 d1 d2 d3 r0 c1 c3 c2 c4 r5 c11 c10 r4 c5 r1 c7 c8 r2 c6 1234 134 2 8765 87 5 6 l0 220v ~ 2 3 c12 1 110v ~ 36 8 2 1 vk05cfl t1 u1 u2
10/14 vk05cfl figure 7: printed circuit board legend (component side) figure 8: printed circuit board top foil
11/14 vk05cfl freewheeling diode i f =f(v f ) characteristic at freewheeling diode i f =f(v f ) characteristic at collector current vs. collector-source saturation voltage at t amb =125?c vsec = 6v vsec = 10v vsec = 15v vsec = 6v vsec = 10v vsec = 15v collector current vs. collector-source saturation voltage at t amb =25?c t= 25 c t = 125 c t amb =25?c t amb =125?c test circuit bipolar storage time vs. collector current
12/14 vk05cfl dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.25 0.003 0.009 a2 1.65 0.064 a3 0.65 0.85 0.025 0.033 b 0.35 0.48 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.25 0.5 0.010 0.019 c1 45 (typ.) d 4.8 5 0.188 0.196 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 3.81 0.150 f 3.8 4 0.14 0.157 l 0.4 1.27 0.015 0.050 m 0.6 0.023 s 8 (max.) l1 0.8 1.2 0.031 0.047 so-8 mechanical data
13/14 vk05cfl so-8 tube shipment (no suffix) all dimensions are in mm. base q.ty 100 bulk q.ty 2000 tube length ( 0.5) 532 a 3.2 b 6 c( 0.1) 0.6 tape and reel shipment (suffix a13tro) all dimensions are in mm. base q.ty 2500 bulk q.ty 2500 a (max) 330 b (min) 1.5 c( 0.2) 13 f 20.2 g (+ 2 / -0) 12.4 n (min) 60 t (max) 18.4 tape dimensions according to electronic industries association (eia) standard 481 rev. a, feb. 1986 all dimensions are in mm. tape width w 12 tape hole spacing p0 ( 0.1) 4 component spacing p 8 hole diameter d ( 0.1/-0) 1.5 hole diameter d1 (min) 1.5 hole position f ( 0.05) 5.5 compartment depth k (max) 4.5 hole spacing p1 ( 0.1) 2 top cover tape end start no components no components components 500mm min 500mm min empty components pockets saled with cover tape. user direction of feed reel dimensions c b a
14/14 vk05cfl information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a trademark of stmicroelectronics ? 2002 stmicroelectronics - printed in italy- all rights reserved. stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com


▲Up To Search▲   

 
Price & Availability of VK05CFL13TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X