Part Number Hot Search : 
BA17808T K09H90A MPC5567 16SV3R3M K1V22 ARS50J V470M 2SC2668
Product Description
Full Text Search
 

To Download SMG8C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SMG8C60 thyristor ( through hole/non-isolated )  maximum ratings  tj=25 ? unless otherwise specified  v rrm repetitive peak reverse voltage 600 v symbol item reference ratings 12.6 unit i t  rms  r.m.s. on-state current i tsm surge on-state current single phase, half wave, 180 ? , conduction, tc 1 102 ? v rsm non-repetitive peak reverse voltage 720 v v drm repetitive peak off-state voltage 600 v i t  av  average on-state current 8 a single phase, half wave, 180 ? , conduction, tc 1 102 ? 50hz/60hz , 1 ? 2 cycle peak value, non-repetitive i 2 t i 2 t p gm peak gate power dissipation p g  av  average gate power dissipation i fgm peak gate current v fgm peak gate voltage  forward  a 120 / 130 a 72 5 a 2 s w 0.5 tj operating junction temperature tstg storage temperature mass 2 w a 6 v v rgm peak gate voltage  reverse  10 v  40 ?  125 ?  40 ?  150 ? 2 g  electrical characteristics i drm repetitive peak off-state current 2 2 1.5 10 1.4 0.2 15 2 ma symbol item reference ratings unit v gt gate trigger voltage v gd non-trigger gate voltage tj 1 125 ? , v d 1 v drm i rrm repetitive peak reverse current ma tj 1 125 ? , v r 1 v rrm v tm peak on-state voltage v i t 1 25 a , inst. measurement i gt gate trigger current ma v d 1 6 v , r l 1 10 
tj 1 125 ? , v d 1 1 ? 2 v drm i h holding current rth  j-c  thermal resistance v v junction to case ma ? / w                           ?  ?  ?    ?  ?   ?  ?  , " (buf          min. typ. max. identifying code  s8c6 50"# thyristor SMG8C60 is designed for full wave ac control applications. it can be used as an on/off function or for phase control operation. typical applications ? home appliances : electric blankets, starter for fl, other control applications ? industrial use : smps, solenoid for breakers, motor controls, heater controls, other control applications features ? i t(av) =8a ? high surge current ? low voltage drop ? lead-free package unit  mm
SMG8C60 (buf$ibsbdufsjtujdt (buf$vssfou n"                              (buf7pmubhf 7  7 (%  7   1 (. 8   * '(. "   7 '(. 7   1 ( "7  8     ? 0o4ubuf7pmubhf.byy 0o4ubuf7pmubhf 7           0o4ubuf$vssfou "                )9   ? )9   ? "wfsbhf0o4ubuf$vssfou "                     1pxfs%jttjqbujpo 8  "wfsbhf0o4ubuf$vssfouwt1pxfs %jttjqbujpo4johmfqibtfibmgxbwf  1  ?  1  ?  1  ?  1   ?  1   ?     ?  $poevdujpo"ohmf  "wfsbhf0o4ubuf$vssfou "                                            "ncjfou5fnqfsbuvsf ?  "wfsbhf0o4ubuf$vssfouwt"ncjfou 5fnqfsbuvsf4johmfqibtfibmgxbwf  1  ?  1  ?  1  ?  1   ?  1   ?     ?  $poevdujpo"ohmf  5jnf$zdmft                                    4vshf0o4ubuf$vssfou "  4vshf0o4ubuf$vssfou3bujoh/po3fqfujujwf   ) [   ) [ 5jnftfd                         5sbotjfou5ifsnbm*nqfebodf ??8  .byjnvn5sbotjfou5ifsnbm *nqfebodf$ibsbdufsjtujdt +vodujpo5fnq ?                                  * (5  5k |$ibohf3buf5zqjdbm * (5 u?  * (5  ?    ?  +vodujpo5fnq ?                                             7 (5  5k 5zqjdbm (buf5sjhhfs7pmubhf 7 
SMG8C60            7 %  5k$ibohf3buf5zqjdbm 7 % u?  7 %   ?   ?  +vodujpo5fnq ?                                    7 3  5k$ibohf3buf5zqjdbm 7 3 u?  7 3   ?   ?  +vodujpo5fnq ?                        


▲Up To Search▲   

 
Price & Availability of SMG8C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X