Part Number Hot Search : 
6KE120AP 1000AG P1037 TSM2405S RTD50 2SK3056 SI5356 6KE120AP
Product Description
Full Text Search
 

To Download SI4420DYTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter max. units v ds drain- source voltage 30 v i d @ t a = 25c continuous drain current, v gs @ 10v 12.5 i d @ t a = 70c continuous drain current, v gs @ 10v 10 a i dm pulsed drain current ? 50 p d @t a = 25c power dissipation ? 2.5 p d @t a = 70c power dissipation ? 1.6 linear derating factor 0.02 w/c e as single pulse avalanche energy ? 400 mj v gs gate-to-source voltage 20 v t j, t stg junction and storage temperature range -55 to + 150 c l n-channel mosfet l low on-resistance l low gate charge l surface mount l logic level drive 1/3/2000 si4420dy hexfet ? power mosfet parameter max. units r q ja maximum junction-to-ambient ? 50 c/w thermal resistance this n-channel hexfet ? power mosfet is produced using international rectifier's advanced hexfet power mosfet technology. the low on-resistance and low gate charge inherent to this technology make this device ideal for low voltage or battery driven power conversion applications the so-8 package with copper leadframe offers enhanced thermal characteristics that allow power dissipation of greater that 800mw in typical board mount applications. v dss = 30v r ds(on) = 0.009 w description top view 8 1 2 3 4 5 6 7 d d d d g s a s s a absolute maximum ratings w www.irf.com 1 pd - 93835 so-8
si4420dy 2 www.irf.com parameter min. typ. max. units conditions i s continuous source current mosfet symbol (diode conduction) showing the i sm pulsed source current integral reverse (body diode) ? p-n junction diode. v sd diode forward voltage CCC CCC 1.1 v t j = 25c, i s = 2.3a, v gs = 0v ? t rr reverse recovery time CCC 52 78 ns t j = 25c, i f = 2.3a ? repetitive rating; pulse width limited by max. junction temperature. notes: ? pulse width 300s; duty cycle 2%. source-drain ratings and characteristics CCC CCC CCC CCC 50 2.3 a s d g ? when mounted on fr4 board, t 10 sec parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 30 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.028 CCC v/c reference to 25c, i d = 1ma CCC CCC 0.009 v gs = 10v, i d = 12.5a ? CCC CCC 0.013 v gs = 4.5v, i d = 10.5a ? v gs(th) gate threshold voltage 1.0 CCC CCC v v ds = v gs , i d = 250a g fs forward transconductance CCC 29 CCC s v ds = 15v, i d = 12.5a CCC CCC 1.0 v ds = 30v, v gs = 0v CCC CCC 5.0 v ds = 30v, v gs = 0v, t j = 55c gate-to-source forward leakage CCC CCC -100 v gs = -20v gate-to-source reverse leakage CCC CCC 100 v gs = 20v q g total gate charge CCC 52 78 i d = 12.5a q gs gate-to-source charge CCC 8.7 CCC nc v ds = 15v q gd gate-to-drain ("miller") charge CCC 12 CCC v gs = 10v, see fig. 6 ? t d(on) turn-on delay time CCC 15 CCC v dd = 15v t r rise time CCC 10 CCC i d = 1.0a t d(off) turn-off delay time CCC 55 CCC r g = 6.0 w t f fall time CCC 47 CCC r d = 15 w , ? c iss input capacitance CCC 2240 CCC v gs = 0v c oss output capacitance CCC 1100 CCC pf v ds = 15v c rss reverse transfer capacitance CCC 150 CCC ? = 1.0mhz, see fig. 5 ? electrical characteristics @ t j = 25c (unless otherwise specified) i gss a w r ds(on) static drain-to-source on-resistance i dss drain-to-source leakage current na ns ? starting t j = 25c, l = 13mh r g = 25 w , i as = 8.9a. (see figure 15)
si4420dy www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 4.0 5.0 6.0 7.0 8.0 9.0 v gs , gate-to-source voltage (v) 10 100 1000 i d , drain-to-source current (a ) t j = 25c t j = 150c v ds = 25v 20s pulse width t j = -55c -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 12.5a 10 100 1000 0.1 1 10 100 20 s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 10 100 1000 0.1 1 10 100 20 s pulse width t = 150 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 4.5v
si4420dy 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 20 40 60 80 100 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 12.5a v = 15v ds v = 24v ds 1 10 100 0 1000 2000 3000 4000 v , drain-to-source volta g e (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss g s g d , ds rss g d oss ds g d c iss c oss c rss 1 10 100 1000 0.0 1.0 2.0 3.0 4.0 5.0 v ,source-to-drain volta g e (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 1 10 100 1000 0.1 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c v , drain-to-source volta g e (v) i , drain current (a) i , drain current (a) ds d 100us 1ms 10ms
si4420dy www.irf.com 5 fig 11. typical effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. case temperature 25 50 75 100 125 150 0 2 4 6 8 10 12 14 t , case temperature ( c) i , drain current (a) c d fig 10. typical power vs. time 0 20 40 60 80 100 0.01 0.1 1 10 100 a power ( w ) time (sec) 0.01 0.1 1 10 100 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
si4420dy 6 www.irf.com fig 12. typical on-resistance vs. drain current fig 13. typical on-resistance vs. gate voltage 0.00 0.04 0.08 0.12 0.16 0.20 0 102030 4050 a i , drain current ( a ) d r , drain-to-source on resistance ds(on) (w) v = 10v gs v = 4.5v gs fig 14. typical threshold voltage vs.temperature fig 15. maximum avalanche energy vs. drain current 25 50 75 100 125 150 0 200 400 600 800 1000 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 4.0a 7.1a 8.9a 4.0 5.0 6.0 7.0 8.0 9.0 10.0 v gs, gate -to -source voltage (v) 0.006 0.008 0.010 0.012 r ds(on) , drain-to -source on resistance ( w ) i d = 12.5a -60 -20 20 60 100 140 180 t j , temperature (c) 1.0 1.5 2.0 2.5 3.0 v gs(th) , variace (v) i d = 250a
si4420dy www.irf.com 7 so-8 package outline so-8 part marking information
si4420dy 8 www.irf.com dimensions are shown in millimeters (inches) so-8 tape & reel information 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are show n in millimeters(inches). 3. outline conforms to eia-481 & eia-541. world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 252-7105 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir japan: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 data and specifications subject to change without notice. 1/2000


▲Up To Search▲   

 
Price & Availability of SI4420DYTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X