Part Number Hot Search : 
HEF4042B AD584JN PS11016 BUD42DG PG506B E006963 SM14M24C 30006
Product Description
Full Text Search
 

To Download SG2844N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright ? 2000 rev. 1.6 12/14 for further information call (714) 898-8121 11861 w estern a venue , g arden g rove , ca. 92841 1 c urrent m ode pwm c ontroller p roduction d ata s heet t he i nfinite p ower of i nnovation sg1844/sg1845 series lin d oc #: 1844 description key features  optimized for off-line control  low start-up current (<1ma)  automatic feed forward compensation  trimmed oscillator discharge current  pulse-by-pulse current limiting  enhanced load response characteristics  under-voltage lockout with 6v hysteresis (sg1844 only)  double pulse suppression  high-current totem-pole output  internally trimmed bandgap reference  500khz operation  undervoltage lockout sg1844 - 16 volts sg1845 - 8.4 volts  low shoot-through current <75ma over temperature the sg1844/45 family of control ics provides all the necessary features to implement off-line fixed frequency, current-mode switching power supplies with a minimum number of external components. current-mode architecture demonstrates improved line regulation, improved load regulation, pulse-by- pulse current limiting and inherent protection of the power supply output switch. the bandgap reference is trimmed to 1% over temperature. oscillator discharge current is trimmed to less than 10%. the sg1844/45 has under- voltage lockout, current-limiting circuitry product highlight package order information t a (c) 0 to 70 sg3844m sg3844n sg3844dm sg3844d sg3844y sg3844j sg3845m sg3845n sg3845dm sg3845d sg3845y sg3845j -25 to 85 sg2844m SG2844N sg2844dm sg2844d sg2844y sg2844j sg2845m sg2845n sg2845dm sg2845d sg2845y sg2845j -55 to 125 sg1844y sg1844j sg1844l sg1845y sg1845j sg1845l mil-std/883 sg1844y/883b sg1844j/883b sg1844l/883b sg1845y/883b sg1845j/883b sg1845l/883b desc sg1844y/desc sg1844j/desc sg1844f/desc sg1844l/desc sg1845y/desc sg1845j/desc sg1845f/desc sg1845l/desc t ypical a pplication of sg3844 i n a f lyback c onverter high reliability features  available to mil-std-883b  linfinity level "s" processing available note: all surface-mount packages are available in tape & reel. and start-up current of less than 1ma. the totem-pole output is optimized to drive the gate of a power mosfet. the output is low in the off state to provide direct interface to an n-channel device. both operate up to a maximum duty cycle range of zero to <50% due to an internal toggle flip-flop which blanks the output off every other clock cycle. the sg1844/45 is specified for operation over the full military ambient temperature range of -55c to 125c. the sg2844/45 is specified for the industrial range of -25c to 85c, and the sg3844/45 is designed for the commercial range of 0c to 70c. plastic dip 8-pin m plastic dip 14-pin n plastic soic 8-pin dm plastic soic 14-pin d ceramic dip 8-pin y ceramic dip 14-pin j cer. flatpack 10-pin f ceramic lcc 20-pin l ac input sg3844 r st i st v cc
  
     sg1844/sg1845 series product databook 1996/1997 product abkb1999 6/7b k oabrpc6au tb /c/ t7 ddc /oa7 r9/c79u/ cbo999 t/dk/r9tcb9a7 o cc p p 9 c 11 p c p b 1 cc p p 9 c 11 p c p b 1 c cc c p p 9 o9 c c c 11 c p c p b 1 1 9 ????????? ???? ?? ?? ??? ?? ? ? ? ??? ? ? ? ??? ???? ? ? ? ? ??? ? ? ??? ? ???? ???? ? ? ? ? ?? ?? ? ? ? ? ? ? ? ? ??? ? ? ??? ???? ? ? ? ? ?? ?? ? ? ???? ? ??? ? ? ? ? ? ? ? ?
  
     sg1844/sg1845 series  
    3 


1.6 12/14 
  
     (unless otherwise specified, these specifications apply over the operating ambient temperatures for sg1844/sg1845 with -55c  t a  125c, sg2844/ sg2845 with -25c  t a  85c, sg3844/sg3845 with 0c  t a  70c, v cc = 15v (note 7), r t = 10k  , and c t = 3.3nf. low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.) reference section parameter symbol test conditions output voltage t j = 25c, i o = 1ma line regulation 12  v in  25v load regulation 1  i o  20ma temperature stability (note 4) total output variation (note 4) line, load, temp. output noise voltage (note 4) v n 10hz  f  10khz, t j = 25c long term stability (note 4) t a = 125c, 1000hrs output short circuit sg3844/45 units min. typ. max. min. typ. max. min. typ. max. sg2844/45 4.95 5.00 5.05 4.95 5.00 5.05 4.90 5.00 5.10 v 620 620 620 mv 625 625 625 mv 0.2 0.4 0.2 0.4 0.2 0.4 mv/c 4.90 5.10 4.90 5.10 4.82 5.18 v 50 50 50 v 525 525 525 mv -30 -100 -180 -30 -100 -180 -30 -100 -180 ma oscillator section initial accuracy (note 8) t j = 25c voltage stability 12v  v cc  25v temperature stability (note 4) t min  t a  t max amplitude v rt/ct (peak to peak) discharge current t j = 25c t min  t a  t max error amp section input voltage v comp = 2.5v input bias current open loop gain a vol 2  v o  4v unity gain bandwidth (note 4) t j = 25c power supply rejection ratio psrr 12  v cc  25v output sink current v vfb = 2.7v, v comp = 1.1v output source current v vfb = 2.3v, v comp = 5v v out high v vfb = 2.3v, r l = 15k to gnd v out low v vfb = 2.7v, r l = 15k to v ref sg1844/45 47 52 57 47 52 57 47 52 57 khz .021 0.21 0.21 % 555% 1.7 1.7 1.7 v 7.8 8.3 9.1 7.5 8.4 9.3 7.5 8.4 9.3 ma 6.8 9.3 7.2 9.5 7.2 9.5 ma 2.45 2.50 2.55 2.45 2.50 2.55 2.42 2.50 2.58 v -0.3 -1 -0.3 1 -0.3 -2 a 65 90 65 90 65 90 db 0.7 1 0.7 1 0.7 1 mhz 60 70 60 70 60 70 db 26 26 26 ma -0.5 -0.8 -0.5 -0.8 -0.5 -0.8 ma 56 56 56 v 0.7 1.1 0.7 1.1 0.7 1.1 v supply voltage range output current (peak) output current (continuous) analog inputs (pin 2, pin 3) error amp output sink current oscillator frequency range oscillator timing resistor r t oscillator timing capacitor c t operating ambient temperature range: sg1844/45 sg2844/45 sg3844/45  
 
 

 (note 3) parameter symbol units recommended operating conditions min. typ. max. 30 v 1 a 200 ma 02.6v 5ma 0.1 500 khz 0.52 150 k  0.001 1.0 f -55 125 c -25 85 c 070c note 3. range over which the device is functional. (electrical characteristics continue next page.)
  
     sg1844/sg1845 series  
    


1.6 12/14 4 
  
     (cont'd.) under-voltage lockout section parameter symbol test conditions start threshold 1844 1845 min. operation voltage after turn-on 1844 1845 pwm section maximum duty cycle minimum duty cycle power consumption section start-up current operating supply current v fb = v isense = 0v v cc zener voltage i cc = 25ma notes: 4. these parameters, although guaranteed, are not 100% tested in production. 5. parameter measured at trip point of latch with v vfb = 0. sg3844/45 units min. typ. max. min. typ. max. min. typ. max. sg2844/45 15 16 17 15 16 17 14.5 16 17.5 v 7.8 8.4 9.0 7.8 8.4 9.0 7.8 8.4 9.0 v 9 10 11 9 10 11 8.5 10 11.5 v 7.0 7.6 8.3 7.0 7.6 8.2 7.0 7.6 8.2 v sg1844/45 46 48 50 46 48 50 46 48 50 % 000% 0.5 1 0.5 1 0.5 1 ma 11 17 11 17 11 17 ma 34 34 34 v 6. gain defined as: a = ; 0  v isense  0.8v. 7. adjust v cc above the start threshold before setting at 15v. 8. output frequency equals one half of oscillator frequency. output low level i sink = 20ma i sink = 200ma output high level i source = 20ma i source = 200ma rise time (note 4) t j = 25c, c l = 1nf fall time (note 4) t j = 25c, c l = 1nf current sense section gain (notes 5 & 6) maximum input signal (note 5) v comp = 5v power supply rejection ratio (note 5) psrr 12  v cc  25v input bias current delay to output (note 4) output section 2.85 3 3.15 2.85 3 3.15 2.85 3 3.15 v/v 0.9 1 1.1 0.9 1 1.1 0.9 1 1.1 v 70 70 70 db -2 -10 -2 -10 -2 -10 a 150 300 150 300 150 300 ns 0.1 0.4 0.1 0.4 0.1 0.4 v 1.5 2.2 1.5 2.2 1.5 2.2 v 13 13.5 13 13.5 13 13.5 v 12 13.5 12 13.5 12 13.5 v 50 150 50 150 50 150 ns 50 150 50 150 50 150 ns  v comp  v isense
  
     sg1844/sg1845 series  
    5 


1.6 12/14 
  
      * - v cc and v c are internally connected for 8-pin packages. ** - power ground and ground are internally connected for 8-pin packages. oscillator s r internal bias s / r 5v ref pwm latch current sense comparator 1v r 2r error amp uvlo 34v ground** v cc * r t /c t v fb t comp current sense power ground** output v c * v ref 5.0v 50ma 16v (1844) 8.4 (1845) 6v (1844) 0.8v (1845) 2.5v v ref good logic
  
     sg1844/sg1845 series  
    


1.6 12/14 6 
  
      
 characteristic curves figure # 1. dropout voltage vs. temperature 2. oscillator temperature stability 3. current sense to output delay vs. temperature 4. start-up current vs. temperature 5. reference voltage vs. temperature 6. start-up voltage threshold vs. temperature 7. start-up voltage threshold vs. temperature 8. oscillator discharge current vs. temperature 9. output saturation voltage vs. output current and temperature (sink transistor) 10. current sense threshold vs. error amplifier output 11. output saturation voltage vs. output current and temperature (source transistor)  
 application information figure # 12. oscillator timing circuit 13. oscillator frequency vs. r t for various c t typical applications section figure # 14. current sense spike suppression 15. mosfet parasitic oscillations 16. bipolar transistor drive 17. isolated mosfet drive 18. adjustable buffered reduction of clamp level with softstart 19. external duty cycle clamp and multi-unit synchronization 20. oscillator connection 21. error amplifier connection
  
     sg1844/sg1845 series  
    7 


1.6 12/14 
  
     figure 2. ? oscillator temperature stability figure 3. ? current sense to output delay vs. temperature figure 4. ? start-up current vs. temperature figure 1. ? dropout voltage vs. temperature junction temperature - ( c) frequency drift - (%) -10 -75 -50-25 0 255075100125 -8 -6 -4 -2 0 v in = 15v duty cycle = 50% 2 junction temperature - ( c) minimum operating voltage - (v) 8.0 -75 -50-25 0 255075100125 8.4 8.8 9.2 9.6 10.0 sg1844 sg1845 junction temperature - ( c) current sense delay - (ns) 120 -75 -50-25 0 255075100125 140 160 180 200 220 v pin3 = 1.1v junction temperature - ( c) start-up current - (ma) 0.2 -75 -50-25 0 255075100125 0.3 0.4 0.5 0.6 0.7 sg1844 sg1845
  
     sg1844/sg1845 series  
    


1.6 12/14 8 
  
     figure 6. ? start-up voltage threshold vs. temperature figure 7. ? start-up voltage threshold vs. temperature figure 8. ? oscillator discharge current vs. temperature figure 5. ? reference voltage vs. temperature junction temperature - ( c) reference voltage - (v) 8.18 -75 -50-25 0 255075100125 sg1845 8.22 8.26 8.30 8.32 8.20 8.24 8.28 junction temperature - ( c) reference voltage - (v) 4.98 -75 -50-25 0 255075100125 v cc = 15v 4.99 5.00 5.01 5.02 junction temperature - ( c) start up voltage - (v) 16.00 -75 -50-25 0 255075100125 sg1844 16.02 16.04 16.06 16.08 15.98 junction temperature - ( c) oscillator discharge current - (ma) 7.4 -75 -50-25 0 255075100125 7.6 7.8 8.0 8.2 7.2
  
     sg1844/sg1845 series  
    9 


1.6 12/14 
  
     figure 10. ? current sense threshold vs. error amplifier output figure 11. ? output saturation voltage vs. output current & temperature figure 9. ? output saturation voltage vs. output current & temperature error amp output voltage - (v) current sense threshold - (v) 0.2 1.0 2.0 3.0 4.0 5.0 0.4 0.6 0.8 1.0 0 0.1 0.3 0.5 0.7 0.9 125c 25c -55c output current - (ma) saturation voltage - (v) 0.5 100 200 300 400 500 1.0 1.5 2.0 2.5 0 -55 c +25 c +125 c v in = 15v duty cycle < 5% output current - (ma) saturation voltage - (v) 1.0 100 200 300 400 500 2.0 3.0 4.0 0 v in = 15v duty cycle < 5% -55 c +25 c +125 c +125 c +25 c
  
     sg1844/sg1845 series  
    


1.6 12/14 10 
  
   

 
oscillator the oscillator of the 1844/45 family of pwm's is programmed by the external timing components (rt, ct) as shown in figure 13. figure 12 ? oscillator timing circuit v ref r t /c t gnd r t c t figure 13 ? oscillator frequency vs. r t for various c t 100k 1k 100 10k r t - ( ) oscillator frequency - (hz) 100k 1k 10k 1m 100nf 47nf 22nf 10nf 4.7nf 2.2nf 1nf f
? ? ?
  
     sg1844/sg1845 series  
    11 copyright ? 2000 rev. 333333 ? pt ocirtr g eie gv .yyi h2giye40egg4iyehit 0yiryvihp 3 333333 3 333333 33333333 3333333333 33333333 333333333 3333335 9333333 3333335 933333 5 933335 9333333333 333333333333333 3 3333333 3 333333 335 9333333333 333333333 333333353333333 3333333333 3333333333333 39 3333333333 33333 359 359 359 359 359 59 3 359 359 359 359 359 359 359 359 359  v c1 r 1 || r 2  _ v cc v in 7 (12) 7 (11) 6 (10) 5 (8) 3 (5) sg1844/45 isolation boundary c r r s n s n p q1 v gs waveforms + _ 0 + _ 0 50% dc 25% dc i pk = v (pin 1) - 1.4 3r s n p n s 

  
     sg1844/sg1845 series  
    


1.6 12/14 12 
  
     
 (continued) figure 19. ? external duty cycle clamp and multi-unit synchronization figure 18. ? adjustable buffered reduction of clamp level with softstart precision duty cycle limiting for a duty cycle of <50%, as well as synchronizing several 1844/45's is possible with the above circuitry. softstart and adjustable peak current can be done with the external circuitry shown above. i pk = where: 0  v 1  1.0v t softstart = -ln 1 - c 7 (12) 6 (10) 7 (11) 5 (8) 3 (5) sg1844/45 v cc v in q1 r s 5 (9) 8 (14) 4 (7) 2 (3) 1 (1) 2n2907 r 2 r 1 1n4148 c 2 6 r b r a 1 84 3 555 timer 4 (7) 5 (9) 8 (14) sg1844/45 to other sg1844/45 c figure 21. ? error amplifier connection figure 20. ? oscillator connection 7 (11) 6 (10) 5v c t 2.8v 1.1v sg1844/45 discharge current i d = 8.2ma r t 1 (1) r f r i 2 (3) r f  10k 2.5v sg1844/45 0.5m a the oscillator is programmed by the values selected for the timing components r t and c t . refer to application information for calculation of the component values. error amplifier is capable of sourcing and sinking current up to 0.5ma. f = (r a + 2r b )c 1.44 f = r a + 2r b r b v 1 r s r 1 r 2 r 1 +r 2 1.43 - 0.23 1+       v c v 2 and v 1 = where: v 2 = r 1 r 2 r 1 r 2 0.5 1+ r 1 r 2


▲Up To Search▲   

 
Price & Availability of SG2844N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X