1 3 2 pin 16.5 0.3 10.2 0.2 15.0 0.5 4.0 0.3 13.5 0.5 2.6 0.15 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3.30.1 ?3.20.2 8.2 0.2 2.6 0.2 0.6 0.1 low cost low leakage low forward voltage drop high current capability case:jedec to-220ab,molded plastic polarity: as marked mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. sf sf sf sf sf units maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v max imum dc bloc king v oltage v dc v maximum average forw ard rectified current @t c =100 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 10 a v f v maximum reverse current @t a =25 at rated dc blockin g vo ltage @t a =150 maximum reverse recovery time (note1) t rr ns operating junction te mperature range t j storage temperature range t stg the plastic material carries u/l recognition 94v-0 note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. a 150 i r i fsm 250 500 a 5.0 10 maximum ratings and electrical characteristics a voltage range: 100 --- 600 v current: 20 a to-220ab easily cleaned with alcohol,isopropanol and s im ilar s olvents i f(av) 20 sf 2010c 2020c 2030c 2040c 2050c 2060c - 55 ----- + 150 0.98 70 140 210 280 350 420 100 200 300 400 500 600 35 1.3 1.7 100 2 00 300 4 00 500 600 - 55 ----- + 150 dimensions in millimeters SF2010C-sf2060c super fast rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
4.0 3.5 100 10 1.0 3.0 2.5 2.0 1.5 1.0 0.5 0 20 SF2010C---sf2020c sf2030c---sf2040c sf2050c---sf2060c 124 10 8 20 40 60 80 100 0 t j =125 ?? 8.3ms single half sine-wave 150 amperes instantaneous forward current fig.4-forword derating curve case temperature, average forward current peak forward surge current amperes amperes fi g. 1 -- test ci rcui t di agram and reverse recovery ti me characteri sti c instantaneous forward voltage, volts z set time base for 15 ns/cm notes:1.rise time = 7ns max.input impedance =1m . 22pf. jjjj 2.rise time =10ns max.so urce impedance=50 . fi g. 2 -- typi cal forward characteri sti c fig.3 -- peak forward surge current -1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 0 25 50 75 100 125 150 single phase half wave 60 h z resistive or inductive load 175 4.0 8.0 12 16 20 24 0 number of cycles at 60hz SF2010C-sf2060c super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn
|