Part Number Hot Search : 
C641N MTZJ8V2C LPT40 B042104 KA384 MP87C R1500FPT 1MF11
Product Description
Full Text Search
 

To Download RGL41B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 88547 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 15-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount glass passivated junction fast switching rectifier bym11-50 thru bym11-1 000, rgl41a thru rgl41m vishay general semiconductor typical applications for use in fast switching re ctification of power supply, inverters, converters, and freewheeling diodes for consumer, automotive and telecommunication. features ? superectifier structure for high reliability condition ? ideal for automated placement ? fast switching for high efficiency ? low leakage current ? high forward surge capability ? meets environmental standard mil-s-19500 ? meets msl level 1, per j-std-020, lf maximum peak of 250 c ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec mechanical data case: do-213ab, molded epoxy over glass body molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compli ant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 cla ss 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: two bands indicate cathode end - 1 st band denotes device type and 2 nd band denotes repetitive peak reverse voltage rating primary characteristics i f(av) 1.0 a v rrm 50 v to 1000 v i fsm 30 a t rr 150 ns, 250 ns, 500 ns v f 1.3 v t j max. 175 c do-213ab superectifier ? maximum ratings (t a = 25 c unless otherwise noted) parameter symbol bym 11-50 bym 11-100 bym 11-200 bym 11-400 bym 11-600 bym 11-800 bym 11-1000 unit fast switching time device: 1 st band is red rgl41a RGL41B rgl41d rgl41g rgl41j rgl41k rgl41m polarity color bands (2 nd band) gray red orange yellow green blue violet maximum repetitive pe ak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at t t = 55 c i f(av) 1.0 a peak forward surge current 8.3 ms single half sine-wave supe rimposed on rated load i fsm 30 a maximum full load reverse current, full cycle average at t a = 55 c i r(av) 50 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88547 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 15-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 bym11-50 thru bym11-1000, rgl41a thru rgl41m vishay general semiconductor notes (1) thermal resistance from junction to ambient, 0.24" x 0.24" (6.0 mm x 6.0 mm) co pper pads to each terminal (2) thermal resistance from junction to terminal, 0.24" x 0.24" (6.0 mm x 6. 0 mm) copper pads to each terminal note (1) aec-q101 qualified electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol bym 11-50 bym 11-100 bym 11-200 bym 11-400 bym 11-600 bym 11-800 bym 11-1000 unit maximum instantaneous forward voltage 1.0 a v f 1.3 v maximum dc reverse current at rated dc blocking voltage t a = 25 c i r 5.0 a t a = 125 c 50 maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 150 250 500 ns typical junction capacitance 4.0 v, 1 mhz c j 15 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol bym 11-50 bym 11-100 bym 11-200 bym 11-400 bym 11-600 bym 11-800 bym 11-1000 unit maximum thermal resistance r ? ja (1) 75 c/w r ? jt (2) 30 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode rgl41j-e3/96 0.114 96 1500 7" diamet er plastic tape and reel rgl41j-e3/97 0.114 97 5000 13" diamet er plastic tape and reel bym11-600-e3/96 0.114 96 1500 7" diam eter plastic tape and reel bym11-600-e3/97 0.114 97 5000 13" diam eter plastic tape and reel rgl41jhe3/96 (1) 0.114 96 1500 7" diameter plastic tape and reel rgl41jhe3/97 (1) 0.114 97 5000 13" diameter plastic tape and reel bym11-600he3/96 (1) 0.114 96 1500 7" diameter plastic tape and reel bym11-600he3/97 (1) 0.114 97 5000 13" diameter plastic tape and reel
document number: 88547 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 15-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 bym11-50 thru bym11-1 000, rgl41a thru rgl41m vishay general semiconductor ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - maximum non-repetiti ve peak forward surge current fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance average forward rectified current (a) 25 50 75 100 125 150 175 0 0.25 0.50 0.75 1.00 1.25 terminal temperature (c) resistive or inductive load 1 10 100 0 10 15 20 25 30 number of cycles at 60 hz peak forward surge current (a) t j = t j max. 8.3 ms single half sine-wave 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 instantaneous forward voltage (v) instantaneous forward current (a) t j = 25 c pulse width = 300 s 1 % duty cycle 0 20 40 60 80 100 0.01 0.1 1 10 percent of rated peak reverse voltage (%) instantaneous reverse current (a) t j = 100 c t j = 25 c 1 10 100 1 10 100 reverse voltage (v) junction capaci tance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 0.01 0.1 1 10 100 0.1 1 10 100 mounted on 0.20" x 0.27" (5 mm x 7 mm) copper pad areas transient thermal impedance (c/w) t - pulse duration (s)
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88547 4 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 15-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 bym11-50 thru bym11-1000, rgl41a thru rgl41m vishay general semiconductor package outline dimensions in inches (millimeters) do-213ab 1 st band denotes type and positive end (cathode) 1 st band solderable ends d2 = d1 + 0 - 0.008 (0.20) d2 0.105 (2.67) 0.095 (2.41) d1 = 0.022 (0.56) 0.018 (0.46) 0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185 (4.7) mounting pad layout 0.138 (3.5) max. 0.049 (1.25) min. 0.238 (6.0) ref. 0.118 (3.0) min.
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of RGL41B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X