Part Number Hot Search : 
GPM55F 01QXC PT74263N MCP1825 MCJ220CA BR104 MAX11015 SR510
Product Description
Full Text Search
 

To Download PSF100-36S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver : pa_0 update : 2012.03.09 led power psf100 series 100 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -1- electrical specifications all specifications valid at normal input vol tage, full load and +25c after warm-up time unless otherwise stated. model no. psf100-24s PSF100-36S psf100-54s max output wattage ( w ) 96w 96w 95.58w voltage (note2) 90-295 vac frequency (hz) 50 / 60 hz power factor pf>0.9 at full load (115 vac / 230 vac) current (full load) 1.4a max. (115 vac) / 0.7a max. (230 vac) inrush current 60 a max. (cold start at 230 vac) input leakage current < 0.7 ma max at 240 vac voltage (v.dc.) 24v 36v 54v voltage adj range setup 22 ~ 27v 33 ~ 40v 49 ~ 58v constant current operation voltage (max) (cc mode) (note3) 15.6~ 24 vdc 23.4~36 vdc 35.1~54 vdc voltage tolerance 10% preset current (ma) (cc mode) 3850 2450 1750 current adjustment range (ma) (cc mode) 2600~4000 1720~2650 1150~1770 minimum load (ma) 2600 1720 1150 line regulation (100-270vac) (typ.) 4% load regulation (min-max) (typ.) 5% ripple & noise (max) 2.7vp-p 3.6vp-p 5vp-p output efficiency (at 230vac.)(typ) 89% 90% 90% over current protection auto recovery over voltage protection zener diode clamp protection short circuit protection auto recovery input-output (v.ac) 3750v input-fg (v.ac) 1880v isolation output-fg .(v.ac) 500v operating temperature -30c?+70c (with derating) storage temperature -40c?+85c temperature coefficient 0.02%/c humidity 95% rh environment mtbf >530,000 h @ 25c (mil-hdbk-217f) dimension (l x w x h) 6.1 x 2.17 x 1.38 inches (155.0 x 55.0 x 35.0 mm ) tolerance 0.5 mm weight g physical cooling method free air convection safety agency approvals ul8750 iec / en 61347-2-13 iec / en 61347-1 (pending) emi (conducted & radiated emission) en 55015 (pending) ems (noise immunity) en 61547 (pending) harmonic current en 61000-3-2(at full load) en 61000-3-3 (pending) emc surge 2kv l-l, 4kv l-e key features ? fully isolated plastic case with ip65/67 level ? suitable for dry / damp / wet / locations ? universal input: 100-277 vac ? bulit-in active pfc function ? high efficiency up to 90% ? free air convection ? high reliability ? with constant current & constant voltage ? output voltage and constant current level can be adjusted through inte rnal potential meter ? led power application ? 3 - years product warranty
ver : pa_0 update : 2012.03.09 led power psf100 series 100 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -2- mechanical dimension ( top view ) derating note: 1. ripple & noise are measured at 20mhz of bandwidth with 0.1uf & 47uf parallel capacitor. 2. please check the derating curve for more details. 3. input voltage=115 or 230 vac this is the suitable operation region for led related applicat ion.but please reconfirm spec ial electrical requirements for some specific ststem design. block diagram


▲Up To Search▲   

 
Price & Availability of PSF100-36S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X