Part Number Hot Search : 
TSM34 2SC57 BCW66 0R048 BD799 DD98N 4016302 4016302
Product Description
Full Text Search
 

To Download P6CG-XXXXZS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  telefon: +49 (0) 6135 931069 telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de m2 series P6CG-XXXXZS 1kv isolated 0,6 ? 1 w regulated dual split output sip7 available inputs: 5, 12 and 24 vdc available outputs: 3.0, 3.3, 4.85 and 5 vdc other specifications please enquire. electrical specifications (typical at + 25 c, nominal input voltage, ra ted output current unless otherwise specified) input specifications voltage range +/- 10 % f i l t e r c a p a c i t o r s isolation specifications rated voltage 1000 vdc leakage current 1 ma r e s i s t a n c e 1 0 9 ohm capacitance 80 pf typ. output specifications voltage accuracy +/- 1 %, max. ripple and noise (at 20 mhz bw) 50 mv p-p, max. short circuit protection momentary line voltage regulation +/- 0,4 % load voltage regulation +/- 0,3 % temperature coefficient +/- 0,02 % / c general specifications efficiency 60 % to 75 % switching frequency 45 khz, typ. env i ronmental specifications operating temperature (ambient) - 40 c to + 85 c storage temperature - 55 c to + 125 c d e r a t i n g s e e g r a p h humidity up to 90 %, non condensing cooling free air convection phy s ical characteristics dimensions sip 19,50 x 6,00 x 9,50 mm 0,76 x 0,24 x 0,37 inches w e i g h t 2 , 5 g case material non conductive black plastic examples of partnumbers/modelcode part no. input vo ltag e (vdc) input current no load input current full load outp ut vo ltag e (vdc) outp ut current (max. ma) efficiency full load (% ty p.) p 6 c g 0 5 0 3 z s 5 2 0 1 9 6 3 / 3 1 0 0 / 1 0 0 6 1 p 6 c g 0 5 3 r 3 z s 5 2 1 2 1 2 3 , 3 / 3 , 3 1 0 0 / 1 0 0 6 2 p 6 c g 0 5 4 r 8 z s 5 2 1 3 0 0 4 , 8 5 / 4 , 8 5 1 0 0 / 1 0 0 6 4 p 6 c g 0 5 0 5 z s 5 2 2 3 1 3 5 / 5 1 0 0 / 1 0 0 6 4 p 6 c g 1 2 0 3 z s 1 2 1 8 8 1 3 / 3 1 0 0 / 1 0 0 6 2 p 6 c g 1 2 3 r 3 z s 1 2 1 8 8 8 3 , 3 / 3 , 3 1 0 0 / 1 0 0 6 2 p 6 c g 1 2 4 r 8 z s 1 2 1 6 1 2 3 4 , 8 5 / 4 , 8 5 1 0 0 / 1 0 0 6 5 p 6 c g 1 2 0 5 z s 1 2 1 5 1 2 8 5 / 5 1 0 0 / 1 0 0 6 5 p 6 c g 2 4 0 3 z s 2 4 1 6 4 0 3 / 3 1 0 0 / 1 0 0 6 2 p 6 c g 2 4 3 r 3 z s 2 4 1 6 4 4 3 , 3 / 3 , 3 1 0 0 / 1 0 0 6 2 p 6 c g 2 4 4 r 8 z s 2 4 1 5 6 2 4 , 8 5 / 4 , 8 5 1 0 0 / 1 0 0 6 5 p 6 c g 2 4 0 5 z s 2 4 1 4 6 4 5 / 5 1 0 0 / 1 0 0 6 5
m2 series P6CG-XXXXZS 1kv isolated 0,6 ? 1 w regulated dual split output sip7 dimensions 19,5 mm 9,50 mm 6,00 mm 1,25 mm 0,50 mm 0,25 mm (0,76 inch) (0,37 inch) (0,05 inch) (0,01 inch) (0,02 inch) (0,24 inch) peak (0,02 inch) 0,5 mm 3,05 mm (0,12 inch) printed face mm/jj 5 modelcode 6 7 12 4 0,50 mm (0,02 inch) 2,54 mm 15,20 mm (0,10 inch) (0,60 inch) derating graph and pinning te mp era ture der a tin g grap h ambie n t temperat ure c 0. 60 w 0. 70 w 1. 00 w - 40 0 4 0 8 0 100 85 ou tpu t p i n c o n n e c t i o n # d u a l s p l i t 1 + v i n p u t 2 - v i n p u t 4 + v 2 o u t p u t 5 g r o u n d 6 + v 1 o u t p u t 7 o m i t t e d specification can be changed without not ice. copyright peak electronics gmb h rev:2 / 09.2001


▲Up To Search▲   

 
Price & Availability of P6CG-XXXXZS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X