Part Number Hot Search : 
SRAS2045 ON0873 2SC4445 MMBTS 2SC2486 42S16400 FSA859 3SK103
Product Description
Full Text Search
 

To Download MMBT3904-HF12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmbt3904-hf (npn) qw -jtr02 page 1 rev :a maximum ratings (at t a=25c unless otherwise noted) t yp symbol parameter min max unit features -epitaxial planar die construction -as complementary type, the pnp transistor mmbt3904-hf is recommended d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s o t - 2 3 1 base 2 emitter collector 3 collector-base voltage collector-emitter voltage emitter-base voltage collector current-continuous collector dissipation thermal resistance, junction to ambient storage temperature and junction temperature v cbo v ceo v ebo i c p c r ja t stg , t j -55 60 40 6 0.2 0.2 625 +150 v v v a w o c/w o c comchip t echnology co., l td. symbol parameter conditions min max unit electrical characteristics (at t a=25c unless otherwise noted) collector-base breakdown voltage 0.1 i c =100 a , i e =0 collector-emitter breakdown voltage emitter-base breakdown voltage collector cut-of f current collector cut-of f current emitter cut-of f current dc current gain base-emitter saturation voltage collector-emitter saturation voltage t ransition frequency delay time storage time rise time fall time i c =1ma , i b =0 i e =100 a , i c =0 v cb =60v , i e =0 v ce =30v , v be(of f) =3v v eb =5v , i c =0 v ce =1v , i c =10ma v ce =1v , i c =50ma i c =50ma , i b =5ma i c =50ma , i b =5ma v ce =20v , i c =10ma f=100mh z v cc =3.0v , v be =-0.5v i c =10ma , i b1 =1.0ma v cc =3.0v , i c =10ma i b1 =i b2 =1.0ma v (br)cbo v (br)ceo v (br)ebo i cbo i cex i ebo h fe(1) h fe(2) v ce (sat) v be (sat) f t td tr ts tf 40 60 6 50 0.1 400 100 60 0.3 0.95 300 35 35 200 50 v v v a na a v v mhz ns ns ns ns 3 1 2 0.1 18(3.00) 0.1 10(2.80) 0.055(1.40) 0.047(1.20) 0.079(2.00) 0.071(1.80) 0.041(1.05) 0.035(0.90) 0.020(0.50) 0.012(0.30) 0.006(0.15) 0.002(0.05) 0.100(2.55) 0.089(2.25) 0.004(0.10) max 0.005(0.20) min general purpose t ransistor rohs device halogen free
ra ting and characteristic cur ves (mmbt3904-hf) page 2 rev :a fig.1 t ypical pulsed current gain v .s. collector current 4 0 0 3 0 0 2 0 0 1 0 0 0 h f e - t y p i c a l p u l s e d c u r r e n t g a i n ic- collector current (ma) 0 . 1 1 1 0 1 0 0 vce=5v o 125c o 125c o 125c o 125c o 125c o 125c o 125c o 25c o 125c o 125c o 125c o -40c 5 0 0 fig.2 collector-emitter saturation voltage v .s. collector current 0 . 1 0 0 . 0 5 v c e ( s a t ) - c o l l e c t o r - e m i t t e r v o l t a g e ( v ) ic- collector current (ma) 0 . 1 1 1 0 1 0 0 0 . 1 5 ? = 1 0 o - 4 0 c o 1 2 5 c o 2 5 c 100 fig.3 base-emitter saturatioin voltage v .s. collector current ic - collector current (ma) 0.1 1 10 0.4 0.6 0.8 1 e b ) b s - e i o t a v v ( s a t - a e m t t e r v l g e ( ) o 125c ?=10 o -40c o 25c 100 fig.4 base-emitter on voltage v .s. collector current ic - collector current (ma) 0.1 1 10 0.4 0.6 0.8 1 b e o n a t e ( ) v ( ) - b s e - e m i t e r v o l t a g v 0.2 v ce =5v o 125c o 125c o 125c o 125c o 125c o 125c o 125c o 25c o 125c o 125c o 125c o -40c i c b o - c o l l e c t o r c u r r e n t ( n a ) 25 50 75 10 500 100 1 0.1 100 f i g . 5 c o l l e c t o r - c u t o ff c u r r e n t v . s . a m b i e n t t e m p e r a t u r e o t a - ambient temperature (c) 125 150 v cb =30v fig.6 capacitance v .s. reverse bias voltage 1 2 3 4 5 1 0 c a p a c i t a n c e ( p f ) 0 . 1 1 1 0 1 0 0 reverse bias voltage (v) c obo f=1.0mhz c ibo comchip t echnology co., l td. qw -jtr02 general purpose t ransistor
page 3 rev :a comchip t echnology co., l td. b c d d d 2 d 1 e f p p 0 p 1 s o t - 2 3 s y m b o l a w w 1 ( m m ) ( i n c h ) 0 . 1 2 2 0 . 0 0 4 0 . 1 1 2 0 . 0 0 4 0 . 0 5 5 0 . 0 0 4 0 . 0 6 1 0 . 0 0 4 7 . 0 0 8 0 . 0 4 1 . 9 6 9 m i n . 0 . 5 1 2 0 . 0 0 8 s o t - 2 3 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 3 1 5 0 . 0 0 8 0 . 5 6 7 m a x . 3 . 1 0 0 . 1 0 2 . 8 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 1 0 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 4 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 8 . 0 0 0 . 3 0 1 4 . 4 m a x . 1 7 8 1 qw -jtr02 general purpose t ransistor o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a
page 4 rev :a comchip t echnology co., l td. suggested p ad layout size (inch) 0.031 (mm) 0.80 0.95 0.95 0.037 0.037 sot -23 park number mmbt3904-hf marking code 1am marking code 2.02 0.080 e 3.03 0.120 standard packaging case t ype qty per reel (pcs) 3000 sot -23 reel size (inch) 7 a d c b a b c d 1am 3 1 2 e qw -jtr02 general purpose t ransistor


▲Up To Search▲   

 
Price & Availability of MMBT3904-HF12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X