Part Number Hot Search : 
90BIP R05SD15 AC240 NJM2247A KBL06 CS161 HC594 31ACD
Product Description
Full Text Search
 

To Download HCF4000BEY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/7 september 2001 n propagation delay time t pd = 50ns (typ.) at v dd = 10v c l = 50pf n buffered inputs and outputs n standardized symmetrical output characteristics n quiescent current specified up to 20v n 5v, 10v and 15v parametric ratings n input leakage current i i = 100na (max) at v dd = 18v t a = 25c n 100% tested for quiescent current n meets all requirements of jedec jesd13b " standard specifications for description of b series cmos devices" description the hcf4000b is a monolithic integrated circuit fabricated in metal oxide semiconductor technology available in dip and sop packages. the hcf4000b dual 3-input nor gate plus inverter provides the system designer with direct implementation of the nor function and supplement the existing family of cmos gates. all inputs and outputs are buffered. hcf4000b dual 3-input nor gate plus inverter pin connection order codes package tube t & r dip HCF4000BEY sop hcf4000bm1 hcf4000m013tr dip sop
hcf4000b 2/7 input equivalent circuit logic diagram pin description truth table (for nor) x = dont care truth table (for not) absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied. all voltage values are referred to v ss pin voltage. recommended operating conditions pin no symbol name and function 1, 2 nc not connected 3, 4, 5, 8, 11, 12, 13 a, b, c, g, d, e, f data inputs 6, 9, 10, h, l, k data outputs 7 v ss negative supply voltage 14 v dd positive supply voltage inputs outputs a, d b, e c, f h, k lllh hxxl xhxl xxhl input output gl lh hl symbol parameter value unit v dd supply voltage -0.5 to +22 v v i dc input voltage -0.5 to v dd + 0.5 v i i dc input current 10 ma p d power dissipation per package 200 mw power dissipation per output transistor 100 mw t op operating temperature -55 to +125 c t stg storage temperature -65 to +150 c symbol parameter value unit v dd supply voltage 3 to 20 v v i input voltage 0 to v dd v t op operating temperature -55 to 125 c
hcf4000b 3/7 dc specifications the noise margin for both "1" and "0" level is: 1v min. with v dd =5v, 2v min. with v dd =10v, 2.5v min. with v dd =15v dynamic electrical characteristics (t amb = 25c, c l = 50pf, r l = 200k w , t r = t f = 20 ns) (*) typical temperature coefficent for all v dd value is 0.3 %/c. symbol parameter test condition value unit v i (v) v o (v) |i o | ( m a) v dd (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. i l quiescent current 0/5 5 0.01 0.25 7.5 7.5 m a 0/10 10 0.01 0.5 15 15 0/15 15 0.01 1 30 30 0/20 20 0.02 5 150 150 v oh high level output voltage 0/5 <1 5 4.95 4.95 4.95 v 0/10 <1 10 9.95 9.95 9.95 0/15 <1 15 14.95 14.95 14.95 v ol low level output voltage 5/0 <1 5 0.05 0.05 0.05 v 10/0 <1 10 0.05 0.05 0.05 15/0 <1 15 0.05 0.05 0.05 v ih high level input voltage 0.5/4.5 <1 5 3.5 3.5 3.5 v 1/9 <1 10 7 7 7 1.5/13.5 <1 15 11 11 11 v il low level input voltage 4.5/0.5 <1 5 1.5 1.5 1.5 v 9/1 <1 10 3 3 3 13.5/1.5 <1 15 4 4 4 i oh output drive current 0/5 2.5 <1 5 -1.36 -3.2 -1.15 -1.1 ma 0/5 4.6 <1 5 -0.44 -1 -0.36 -0.36 0/10 9.5 <1 10 -1.1 -2.6 -0.9 -0.9 0/15 13.5 <1 15 -3.0 -6.8 -2.4 -2.4 i ol output sink current 0/5 0.4 <1 5 0.44 1 0.36 0.36 ma 0/10 0.5 <1 10 1.1 2.6 0.9 0.9 0/15 1.5 <1 15 3.0 6.8 2.4 2.4 i i input leakage current 0/18 any input 18 10 -5 0.1 1 1 m a c i input capacitance any input 5 7.5 pf symbol parameter test condition value (*) unit v dd (v) min. typ. max. t tlh t thl output transition time 5 125 250 ns 10 60 120 15 45 90 t plh t phl propagation delay time 5 100 200 ns 10 50 100 15 40 80
hcf4000b 4/7 test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r l = 200k w r t = z out of pulse generator (typically 50 w ) waveform : propagation delay times (f=1mhz; 50% duty cycle)
hcf4000b 5/7 dim. mm. inch min. typ max. min. typ. max. a1 0.51 0.020 b 1.39 1.65 0.055 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 15.24 0.600 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 2.54 0.050 0.100 plastic dip-14 mechanical data p001a
hcf4000b 6/7 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 (max.) so-14 mechanical data po13g
hcf4000b information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com 7/7


▲Up To Search▲   

 
Price & Availability of HCF4000BEY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X