Part Number Hot Search : 
AP4750 MBR1060 364484 80050 LWL283 SS310 50372 58AMJ
Product Description
Full Text Search
 

To Download EUA2310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EUA2310 ds2310 ver1.0 feb. 2012 1 15-w stereo class-d audio power amplifier with speaker protection description the EUA2310 is a high efficiency, 2 channel bridged -tied load (btl), class-d audio power amplifier. operatin g from a 16v power supply, EUA2310 is capable of deliverin g 15w/ channel of continuous output power to a 8 load with 10% thd+n. the EUA2310 features a differential input architecture offering improved noise immunity over a single-ended (se) input amplifier. amplifier gain i s internally configured and can be selected to 20, 26 , 32 or 36db utilizing the g0 and g1 gain select pins. adva nced emi suppression technology enables the use of inexpensive ferrite bead at the outputs while meeti ng emc requirements. the speaker protection circuitry is integrated into EUA2310 to limit the amount of current through the speaker. meanwhile, the agc detects output signal c lip due to the over level input signal and suppresses i t automatically. the EUA2310 also features short-circ uit and thermal protection preventing the device from being damaged during a fault condition. the EUA2310 is available in thermally efficient 28-pin tssop packa ge. features  wide supply voltage: 8v to 26v  unique modulation scheme reduces emi emission  15-w/ch into an 8- load from a 16-v supply  10-w/ch into an 8- load from a 13-v supply  30w into a 4- mono load from a 16-v supply  87% efficient class-d operation eliminates need for heat sinks  four selectable, gain settings  differential inputs  speaker protection circuitry  auto gain control  thermal and short-circuit protection  28-pin tssop package with thermal pad  rohs compliant and 100% lead(pb)-free halogen-free applications  televisions typical application circuit figure1. simplified application schematic


▲Up To Search▲   

 
Price & Availability of EUA2310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X