Part Number Hot Search : 
19N60E 2SD46 1N4454 Q6025R6 1615A KMED003A 74VCX16 TC33V
Product Description
Full Text Search
 

To Download EH1300HSTS-27330M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs eh1300hsts-27.330m eh13 00 hs ts -27.330m series rohs compliant (pb-free) 3.3v 8 pin dip metal thru-hole lvcmos high frequency oscillator frequency tolerance/stability 100ppm maximum package operating temperature range 0c to +70c nominal frequency 27.330mhz pin 1 connection tri-state (disabled output: high impedance) duty cycle 50 10(%) electrical specifications nominal frequency 27.330mhz frequency tolerance/stability 100ppm maximum (inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, ouput load change, 1st year aging at 25c, shock, and vibration.) aging at 25c 5ppm/year maximum operating temperature range 0c to +70c supply voltage 3.3vdc 0.3vdc input current 35ma maximum (no load) output voltage logic high (voh) 2.7vdc minimum (ioh = -8ma) output voltage logic low (vol) 0.5vdc maximum (iol = +8ma) rise/fall time 6nsec maximum (measured at 20% to 80% of waveform) duty cycle 50 10(%) (measured at 50% of waveform) load drive capability 30pf maximum output logic type cmos pin 1 connection tri-state (disabled output: high impedance) tri-state input voltage (vih and vil) 70% of vdd minimum to enable output, 20% of vdd maximum to disable output (high impedance), no connect to enable output. absolute clock jitter 250psec maximum, 100psec typical one sigma clock period jitter 50psec maximum, 40psec typical start up time 10msec maximum storage temperature range -55c to +125c environmental & mechanical specifications fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c lead integrity mil-std-883, method 2004 mechanical shock mil-std-202, method 213, condition c resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010 vibration mil-std-883, method 2007, condition a www.ecliptek.com | specification subject to change without notice | rev c 3/11/2011 | page 1 of 6
eh1300hsts-27.330m mechanical dimensions (all dimensions in millimeters) pin connection 1 tri-state (high impedance) 4 case/ground 5 output 8 supply voltage line marking 1 ecliptek 2 eh13ts eh13=product series 3 27.330m 4 xxyzz xx=ecliptek manufacturing code y=last digit of the year zz=week of the year www.ecliptek.com | specification subject to change without notice | rev c 3/11/2011 | page 2 of 6 7.620 0.203 7.620 0.203 13.2 max 13.2 max 1 4 8 5 dia 0.457 0.1 (x4) 5.08 min 5.6 max 0.8 0.1 (x3) marking orient a tion output disable (high imped ance st a te) output w a veform & timing dia gram v oh v ol 80% of w a v ef or m 50% of w a v ef or m 20% of w a v ef or m f all time rise time t w t duty cycle (%) = t w /t x 100 v ih v il t plz t pzl clock output tri-st a te input
eh1300hsts-27.330m www.ecliptek.com | specification subject to change without notice | rev c 3/11/2011 | page 3 of 6 supply v oltage (v dd ) t est cir cuit f or cmos output output no connect or t r i-state ground + + + _ _ _ p o w er supply 0.01 f (note 1) 0.1 f (note 1) c l (note 3) note 1: an e xter nal 0.1 f lo w frequency tantalum b ypass capacitor in par allel with a 0.01 f high frequency cer amic b ypass capacitor close to the pac kage g round and v dd pin is required. note 2: a lo w capacitance (<12pf), 10x atten uation f actor , high impedance (>10mohms), and high bandwidth (>300mhz) passiv e probe is recommended. note 3: capacitance v alue c l includes sum of all probe and fixture capacitance . v oltage meter current meter oscilloscope f requency counter probe (note 2)
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods eh1300hsts-27.330m high temperature solder bath (wave solder) ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev c 3/11/2011 | page 4 of 6
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods eh1300hsts-27.330m low temperature infrared/convection 185c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 60 - 120 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 185c maximum target peak temperature (tp target) 185c maximum 2 times time within 5c of actual peak (tp) 10 seconds maximum 2 times ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev c 3/11/2011 | page 5 of 6
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods eh1300hsts-27.330m low temperature solder bath (wave solder) ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 30 - 60 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 245c maximum target peak temperature (tp target) 245c maximum 1 time / 235c maximum 2 times time within 5c of actual peak (tp) 5 seconds maximum 1 time / 15 seconds maximum 2 times ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev c 3/11/2011 | page 6 of 6


▲Up To Search▲   

 
Price & Availability of EH1300HSTS-27330M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X