Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download CX11SMAT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz description cx11sm crystals are designed for applications requiring very small footprint and low profile (<1.0mm). using micro-machining processes this hermetically-sealed crystal ensures high stability and low ageing. features designed for infrared, vapour phase or epoxy mounting low profile, (<1.0mm) hermetically sealed ceramic package excellent ageing characteristics high shock and vibration resistance full military testing available available with glass or ceramic lid custom designs available CX11SMAT crystal ultra-miniature smd crystal 20mhz to 50mhz how to order cx11sm at crystals cx11 - s - c - sm1 - 24.0m, 100 / 100 / - / i 's' if special, custom design. otherwise leave blank blank = glass lid c = ceramic lid frequency m = mhz calibration tolerance @25c (in ppm)* temp. range c = -10 ~ +70c i = -40 ~ +85c m = -55 ~ +125c s = customer specified frequency stability over temp. range (in ppm)* *alternative 'total' tolerance (in ppm) crystal equivalent circuit r1 motional resistance l1 motional inductance c1 motional capacitance c0 shunt capacitance packaging options cx11sm crystals are available either tray packed (<250pcs) or tape and reel (>250 pieces). 12mm tape, 178mm or 330mm reels (eia 418). specifications stated are typical at 25c unless otherwise indicated. specifications may change without notice. specification 1. other tolerances available, contact euroquartz sales 2. does not include calibration tolerance. (frequency stability characteristics follow that of the at-cut thickness-shear mode.) 3. per mil-std-202g, method 204d, condition d. random vibration testing also available. standard calibration tolerance 1 : 100ppm or tighter as required. load capacitance: 10pf ( or as specified ) drive level: 200w maximum frequency stability 1,2 -10 to +70c: 50ppm to 10ppm -40 to +85c: 100ppm to 20ppm -55 to +125c: 100ppm to 30ppm ageing first year: 5ppm maximum (better than 1ppm available) shock, survival: 5000g, 0.3ms, ? sine vibration, survival 3 : 20g rms, 10~2000hz swept sine operating temperature range: -10c to +70c (commercial) -40c to +85c (industrial) -55c to +125c (military) storage temperature range: -55 to +125c maximum process temperature: +260c for 20 seconds outline & dimensions terminations sm1 = gold plated * sm2 = solder plated sm3 = solder dipped sm4 = solder plated * sm5 = solder dipped * * = lead free terminations - plating sm1 gold plated (lead free) sm2 solder plated sm3 solder dipped sm4 solder plated (lead free) sm5 solder dipped (lead free) designation termination fundamental frequency: 20.0mhz 24.0mhz 26.5mhz motional resistance r (): 80 30 30 motional capacitance c1 (ff): 1.0 1.4 1.6 qualityfactor q (k): 100 150 120 shunt capacitance c0 (pf): 0.6 0.7 0.7 sm1 0.74 0.77 0.77 sm2 0.77 0.79 0.79 sm3 0.81 0.84 0.71 sm4 0.77 0.79 0.79 sm5 0.81 0.84 0.71 glass lid ceramic lid dim. h thin glass lid


▲Up To Search▲   

 
Price & Availability of CX11SMAT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X