Part Number Hot Search : 
HD74LS76 MMBT5 CL766 100AX PDF202 AD5341 PM7349 F1100
Product Description
Full Text Search
 

To Download BUL310FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors BUL310FP description ? ? with to-220f package ? high voltage,high speed ? wide area of safe operation applications ? electronic ballasts for fluorescent lighting ? switch mode power supplies ? flyback and forward single transistor low power converters pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1000 v v ceo collector-emitter voltage open base 500 v v ebo emitter-base voltage open collector 9 v i c collector current (dc) 5 a i cm collector current-peak t p <5ms 10 a i b base current (dc) 3 a i bm base current-peak t p <5ms 4 a p tot total power dissipation t c =25 ?? 36 w t j maximum operating junction temperature 150 ?? t stg storage temperature -65~150 ?? thermal characteristics symbol parameter value unit r th j-case thermal resistance junction to case 3.5 ??/w fig.1 simplified outline (to-220f) and symbol
inchange semiconductor product specification 2 silicon npn power transistors BUL310FP characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma ; i b =0; l=25mh 500 v v (br)ebo emitter-base breakdwon voltage i e =10ma ;i c =0 9 v v cesat-1 collector-emitter saturation voltage i c =1a; i b =0.2a 0.5 v v cesat-2 collector-emitter saturation voltage i c =2a ;i b =0.4a 0.7 v v cesat-3 collector-emitter saturation voltage i c =3a ;i b =0.6a 1.1 v v besat-1 base-emitter saturation voltage i c =1a; i b =0.2a 1.0 v v besat-2 base-emitter saturation voltage i c =2a ;i b =0.4a 1.1 v v besat-3 base-emitter saturation voltage i c =3a ;i b =0.6a 1.2 v i ces collector cut-off current v ce =1000v; v be =0 t c =125 ?? 100 500 | a i ceo collector cut-off current v ce =400v; i b =0 250 | a h fe-1 dc current gain i c =10ma ; v ce =5v 10 h fe-2 dc current gain i c =3a ; v ce =2.5v 10 switching times inductive load t s storage time 1.9 | s t f fall time i c =2a ;v cl =250v i b1 =0.4a;v be(off) =-5v l=200 | h; r bb =0 |? 0.16 | s
inchange semiconductor product specification 3 silicon npn power transistors BUL310FP package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of BUL310FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X