Part Number Hot Search : 
D74ALVC SE5532A AD9702BW 76056 10000 FFCRF1S0 0RIA1 DAC08E
Product Description
Full Text Search
 

To Download 503175-0610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 5031750610 status: active description: 1.50mm (.059") pitch clik-mate? wire-to-board pcb receptacle, single row, through hole, right angle, without peg, 6 circuits documents: 3d model product specification ps-503175-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 503175 application wire-to-board product name clik-mate? physical circuits (loaded) 6 color - resin beige durability (mating cycles max) 30 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating tin material - plating termination tin number of rows 1 orientation right angle pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.059 in pitch - mating interface (mm) 1.50 mm polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -25c to +85c termination interface: style through hole electrical current - maximum per contact 2a voltage - maximum 100v material info reference - drawing numbers packaging specification spk-503175-001 product specification ps-503175-001, rps-503175-001, rps-503175-002 sales drawing sd-503175-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 503175 series mates with 502578 crimp housing . 502579 crimp terminal this document was generated on 05/18/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 503175-0610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X