Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download 1S1586 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1S1586 high speed switching diode features : ? high switching speed: max. 2 ns ? continuous reverse voltage:max. 50 v ? repetitive peak reverse voltage:max. 55 v ? pb / rohs free mechanical data : case: do-35 glass case weight: approx. 0.13g maximum ratings and thermal characteristics ( rating at 25 c ambient temperature unless otherwise specified .) symbol value unit v rrm 55 v v rm 50 v maximum continuous forward current i f 150 ma maximum forward current i fm 480 ma maximum power dissipation p d 300 mw maximum non-repetitive peak forward current i fsm 0.7 a maximum junction temperature t j 175 c storage temperature range t s -65 to + 200 c electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol min typ max unit reverse current i r v r = 50 v - - 0.5 m a forward voltage v f i f = 100 ma - - 1.0 v diode capacitance cd - - 2.0 pf i f = 10 ma to i r = 60 ma r l = 100 w ; measured at i r = 1ma page 1 of 1 rev. 02 : march 25, 2005 f = 1mhz ; v r = 0 reverse recovery time ns 2 - - trr parameter maximum repetitive peak reverse voltage maximum continuous reverse voltage test condition do - 35 glass (do-204ah) 0.079(2.0 )max. 0.150 (3.8) max. 0.020 (0.52)max. dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. cathode mark


▲Up To Search▲   

 
Price & Availability of 1S1586

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X