Part Number Hot Search : 
HEF45 HA178M06 FJX3015R L1010 HMC43210 D7220D KMOC3051 1N4763AP
Product Description
Full Text Search
 

To Download XPD0250CT-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.5 gbp s pin-tia module xpd0250ct - 001 xl photonics, inc. 1 f ea tures wide dynamic range, typically 6 w to 1.7mw (p-p) dif ferential transimpedance of 4 ? bandw id th from dc to 1.9ghz dif ferential output s on-chip automatic gain control(agc) single supply volt age 3.3v remains linear up to 1.7mw(p-p) input current(unclipped) agc c ha ra cteristics the xpd0250ct - 001 can handle input optical pow er from 6 w to 1.7mw w h ich is equivalent to a dynamic range of 49db. at low input optical pow er , the transimpedance gain z t must be high to obt ain enough output volt age, and the noise should be low enough to guarantee a minimum bit error rate. the transimpedance is regulated from 4 ? at low input optical pow er (po<30 w) to 80 ? at high pow er (po =1.7mw). a pplica t ions digit al fiber optic receiver in short, medium and long haul optical telecommunications transmission systems or in high speed dat a netw o rks wide-band rf gain block e lectrica l c ha ra cteristics (t c = 2 5 ) parameter sy mbol t est condition min. ty p . max. unit pow e r supply volt age v cc - 3 . 0 3 . 3 3 . 3 v pow e r supply current i cc - 26 37 ma photodiode bias volt age* v pd - 3.3 5 v t r ansimpedance z t rl=50 ? , measured dif f erenctially , ac coupled 4 k ? 3db bandw id th f 3db pin=-10dbm 1 . 7 1 . 9 g h z t r ansimpedence gain deviation z t f=1mhz to 1.8ghz 2 db electrical return loss l e - - 1 0 d b responsivity r = 1550nm 0.85 a/w output impedence z o - 5 0 ? * photodiode bias is necessary only for 5 pin ty pe module.
2.5 gbp s pin-tia module ? xpd0250ct -001 xl photonics, inc. 2 o ptica l c ha ra cteristics (t c = 2 5 ) a bsolute m ax i m u m r a t ings (t c = 2 5 ) parameter s y mbol t est condition min. t yp . max. unit o p tical w a velen g th ran g e - 1 1 0 0 1 6 0 0 n m sensitivity p s rl=50, 2.5gbp s nrz, prbs=2 23 ?1, ber=1 10 -10 -23 dbm maximum overload p max 2 dbm optical return loss lo = 1550nm -30 db parameter s y mbol ratin g unit su pp l y volt a g e v cc +3.8 v photodiode bias volt age* v pd 10 v operating case temperature range t c -20 to +75 s t orage temperature range t st g -40 to +85 * photodiode bias is necessary only for 5 pin ty pe module. m echa nica l d imensions & p in l ay o u t (unit : mm) 1.6 9 1.9 6 . 1 2. 5 4 1 2 34 5 1.8 1. 8 6 . 1 2. 5 4 1 2 34 2. 4 10 . 8 14 . 1 5 18 t = 0 . 3 5 2. 2 14 12 4 1. 5 8 17 4 - p i n co n f ig ur a t io n 5 -pi n co n f ig ur at io n
2.5 gbp s pin-tia module ? xpd0250ct -001 xl photonics, inc. 3 p in c onfigura tion 4 pin 5 pin a1 am b1 bm c1 cm d1 dm 1 g n d g n d gnd g nd 1 g nd gnd g nd gnd 2 outq o u t o u t outq 2 out outq out outq 3 out outq vcc v cc 3 vcc v cc vpd vpd 4 v c c v c c outq out 4 vpd vpd vcc v cc 5 o u t q out outq out s y mbol t yp e d e scri p tion g n d g r o u n d ground v o u t o u t p u t d a t a out p ut v c c s u pp l y s u pp l y vo l t a g e v out q o u t p ut dat a rev e rse out p ut v p d s u pp l y pd bias v o lt a g e other pin con f igur ation s are av ailable. please con t a c t u s for new pin config uration s custom ordered. a pplica t ions d ia gra m 10h z o =50? z o =50? 22 nf 680 nf 100nf 100nf 1 2 1 2 50? 50? vpd transmission line v pd gnd outq out xpd * * 10h v cc vcc 680 nf n * e c e s s a r y only for 5-pin ty pe 22 nf p reca utions for u se esd protectio n is imperative. use of ground strap s , anti st atic mat s , and other st andard esd protective equipment is recommended when handling or testing an ingaas pi n/apd or any othe r junction photodiode. soldering temperature of the leads should not ex ceed 260 for more than 10 seconds. fiber pigt ails should be handled w i th les s than 10 n pull and w i th a bending radius greater than 1 inch.
2.5 gbp s pin-tia module ? xpd0250ct -001 xl photonics, inc. 4 o rdering i nformation model name o p tion pd type bit-rate package type code pinning fiber* connector type flange xpd: pin pd 0250: 2.5g ct: coaxial type embedded tia 001 a1 b1 c1 d1 s: smf m: mmf p: pmf nc: no connector sp: sc/upc fp: fc/upc sa: sc/apc fa: fc/apc n: no flange f: flange b: bracket * standard fiber length: 1 meter ex) XPD0250CT-001-a1sfpn 2.5 gbps pin-tia receiver module with a1 pin- layout, single mode fiber-pigtailed fc/upc connector r evision h istory date revision description july 2004 003 document layout is changed january 2003 002 document revised august 2002 001 initial release url: www.xl-photonics.com e-mail: sales@ xl-photonics.com 59-8 jang-dong, yusong-gu, daejeon 305-343, south korea tel: +82-42-3600-100 fax: +82-42-3600-101 ? 2002 xl photonics, inc. all rights reserved. (august 2002)


▲Up To Search▲   

 
Price & Availability of XPD0250CT-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X