Part Number Hot Search : 
74AVC C9S12 FRX05 S8430 B8806 SMDA24 GT60N32 FR100
Product Description
Full Text Search
 

To Download TLSU160F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tlou160(f),tlsu160(f),tlyu160(f) 2007-10-01 1 toshiba ingaa ? p l ed tlou160(f),tlsu160(f),tlyu160(f) panel circuit indicator ? lead(pb)-free products (lead: sn-ag-cu) ? 3mm package ? ingaa ? p led ? all plastic mold type ? colorless clear lens ? lineup: 3 colors (red, orange, yellow) ? suitable for high ? brightness and less electricity consumption. ? all plastic molded lens, provides an excellent on ? off contrast ratio. ? applications: backlight, light for decoration, switches, various indicator, personal equipment lineup product color material tlou160(f) orange ingaa ?p tlsu160(f) red ingaa ?p tlyu160(f) yellow ingaa ?p absolute maximum ratings (ta = 25c) product forward current i f (ma) reverse voltage v r (v) power dissipation p d (mw) operating temperature t opr (c) storage temperature t stg (c) tlou160(f) 30 4 72 ?30~85 ?40~120 tlsu160(f) 30 4 72 ?30~85 ?40~120 tlyu160(f) 30 4 75 ?30~85 ?40~120 note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). unit in mm jedec D jeita D toshiba 4 ? 3e1a weight: 0.14 g(typ.)
tlou160(f),tlsu160(f),tlyu160(f) 2007-10-01 2 electrical and opti cal characteristics (ta = 25c) typ.emission wavelength luminous intensity i v forward voltage v f reverse current i r product p ? i f min typ. i f typ. max i f max v r tlou160(f) (612) 15 20 850 2500 20 2.0 2.4 20 50 4 tlsu160(f) (636) 17 20 850 2000 20 2.0 2.4 20 50 4 tlyu160(f) (590) 13 20 476 1500 20 2.1 2.5 20 50 4 unit nm ma mcd ma v ma a v precaution please be careful of the followings ? soldering temperature: 260c max soldering time: 3 s max (soldering portion of lead: up to 1.6 mm from the body of the device) ? if the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress to the resin. soldering should be performed after lead forming. ? this visible led lamp also emits some ir light. if a ph otodetector is located near the led lamp, please ensure that it will not be affected by this ir light.
tlou160(f),tlsu160(f),tlyu160(f) 2007-10-01 3 tlou160(f) relative luminous intensity ? wavelength wavelength (nm) relative luminous intensity 1.0 0 540 0.8 0.6 0.4 0.2 560 580 600 620 640 660 i f = 20 ma ta = 25 c i f ? ta ambient temperature ta (c) allowable forward current i f (ma) 40 0 0 20 40 60 80 100 30 20 10 i f ? v f forward voltage v f (v) forward current i f (ma) 100 1 1.6 50 10 5 2 1.8 2.0 2.4 2.2 2.6 ta = 25 c 20 i v ? tc case temperature tc (c) relative luminous intensity i v 100 10 0.1 ? 25 0.2 1 0.5 0 25 50 75 2 5 luminous intensity i v (mcd) i v ? i f forward current i f (ma) 5000 10000 2000 1 1000 500 100 2 5 10 20 50 200 100 ta = 25 c radiation pattern ta = 25c 0 0.2 0.4 0.6 0.8 0 10 20 30 40 50 60 70 80 90 10 20 30 40 50 60 70 80 90 1.0
tlou160(f),tlsu160(f),tlyu160(f) 2007-10-01 4 tlsu160(f) relative luminous intensity ? wavelength wavelength (nm) relative luminous intensity 1.0 0 560 0.8 0.6 0.4 0.2 580 600 620 640 660 680 i f = 20 ma ta = 25 c i f ? ta ambient temperature ta (c) allowable forward current i f (ma) 40 0 0 20 40 60 80 100 30 20 10 i f ? v f forward voltage v f (v) forward current i f (ma) 100 1 1.6 50 10 5 2 1.8 2.0 2.4 2.2 2.6 ta = 25 c 20 i v ? tc case temperature tc (c) relative luminous intensity i v 100 10 0.1 ? 25 0.2 1 0.5 0 25 50 75 2 5 i v ? i f forward current i f (ma) luminous intensity i v (mcd) 3000 2000 1000 1 200 2 5 10 20 50 100 100 ta = 25 c 500 radiation pattern ta = 25c 0 0.2 0.4 0.6 0.8 0 10 20 30 40 50 60 70 80 90 10 20 30 40 50 60 70 80 90 1.0
tlou160(f),tlsu160(f),tlyu160(f) 2007-10-01 5 tlyu160(f) relative luminous intensity ? wavelength wavelength (nm) relative luminous intensity 1.0 0 540 0.8 0.6 0.4 0.2 560 580 600 620 640 660 i f = 20 ma ta = 25 c forward voltage v f (v) i f ? v f forward current i f (ma) 100 1 1.6 50 10 5 2 1.8 2.0 2.4 2.2 2.6 ta = 25 c 20 i v ? tc case temperature tc (c) relative luminous intensity i v 100 10 0.1 ? 25 0.2 1 0.5 0 25 50 75 2 5 i f ? ta ambient temperature ta (c) allowable forward current i f (ma) 40 0 0 20 40 60 80 100 30 20 10 i v ? i f forward current i f (ma) luminous intensity i v (mcd) 3000 2000 1000 1 200 2 5 10 20 50 100 100 ta = 25 c 500 radiation pattern ta = 25c 0 0.2 0.4 0.6 0.8 0 10 20 30 40 50 60 70 80 90 10 20 30 40 50 60 70 80 90 1.0
tlou160(f),tlsu160(f),tlyu160(f) 2007-10-01 6 restrictions on product use 20070701-en ? the information contained herein is subject to change without notice. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity an d vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba produc ts, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshib a products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconduct or devices,? or ?toshiba semiconductor reliability handbook? etc. ? the toshiba products listed in this document are in tended for usage in general electronics applications (computer, personal equipment, office equipment, measuri ng equipment, industrial robotics, domestic appliances, etc.).these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfuncti on or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage incl ude atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, et c.. unintended usage of toshiba products listed in his document shall be made at the customer?s own risk. ? the products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringement s of patents or other rights of the third parties which may result from its use. no license is granted by implic ation or otherwise under any patents or other rights of toshiba or the third parties. ? gaas(gallium arsenide) is used in this product. the dus t or vapor is harmful to the human body. do not break, cut, crush or dissolve chemically. ? please contact your sales representative for product- by-product details in this document regarding rohs compatibility. please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TLSU160F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X