Part Number Hot Search : 
GP10A ESD20 PCDA02 N5716 DSP56603 LC7565A 2ASA0 83120
Product Description
Full Text Search
 

To Download TC1601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TC1601 rev4_20060510 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-she shiang, tainan county, taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 1 / 4 2w high linearity and high efficiency gaas power fets features 2w typical power at 6 ghz photo enlargement linear power gain: g l = 12 db typical at 6 ghz high linearity: ip3 = 43 dbm typical at 6 ghz via holes source ground suitable for high reliability application breakdown voltage: bv dgo 15 v lg = 0.35 m, wg = 5 mm high power added efficiency: pae 43 % for class a operation lg = 0.35 m, wg = 5 mm tight vp ranges control high rf input power handling capability 100 % dc tested description the TC1601 is a pseudomorphic high electron mobility transistor (phemt) gaas power fet, which has high linearity and high power added efficiency. the device is processed with a propriety via-hole process, which provides low thermal resistance and low inductance. the short gate length enables the device to be used in circuits up to 20 ghz. all devices are 100 % dc tested to assure consistent quality. bond pads are gold plated for either thermo-compression or thermo-sonic wire bonding. backside gold plating is compatible with standard ausn die-attach. typical applications include commercial and military high performance power amplifier. electrical specifications (t a =25 c) symbol conditions min typ max unit p 1db output power at 1db gain compression point , f = 6 ghz v ds = 8 v, i ds = 500 ma 32.5 33 dbm g l linear power gain, f = 6 ghz v ds = 8 v, i ds = 500 ma 11 12 db ip3 intercept point of the 3 rd -order intermodulation, f = 6 ghz v ds = 8 v, i ds =500 ma,*p scl = 20 dbm 43 dbm pae power added efficiency at 1db compression power, f = 6 ghz 43 % i dss saturated drain-source current at v ds = 2 v, v gs = 0 v 1.2 a g m transconductance at v ds = 2 v, v gs = 0 v 850 ms v p pinch-off voltage at v ds = 2 v, i d = 10 ma -1.7** volts bv dgo drain-gate breakdown voltage at i dgo = 2.5 ma 15 18 volts r th thermal resistance 6 c/w note: * p scl : output power of single carrier level. * *for the tight control of the pinch-off voltage . TC1601?s are divided into 3 groups: (1) TC1601p1519 : vp = -1.5v to -1.9v (2) TC1601p1620 : vp = -1.6v to -2.0v (3) TC1601p1721 : vp = -1.7v to -2.1v in addition, the customers may specify their requirements.
TC1601 rev4_20060510 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-she shiang, tainan county, taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 2 / 4 absolute maximum ratings (t a =25 c) recommanded operating condition symbol parameter rating v ds drain-source voltage 12 v v gs gate-source voltage -5 v i d drain current 1.2 a p t continuous dissipation 7.7 w t ch channel temperature 175 c t stg storage temperature - 65 c to +175 c symbol parameter rating v ds drain to source voltage 8 v i d drain current 500 ma chip dimensions units: micrometers gate pad: 76.0 x 59.5 chip thickness: 50 drain pad: 86.0 x 76.0 g g d d g g d d 1060 12 470 12
TC1601 rev4_20060510 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-she shiang, tainan county, taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 3 / 4 typical scattering parameter (v ds = 8 v, i ds = 500 ma) frequency s11 s21 s12 s22 (ghz) mag ang mag ang mag ang mag ang 0.05 0.99574 -28.397 37.17 165.02 0.0078177 75.215 0.16856 -68.237 0.1 0.98587 -53.672 34.038 151.75 0.014318 62.138 0.26521 -97.116 0.2 0.96544 -90.648 26.53 132.47 0.022319 43.232 0.3948 -125.14 0.3 0.95271 -113.2 20.626 120.66 0.026028 31.814 0.45652 -139.36 0.4 0.94572 -127.35 16.544 113.1 0.027836 24.636 0.48709 -147.65 0.5 0.94174 -136.8 13.697 107.88 0.028806 19.799 0.50388 -152.91 0.6 0.93933 -143.46 11.638 104.03 0.029372 16.331 0.51405 -156.46 0.7 0.93779 -148.39 10.095 101.03 0.029723 13.717 0.52079 -158.96 0.8 0.93676 -152.16 8.901 98.595 0.029952 11.664 0.5256 -160.78 0.9 0.93605 -155.14 7.9524 96.548 0.030104 10.001 0.52927 -162.13 1 0.93554 -157.54 7.1819 94.779 0.030208 8.6153 0.53225 -163.14 1.1 0.93518 -159.53 6.5443 93.216 0.030278 7.4363 0.53479 -163.92 1.2 0.93491 -161.19 6.0082 91.811 0.030325 6.4143 0.53706 -164.51 1.3 0.93472 -162.59 5.5514 90.528 0.030354 5.5145 0.53916 -164.95 1.4 0.93458 -163.81 5.1576 89.341 0.03037 4.7118 0.54115 -165.29 1.5 0.93448 -164.86 4.8147 88.233 0.030375 3.9874 0.54309 -165.54 1.6 0.93441 -165.78 4.5133 87.19 0.030371 3.3272 0.545 -165.72 1.7 0.93437 -166.6 4.2465 86.2 0.030361 2.7205 0.54691 -165.84 1.8 0.93435 -167.32 4.0085 85.254 0.030345 2.1586 0.54882 -165.92 1.9 0.93435 -167.97 3.7949 84.347 0.030324 1.635 0.55076 -165.96 2 0.93436 -168.55 3.6022 83.473 0.030298 1.1442 0.55273 -165.97 3 0.93501 -172.24 2.3682 75.87 0.02987 -2.6275 0.57477 -165.17 4 0.93615 -174.09 1.7392 69.39 0.02924 -5.282 0.60072 -164.02 5 0.93754 -175.19 1.3557 63.538 0.02848 -7.316 0.62891 -163.13 6 0.93905 -175.95 1.0969 58.161 0.02764 -8.8846 0.65763 -162.62 7 0.9406 -176.5 0.91049 53.193 0.02676 -10.055 0.68559 -162.45 8 0.94213 -176.94 0.77029 48.597 0.02587 -10.869 0.71196 -162.56 9 0.94358 -177.29 0.66149 44.343 0.02499 -11.358 0.73629 -162.88 10 0.94495 -177.6 0.57506 40.401 0.02415 -11.554 0.7584 -163.33 11 0.94621 -177.87 0.50515 36.746 0.02334 -11.487 0.77829 -163.88 12 0.94736 -178.11 0.44776 33.3519 0.02259 -11.185 0.79607 -164.47 13 0.94841 -178.34 0.40006 30.196 0.0219 -10.675 0.81191 -165.1 14 0.94935 -178.54 0.36001 27.254 0.02126 -9.985 0.82598 -165.74 15 0.95019 -178.73 0.32605 24.506 0.02068 -9.1377 0.83848 -166.37 16 0.95096 -178.91 0.29703 21.933 0.02015 -8.1559 0.84959 -167 17 0.95164 -179.08 0.27204 19.5189 0.01968 -7.06 0.85948 -167.6 18 0.95225 -179.23 0.25036 17.248 0.01926 -5.8689 0.8683 -168.19 * the data does not include gate, drain and source bond wires.
TC1601 rev4_20060510 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-she shiang, tainan county, taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 4 / 4 small signal model, v ds = 8 v, i ds = 500 ma schemati fet parameter lg = 0.0035 nh rs = 0.23 ohm rg = 0.3 ohm ls = 0.0013 nh cgs = 7.84 pf cds = 0.864 pf ri = 0.487 ohm rds = 51 ohm cgd = 0.44 pf rd = 0.402 ohm gm = 840 ms ld = 0.006 nh t = 3.9 psec rg rd rs ri rds ls ld lg cgs cgd cds gm t


▲Up To Search▲   

 
Price & Availability of TC1601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X