Part Number Hot Search : 
MIC25 BSO303SP 00190 BSO303SP P8798 KBPC2508 0805H124 TDA3651
Product Description
Full Text Search
 

To Download TBOX311-820-FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  269 * all specifcations and photos are subject to change without notice. TBOX311-820-FL fanless embedded system with intel ? atom? processor z520pt 1.33 ghz for vehicle pc intel ? atom? processor z520pt 1.33 ghz onboard intel ? us15wpt chipset fanless operation operating temperature range of -40c ~ +65c 1 isolated rs-232/422/485 and 1 isolated can bus (optional for rs-232/422/485) high performance ddr2-667 sodimm max. up to 2 gb one 2.5" swappable sata drive bay and one compactflash? slot 3 internal pci express mini card slots with one sim slot features specifcations standard color silver-black construction aluminum extrusion and heavy-duty steel cpu intel ? atom? processor z520pt 1.33 ghz onboard system memory 1 x 200-pin ddr2 so-dimm max. up to 2 gb chipset intel ? us15wpt bios ami system i/o outlet 1 x isolated rs-232/422/485 (com 1) 1 x isolated can bus (optional rs-232/422/485) 2 x vga 1 x audio (mic-in/line-out) 2 x 10/100/1000mbps ethernet 4 x usb 2.0 1 x vdc power input connector 1 x di/do power input connector (4-in/4-out) 1 x dry/wet switch 1 x 12v/24v switch 1 x reset switch 3 x antenna opening watchdog timer 255 levels, 0 ~ 255 sec. storage 1 x 2.5" sata hdd drive bay 1 x compactflash expansion interface 3 x pci express mini card 1 x sim card slot system indicator 1 x green led for system power-on 1 x red led for hdd active 1 x green led for wwan 1 x green leo for wlan 4 x programmable led (p1~p4) power supply dc12v mode: operating voltage: dc9 ~ 16v start voltage: dc12v or higher dc24v mode: operating voltage: dc18 ~ 32v start voltage: dc24v or higher power consumption 1.7a @ 12v 0.9a @ 24v operating temperature -40c ~ +65c (-40c ~ +149c) (with 1.33 ghz cpu, w.t. hdd storage temperature -40c ~ +80c (-4c ~ +176c) humidity 10% ~ 90% , non-condensing vibration endurance 2 grms with cf (5-500hz, x, y, z directions) dimensions 244 mm (9.6") (w) x 185.4 mm (7.3") (d) x 70.4 mm (2.77") (h) weight (net/gross) 2.5 kg (5.5 lb)/3.5 kg (7.7 lb) certifcation ce, e13, iso7637, en60950 compliance eos support xpe, wince, linux low power extended temperature ip40 fanless en60950 can bus isolation emark iso 7637 swappable hdd ordering information standard TBOX311-820-FL1.33g- can fanless embedded system with intel ? atom? z520pt 1.33 ghz processor, 2 vga, cf & hdd support, 2 10/100/1000mbps,1 rs-232/422/485, 1 can and 4 usb TBOX311-820-FL1.33g- com fanless embedded system with intel ? atom? z520pt 1.33 ghz processor, 2 vga, cf & hdd support, 2 10/100/1000mbps, 2 rs-232/422/485 and 4 usb optional 2.5" sata hdd ddr2 sodimm compactflash 3g module wif module wif+bluetooth gps module graphic accelerator codec 40 gb or above 512 mb or above 1 gb or above 826k3101010e 826k3101050e 826k3101060e 82606200270e 826k3101070e *specifcations and certifcations are based on options and may vary. rear view front view pci express mini card slots can bus support dc12/24v input di/do swappable hdd/cf indicators
270 * all specifcations and photos are subject to change without notice. axiomtek.com ? 2013 axiomtek co., ltd. all rights reserved. overview embedded systems for transportation embedded systems embedded field controllers embedded microboxes industrial barebone systems industrial chassis backplanes power supplies peripherals & accessories expansion & installation dimensions ordering information 1 x quick manual 1 x driver cd 1 x screw pack 4 x foot pad 4 x hdd anti-vibration damper 1 x wallmount kit power protection dc version iso7637 pulse1/2a/3a/3b/4/5a ovp (over voltage protection) uvp (under voltage protection) ocp (over current protection) otp (over temperature protection) opp (over power protection) old (over load protection) scp (short circuit protection) reverse protection battery-low protection 3 x mini card with sim z520pt with us15wpt supports wide temperature of -40c ~ +70c rich indicators user defne led reset function isolated dio dry & wet switch 12 & 24v input switch vehicle power input with acc support easy access storage


▲Up To Search▲   

 
Price & Availability of TBOX311-820-FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X