Part Number Hot Search : 
3RUS4150 3EZ39 ZFAMG10A C74VHC1 AOD456L IRHQ8110 C74VHC1 CHEMF4PT
Product Description
Full Text Search
 

To Download SMJD-3V16W1P3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com ssc customer drawn approval approval rohs specification acrich2 C downlight 220v 17.5w smjd - 3v16w1p3 1
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com acrich2 C 220v 17.5w downlight acrich2 acrich 2 series designed for ac drive(or operation) doesn't need the converter which is essential for conventional general lighting. also, its high power factor can show best energy saving effect in many lighting applications. as there is no need of converter, acrich 2 series can realize as close life - time as original led and make a better use of a space in many applications. description ? connect using a aic directly to ac power ? high power efficiency ? high power factor ? low thd ? long life time ? simplest bom ? miniaturization ? lead free product ? rohs compliant features applications 2 ? down light ? factory ceiling light ? industrial light
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com contents 1 . characteristics of 220 v 17 . 5 w downlight --- --- --- --- --- --- --- --- - 4 2 . thermal resistance of 220 v 17 . 5 w downlight --- --- --- --- --- --- -- 7 3 . color spectrum --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 8 4 . power characteristics --- --- --- --- --- --- --- --- --- --- --- --- --- --- -- 10 5 . radiation pattern --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 11 6 . color & binning --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- -- 12 7 . marking --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 15 8 . outline dimensions --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 16 9 . circuit drawing --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 17 10 . packing --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 18 11 . cautions for use --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 19 12 . handling of silicone resin for leds --- --- --- --- --- --- --- --- --- --- 19 13 . content regarding static electricity --- --- --- --- --- --- --- --- --- --- 20 14 . content regarding storage and treatment --- --- --- --- --- --- --- --- 20 3
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 1. characteristics of 220v 17.5w downlight parameter symbol value unit min typ max luminous flux [2] v [3] 1380 1450 lm correlated color temperature [4] cct 5300 5600 6000 k cri r a 80 82 - - operating voltage [5] v opt 220 vrms [1] power dissipation p d - 17.5 - w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 1. electro - optical characteristics of smjd - 3v16w1p3 - b rank parameter symbol value unit min typ max luminous flux [2] v [3] 1380 1450 - lm correlated color temperature cct 4700 5000 5300 k cri r a 80 82 - - operating voltage [5] v opt 220 vrms [1] power dissipation p d - 17.5 - w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 2. electro - optical characteristics of smjd - 3v16w1p3 - c rank 4
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com parameter symbol value unit min typ max luminous flux [2] v [3] 1300 1340 - lm correlated color temperature [4] cct 3700 4000 4200 k cri r a 80 82 - - operating voltage [5] v opt 220 vrms [1] power dissipation p d - 17.5 - w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 3. electro - optical characteristics of smjd - 3v16w1p3 - e rank parameter symbol value unit min typ max luminous flux [2] v [3] 1260 1300 - lm correlated color temperature [4] cct 2900 3000 3200 k cri r a 80 82 - - operating voltage [5] v opt 220 vrms [1] power dissipation p d - 17.5 - w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 4. electro - optical characteristics of smjd - 3v16w1p3 - g rank 5
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com * notes : [1] at 220v rms, ta=25oc [2] acrich 2 series maintain the tolerance of ? 10% on flux and power measurements. [3] v is the total luminous flux output measured with an integrated sphere. [4] correlated color temperature is derived from the cie 1931 chromaticity diagram. [5] operating voltage' doesn't indicate the maximum voltage which customers use but means tolerable voltage according to each countrys voltage variation rate. it is recommended that the solder pad temperature should be below 70 . parameter symbol value unit min typ max luminous flux [2] v [3] 1200 1250 - lm correlated color temperature [4] cct 2600 2700 2900 k cri r a 80 82 - - operating voltage [5] v opt 220 vrms [1] power dissipation p d - 17.5 - w operating frequency freq 50 / 60 hz power factor pf over 0.95 - view angle 2 1/2 120 deg. 1 - 1 - 5. electro - optical characteristics of smjd - 3v16w1p3 - h rank 1 - 2 absolute maximum ratings of 220v 17.5w downlight parameter symbol value unit max. voltage v opt 264 vrms power dissipation p d 23 w operating temperature t opr - 30 ~ 85 oc storage temperature t stg - 40 ~ 100 oc esd sensitivity - 4,000v hbm - 6
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com acrich2 led, which has 27 /w thermal resistance from junction to led lead. the maximum junction temperature of acrich2 led package is 125 . so permissible max lead temperature t s_max is t s_max = t j_max - (rq j - s * p d ) = 125 - (27 /w * 0.5w) = 111.5 but, recommendation of led lead temperature is under 70 acrich2 ic, which has 5.5 /w thermal resistance from junction to top surface. the maximum junction temperature of its ic is 125 . so allowable acrich2 ic top surface temperature (t t_max ) is t t_max = t j_max - (y j - t * p d ) = 125 - (5.5 /w * 1.5w) = 116.8 part package power dissipation [w] maximum junction temp[ ] r j - s [ /w] acrich2 led saw8kg0b max 0.5 125 27 acrich2 ic max 1.5 125 5.5 2. thermal resistance of 17.5w 7
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 3. color spectrum 0 0.2 0.4 0.6 0.8 1 1.2 300 400 500 600 700 800 relative spectral power distribution wavelength[nm] 0 0.2 0.4 0.6 0.8 1 1.2 300 400 500 600 700 800 relative spectral power distribution wavelength[nm] warm white relative spectral distribution vs. wavelength characteristic neutral white relative spectral distribution vs. wavelength characteristic 8
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 0 0.2 0.4 0.6 0.8 1 1.2 300 400 500 600 700 800 relative spectral power distribution wavelength[nm] cool white relative spectral distribution vs. wavelength characteristic 9
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 4. power characteristic 10 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 200 210 220 230 240 250 260 relative power distribution voltage[v] relative power distribution vs . voltage at ta=25oc 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 200 210 220 230 240 250 260 relative lumious flux voltage[v] relative luminous flux vs. voltage at ta=25oc
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 5. radiation pattern 11
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48 0.49 ciey ciex g0 g1 g2 g3 g4 g5 h0 h1 h2 h3 h4 h5 6. color & binning bin code x y bin code x y bin code x y g0 0.4299 0.4165 g1 0.4430 0.4212 g2 0.4248 0.4048 0.4248 0.4048 0.4374 0.4093 0.4198 0.3931 0.4374 0.4093 0.4499 0.4138 0.4317 0.3973 0.4430 0.4212 0.4562 0.4260 0.4374 0.4093 g3 0.4374 0.4093 g4 0.4198 0.3931 g5 0.4317 0.3973 0.4317 0.3973 0.4147 0.3814 0.4259 0.3853 0.4436 0.4015 0.4259 0.3853 0.4373 0.3893 0.4499 0.4138 0.4317 0.3973 0.4436 0.4015 h0 0.4562 0.4260 h1 0.4687 0.4289 h2 0.4499 0.4138 0.4499 0.4138 0.4620 0.4166 0.4436 0.4015 0.4620 0.4166 0.4740 0.4194 0.4551 0.4042 0.4687 0.4289 0.4810 0.4319 0.4620 0.4166 h3 0.4620 0.4166 h4 0.4436 0.4015 h5 0.4551 0.4042 0.4551 0.4042 0.4373 0.3893 0.4483 0.3919 0.4666 0.4069 0.4483 0.3919 0.4593 0.3944 0.4740 0.4194 0.4551 0.4042 0.4666 0.4069 6 - 1. warm white ansi binning structure range 2,600k(h) to 3,200k(g) 12
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 6 - 2. neutral white ansi binning structure range 3,700k to 4,200k bin code x y bin code x y bin code x y e0 0.3736 0.3874 e1 0.3869 0.3958 e2 0.3714 0.3775 0.3714 0.3775 0.3842 0.3855 0.3692 0.3677 0.3841 0.3855 0.3970 0.3935 0.3813 0.3751 0.3869 0.3958 0.4006 0.4044 0.3842 0.3855 e3 0.3842 0.3855 e4 0.3692 0.3677 e5 0.3813 0.3751 0.3813 0.3751 0.3670 0.3578 0.3783 0.3646 0.3934 0.3825 0.3783 0.3646 0.3898 0.3716 0.3970 0.3935 0.3813 0.3751 0.3934 0.3825 13
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 6 - 3. cool white ansi binning structure range 4,700k to 6,000k 14 bin code x y bin code x y bin code x y b0 0.3207 0.3462 b1 0.3292 0.3539 b2 0.3212 0.3389 0.3212 0.3389 0.3293 0.3461 0.3217 0.3316 0.3293 0.3461 0.3373 0.3534 0.3293 0.3384 0.3292 0.3539 0.3376 0.3616 0.3293 0.3461 b3 0.3293 0.3461 b4 0.3217 0.3316 b5 0.3293 0.3384 0.3293 0.3384 0.3222 0.3243 0.3294 0.3306 0.3369 0.3451 0.3294 0.3306 0.3366 0.3369 0.3373 0.3534 0.3293 0.3384 0.3369 0.3451 c0 0.3376 0.3616 c1 0.3463 0.3687 c2 0.3373 0.3534 0.3373 0.3534 0.3456 0.3601 0.3369 0.3451 0.3456 0.3601 0.3539 0.3669 0.3448 0.3514 0.3463 0.3687 0.3552 0.3760 0.3456 0.3601 c3 0.3456 0.3601 c4 0.3369 0.3451 c5 0.3448 0.3514 0.3448 0.3514 0.3366 0.3369 0.3440 0.3428 0.3526 0.3578 0.3440 0.3428 0.3514 0.3487 0.3539 0.3669 0.3448 0.3514 0.3526 0.3578
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com yymmdd - year / month / date aabb - led pkg flux rank / color bin rank 7. marking 15
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 8. outline dimensions C 220v 17.5w downlight * notes : [1] all dimensions are in millimeters. (tolerance : 0.2) [2] scale : none 16
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 9. circuit drawing 17
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com ? 1box : 20 pcs per tray x max 10 layer = max 200 pcs about 6.5kg ? box size( l x w x h ) = 590 x 330 x 260 10. packing 18
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 12. handling of silicone resin for leds ? please attach a varistor for protecting surge according to the application note ? please attach a resistance according to the application note ? please note acrich runs on high voltage so use caution when near the leads or if a dome is inadvertently removed while circuit is active ? please do not touch any of the circuit board, components or terminals with bare hands or metal while circuit is electrically active. ? please do not add or change wires while acrich circuit is active ? please do not touch wire on solder pad at driving ac source ? long time exposure of sunlight or occasional uv exposure will cause lens discoloration. ? attaching leds, do not use adhesives that outgas organic vapor. ? please do not use together with the materials containing sulfur ? please do not assemble under the condition of moisture and oxidizing gas in the air(cl, h2s,nh3,so2,nox,etc) ? acrich series is encapsulated with silicone resin for high optical efficiency. ? please do not touch the silicone resin area with sharp objects such as pincette(tweezers). ? finger prints on silicone resin area may affect the performance. ? please store leds in covered containers as it is dust sensitive. ? excessive force more than 3000gf to the silicone lens can result in fatal or permanent damage with leds. ? please do not cover the silicone resin area with any other resins such as epoxy, urethane, etc. 11. cautions for use 19
z - power led x10490 z - power led x10490 technical data sheet rev. 03 rev. 03 november november 2012 2012 www.acrich.com www.acrich.com 13. content regarding static electricity ? acrich2 control ic is installed in this product. this kind of package could get damaged when it is exposed to static electricity. so, please, wear equipment to prevent it from static electricity. moreover, be cautious not to touch each exposed package and ac pad on top of product with bare hands. when installing the product on users main heat sink, should wear some equipment to prevent static electricity. 14. content regarding storage and treatment ? do not impact or pressure on this product since this product get damaged easily by small amount of impact. moreover, it should avoid high temperature, high humidity, and direct sunlight in order to function properly since led pkg is sensitive to temperature and humidity, when storing or operating it. criteria are here as below. (1) please, confirm to next lists, when storing it in a long term. *it should be stored in the anti - static bag that seoul - semiconductor packed without opening it. * if you opened it in order to prevent humidity, you should seal it and not let the air and humidity into the bag. 20


▲Up To Search▲   

 
Price & Availability of SMJD-3V16W1P3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X