Part Number Hot Search : 
32200 2SK22 5KE11 MT160 245MT HAB080 9Z24N 8830N
Product Description
Full Text Search
 

To Download SIHFP460A-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 91234 www.vishay.com s-81360-rev. a, 28-jul-08 1 power mosfet irfp460a, sihfp460a vishay siliconix features ? low gate charge q g results in simple drive requirement ? improved gate, avalanche and dynamic dv/dt ruggedness ? fully characterized capacitance and avalanche voltage and current ? effective c oss specified ? lead (pb)-free available applications ? switch mode power supply (smps) ? uninterruptable power supply ? high speed power switching typical smps topologies ? full bridge ? pfc boost notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. starting t j = 25 c, l = 4.3 mh, r g = 25 , i as = 20 a (see fig. 12). c. i sd 20 a, di/dt 125 a/s, v dd v ds , t j 150 c. d. 1.6 mm from case. product summary v ds (v) 500 r ds(on) ( )v gs = 10 v 0.27 q g (max.) (nc) 105 q gs (nc) 26 q gd (nc) 42 configuration single n -channel mosfet g d s to-247 g d s a v aila b le rohs* compliant ordering information package to-247 lead (pb)-free irp460apbf SIHFP460A-E3 snpb irp460a sihfp460a absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 500 v gate-source voltage v gs 30 continuous drain current v gs at 10 v t c = 25 c i d 20 a t c = 100 c 13 pulsed drain current a i dm 80 linear derating factor 2.2 w/c single pulse avalanche energy b e as 960 mj repetitive avalanche current a i ar 20 a repetitive avalanche energy a e ar 28 mj maximum power dissipation t c = 25 c p d 280 w peak diode recovery dv/dt c dv/dt 3.8 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 300 d mounting torque 6-32 or m3 screw 10 lbf in 1.1 n m * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com document number: 91234 2 s-81360-rev. a, 28-jul-08 irfp460a, sihfp460a vishay siliconix notes a. repetitive rating; pulse width limited by maximum junction temper ature (see fig. 11). b. pulse width 300 s; duty cycle 2 %. c. c oss eff. is a fixed capacitance that gi ves the same charging time as c oss while v ds is rising from 0 to 80 % v ds . thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja -40 c/w case-to-sink, flat, greased surface r thcs 0.24 - maximum junction-to-case (drain) r thjc -0.45 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 500 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = 1 ma - 0.61 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.0 v gate-source leakage i gss v gs = 30 v - - 100 na zero gate voltage drain current i dss v ds = 500 v, v gs = 0 v - - 25 a v ds = 400 v, v gs = 0 v, t j = 125 c - - 250 drain-source on-state resistance r ds(on) v gs = 10 v i d = 12 a b --0.27 forward transconductance g fs v ds = 50 v, i d = 12 a b 11 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 3100 - pf output capacitance c oss - 480 - reverse transfer capacitance c rss -18- output capacitance c oss v gs = 0 v v ds = 1.0 v, f = 1.0 mhz 4430 v ds = 400 v, f = 1.0 mhz 130 effective output capacitance c oss eff. v ds = 0 v to 400 v c 140 total gate charge q g v gs = 10 v i d = 20 a, v ds = 400 v, see fig. 6 and 13 b - - 105 nc gate-source charge q gs --26 gate-drain charge q gd --42 turn-on delay time t d(on) v dd = 250 v, i d = 20 a, r g = 4.3 , r d = 13 , see fig. 10 b -18- ns rise time t r -55- turn-off delay time t d(off) -45- fall time t f -39- drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol showing the integral reverse p - n junction diode --20 a pulsed diode forward current a i sm --80 body diode voltage v sd t j = 25 c, i s = 20a, v gs = 0 v b --1.8v body diode reverse recovery time t rr t j = 25 c, i f = 20 a, di/dt = 100 a/s b - 480 710 ns body diode reverse recovery charge q rr -5.07.5c forward turn-on time t on intrinsic turn-on time is neglig ible (turn-on is dominated by l s and l d ) s d g
document number: 91234 www.vishay.com s-81360-rev. a, 28-jul-08 3 irfp460a, sihfp460a vishay siliconix typical characteristics 25 c, unless otherwise noted fig. 1 - typical output characteristics fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature 1 0.1 91234_01 20 s p u lse w idth t c = 25 c 4.5 v v ds , drain-to-so u rce v oltage ( v ) i d , drain-to-so u rce c u rrent (a) 10 2 10 1 0.1 10 10 2 bottom to p v gs 15 v 10 v 8 .0 v 7.0 v 6.0 v 5.5 v 5.0 v 4.5 v 10 2 10 1 10 10 2 v ds , drain-to-so u rce v oltage ( v ) i d , drain-to-so u rce c u rrent (a) 4.5 v 20 s p u lse w idth t c = 150 c 91234_02 bottom to p v gs 15 v 10 v 8 .0 v 7.0 v 6.0 v 5.5 v 5.0 v 4.5 v 1 20 s p u lse w idth v ds = 50 v i d , drain-to-so u rce c u rrent (a) v gs , gate-to-so u rce v oltage ( v ) 5.0 6.0 7.0 8 .0 9.0 4.0 25 c 150 c 91234_03 10 2 10 1 0.1 i d = 20 a v gs = 10 v 3.0 0.0 0.5 1.0 1.5 2.0 2.5 - 60 - 40 - 20 0 20 40 60 8 0 100 120 140 160 t j , j u nction temperat u re ( c) r ds(on) , drain-to-so u rce on resistance ( n ormalized) 91234_04
www.vishay.com document number: 91234 4 s-81360-rev. a, 28-jul-08 irfp460a, sihfp460a vishay siliconix fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area capacitance (pf) v ds , drain-to-so u rce v oltage ( v ) c iss c rss c oss v gs = 0 v , f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 91234_05 10 2 10 3 1 10 10 2 10 1 10 5 10 4 10 3 q g , total gate charge (nc) v gs , gate-to-so u rce v oltage ( v ) 20 16 12 8 0 4 0 20 100 8 0 60 40 i d = 20 a v ds = 100 v v ds = 250 v for test circ u it see fig u re 13 v ds = 400 v 91234_06 10 2 v sd , so u rce-to-drain v oltage ( v ) i sd , re v erse drain c u rrent (a) 0.2 1.0 0. 8 0.6 0.4 25 c 150 c v gs = 0 v 91234_07 10 1 0.1 1.2 1.4 1.6 10 s 100 s 1 ms 10 ms operation in this area limited b y r ds(on) v ds , drain-to-so u rce v oltage ( v ) i d , drain c u rrent (a) t c = 25 c t j = 150 c single p u lse 1 10 3 10 10 10 2 10 2 10 3 10 4 91234_0 8
document number: 91234 www.vishay.com s-81360-rev. a, 28-jul-08 5 irfp460a, sihfp460a vishay siliconix fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case fig. 12a - unclamped inductive test circui t fig. 12b - unclamped inductive waveforms i d , drain c u rrent (a) t c , case temperat u re (c) 0 5 10 15 20 25 150 125 100 75 50 91234_09 p u lse w idth 1 s d u ty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f 1 10 -5 10 -4 10 -3 10 -2 0.1 1 p dm t 1 t 2 t 1 , rectang u lar p u lse d u ration (s) thermal response (z thjc ) n otes: 1. d u ty factor, d = t 1 /t 2 2. peak t j = p dm x z thjc + t c single p u lse (thermal response) 0 ? 0.5 0.2 0.1 0.05 0.02 0.01 91234_11 10 -3 10 -2 0.1 a r g i as 0.01 t p d.u.t. l v ds + - v dd driver 15 v 20 v i as v ds t p
www.vishay.com document number: 91234 6 s-81360-rev. a, 28-jul-08 irfp460a, sihfp460a vishay siliconix fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 12d - typical drain-to-source voltage vs. avalanche current fig. 13b - gate charge test circuit 2400 0 400 8 00 1200 1600 2000 25 150 125 100 75 50 starting t j , j u nction temperat u re (c) e as , single p u lse a v alanche energy (mj) bottom to p i d 8 .9 a 13 a 20 a 91234_12c q gs q gd q g v g charge 10 v 600 540 560 5 8 0 020 16 12 8 4 i a v , a v alanche c u rrent (a) v dsa v , a v alanche v oltage ( v ) 620 91234_12d d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v c u rrent reg u lator c u rrent sampling resistors same type as d.u.t. + -
document number: 91234 www.vishay.com s-81360-rev. a, 28-jul-08 7 irfp460a, sihfp460a vishay siliconix fig. 14 - for n-channel vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91234. p. w . period di/dt diode reco v ery d v /dt ripple 5 % body diode for w ard drop re-applied v oltage re v erse reco v ery c u rrent body diode for w ard c u rrent v gs = 10 v * v dd i sd dri v er gate dri v e d.u.t. i sd w a v eform d.u.t. v ds w a v eform ind u ctor c u rrent d = p. w . period + - + + + - - - * v gs = 5 v for logic le v el de v ices peak diode recovery dv/dt test circuit v dd ? d v /dt controlled b y r g ? dri v er same type as d.u.t. ? i sd controlled b y d u ty factor "d" ? d.u.t. - de v ice u nder test d.u.t. circ u it layo u t considerations ? lo w stray ind u ctance ? gro u nd plane ? lo w leakage ind u ctance c u rrent transformer r g
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SIHFP460A-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X