Part Number Hot Search : 
AHA3431 103LF N7002 SAC18 HD126244 MAC997B6 45012 00512
Product Description
Full Text Search
 

To Download SF1601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capavility ? high reliability ? high surge current capability sf160x g = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol sf 1601g sf 1602g sf 1603g sf 1604g sf 1605g sf 1606g sf 1607g sf 1608g units v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v trr ns cj pf r jc o c/w t j o c t stg o c ua a peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 125 a i f(av) 16 ? epoxy: ul 94v-0 rate flame retardant ? high temperature soldering guaranteed: 260 o c/10 seconds 16".,(4.06mm) from case. 60 1.5 0.975 1.3 1.7 35 10 400 version:e11 typical junction capacitance (note 3) dimensions in inches and (millimeters) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage ? polarity: as marked ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. 80 ? green compound with suffix "g" on packing code & prefix "g" on datecode. mechanical data maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 ? for use in low voltage, high frequency inventor, free wheeling, and polarity protection application maximum average forward rectified current ? cases: to-220ab molded plastic SF1601G- sf1608g 16.0amps. glass passivated super fast rectifiers marking diagram to-220ab ? low power loss. i r features note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. maximum instantaneous forward voltage (note 1) @ 8 a note 1: pulse test with pw=300 usec, 1% duty cycle maximum reverse recovery time (note 2) - 65 to + 150 ? weight: 1.90 grams typical thermal resistance type number operating temperature range storage temperature range - 65 to + 150 v f v pb rohs compliance rohs compliance
version:e11 ratings and characteristic curves (SF1601G thru sf1608g) fig.1- maximum forward current derating curve 0 4 8 12 16 20 0 50 100 150 case temperature ( o c) average forward a current (a) fig. 3- maximum non-repetitive forward surge current per leg 0 30 60 90 120 150 1 10 100 number of cycles at 60 hz peak forward surge a current. (a) ta=25 8.3ms single half sine wave jedec method fig. 2- typical reverse characteristics 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current. (ua) ta=25 ta=100 fig. 4- typical junction capacitance per leg 40 50 60 70 80 90 100 1 10 100 1000 reverse voltage. (v) capacitance (pf) ta=2 5 o c SF1601G~sf1604 sf1605g~sf1608 g fig. 5- typical forward characterisrics per leg 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 forward voltage. (v) instantaneous forward current. (a) ta=25 o c pulse width=300us 1% dut y c y cl e SF1601G~sf1604 sf1605g~sf1606 sf1607g~sf1608


▲Up To Search▲   

 
Price & Availability of SF1601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X