Part Number Hot Search : 
ST4460FX BSR11FE K2611B BZX85C27 56D120 APL1085 MUR160 1N3892R
Product Description
Full Text Search
 

To Download SC05-11EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa4202 rev no: v.12 date: may/15/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000728 12.7mm (0.5inch) single digit numeric display part number: SC05-11EWA high efficiency red description the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice. features z 0.5 inch digit height. z low current operation. z excellent character appearance. z easy mounting on p.c. boards or sockets. z i.c. compatible. z mechanically rugged. z standard : gray face, white segment. z rohs compliant.
spec no: dsaa4202 rev no: v.12 date: may/15/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000728 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SC05-11EWA high efficiency red (g aasp/gap) white diffused 1900 8000 common cathode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength high efficiency red 627 nm i f =20ma d [1] dominant wavelength high efficiency red 625 nm i f =20ma ? 1/2 spectral line half-width high efficiency red 45 nm i f =20ma c capacitance high efficiency red 15 pf v f =0v;f=1mhz v f [2] forward voltage high efficiency red 2.0 2.5 v i f =20ma i r reverse current high efficiency red 10 ua v r =5v parameter high efficiency red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 160 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsaa4202 rev no: v.12 date: may/15/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000728 high efficiency red SC05-11EWA
spec no: dsaa4202 rev no: v.12 date: may/15/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000728 packing & label specifications SC05-11EWA


▲Up To Search▲   

 
Price & Availability of SC05-11EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X