Part Number Hot Search : 
SBT603G TDA79 D222RW PS241 ZT751 RB751 PMN40LN AA541
Product Description
Full Text Search
 

To Download SB1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21 sb120 ...... SB1100 ?? sb 120 sb 130 30 1.0 40 0.5 10 50 sb 140 20 40 14 28 110 siyu r sb 150 sb 180 50 80 35 56 0.5 0.7 80 v v a v a ma /w pf unit v v r(rms) ?? low forward voltage drop ? ?? ?? -55 --- +150 v rrm i fm high current capability ? if = 1.0a v f ?? 8.3ms??? i fsm ? ir ???? r ja tj, t stg ? vr = 4.0v f = 1.0mhz cj ta = 25 ta = 100 o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any features 1.0(25.4) min .205(5.2) .166(4.2) 1.0(25.4) min .107(2.7) .080(2.0) dia dia .034(0.9) .028(0.7) do-41 unit inch mm plastic schottky barrier rectifier maximum repetitive peak reverse voltage maximum rms voltage ??? maximum dc blocking voltage maximum average forward rectified current maximum forward voltage peak forward surge current 8.3 ms single half sine-wave maximum reverse current typical thermal resistance operating junction and storage temperature range type junction capacitance ?? ta = 25 maximum ratings & electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols v dc 30 20 40 50 80 dachang electronics sb 160 60 42 60 sb 1100 100 70 100 0.85 60 ???rohs? lead and body according with rohs standard
sb120 ...... SB1100 siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 1.2 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 100 40 30 20 10 0 50 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0.1 0.2 1 2 10 tj = 25 c sb120 thru sb140 sb150 sb160 sb180 SB1100 10mm 10mm dachang electronics


▲Up To Search▲   

 
Price & Availability of SB1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X