Part Number Hot Search : 
18N50S OL7272 SB154 2SK831 S41C1 AD7691 VTS80 BA202
Product Description
Full Text Search
 

To Download OM3903SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.3 - 107 3.3 dual 5v, 12v and 15v, 1.5 amp fixed voltage regulators in single hermetic mo-078aa package 4 11 r0 dual positive and negative fixed voltage regulators approved to desc drawing features ? positive and negative regulators in one package ? isolated hermetic package, jedec mo-078aa ? output voltages 5v, 12v and 15v ? output voltages set internally to 1.0% ? built-in thermal overload protection ? short circuit current limiting ? similar to industry standards 7800 & 7900 series description this series of products offers a positive and a negative fixed voltage regulator in one hermetically sealed, 5 pin package whose outline is similar to the industry standard to-247 package. with heat sinking, they can regulate over 1.5 amp of output current per device. standard voltages are + or - 5v, 12v and 15v. output voltages are internally trimmed to 1.0% of nominal voltage. these devices are ideally suited for military applications where small size and high reliability are required. to order, use the following omnirel part numbers to determine the required output voltage of each regulator within one package. om3909sc om3907sc om3908sc om3905sc om3906sc OM3903SC om3904sc om3901sc om3902sc standard military drawing number 5962-8949002 xx 5962-8949003 xx 5962-8949004 xx 5962-8949005 xx 5962-8949006 xx 5962-8949007 xx 5962-8949008 xx 5962-8949009 xx 5962-8949001 xx omnirel output voltages part number positive negative om3901sc +5v -5v om3902sc +5v -12v OM3903SC +5v -15v om3904sc +12v -5v om3905sc +12v -12v om3906sc +12v -15v om3907sc +15v -5v om3908sc +15v -12v om3909sc +15v -15v part number designator
3.3 - 108 om3901sc - om3909sc 3.3 electrical characteristics +5 volt v in = 10v, i o = 500ma, -55c t a 125c (unless otherwise specified) parameter symbol test conditions min. max. unit output voltage v out t a = 25c 4.92 5.08 v v in = 7.5v to 20v ? 4.85 5.15 v line regulation v rline v in = 7.5v to 20v 5 mv (note 1) ? 12 mv v in = 8.0v to 12v 4 mv ? 10 mv load regulation v rload i o = 5ma to 1.5 amp 12 mv (note 1) ? 25 mv i o = 250ma to 750 ma 6 mv ? 15 mv standby current drain i scd 6ma ? 6.5 ma standby current drain d i scd v in = 7.5v to 20v ? 0.8 ma change with line (line) standby current drain d i scd i o = 5ma to 1000ma ? 0.5 ma change with load (load) dropout voltage v do t a = 25c, d v out = 100mv, i o = 1.0a 2.5 v peak output current i o (pk) t a = 25c 1.5 3.3 a short circuit current i ds v in = 35v 1.2 a (note 2) ? 2.8 a ripple rejection d v in f =120 hz, d v in = 10v 66 db d v out (note 3) ? 60 db output noise voltage n o t a = 25c, f =10 hz to 100khz 40 v/v (note 3) rms long term stability d v out t a = 25c, t = 1000 hrs. 75 mv (note 3) d t individual positive regulators electrical characteristics +12 volt v in = 19v, i o = 500ma, -55c t a 125c (unless otherwise specified) parameter symbol test conditions min. max. unit output voltage v out t a = 25c 11.88 12.12 v v in = 14.5v to 27v ? 11.64 12.36 v line regulation v rline v in = 14.5v to 27v 18 mv (note 1) ? 50 mv v in = 16v to 22v 9 mv ? 30 mv load regulation v rload i o = 5ma to 1.5 amp 32 mv (note 1) ? 60 mv i o = 250ma to 750 ma 20 mv ? 40 mv standby current drain i scd 6.0 ma ? 6.5 ma standby current drain d i scd v in = 15v to 30v ? 0.8 ma change with line (line) standby current drain d i scd i o = 5ma to 1000ma ? 0.5 ma change with load (load) dropout voltage v do d v out = 100mv, i o = 1.0a ? 2.5 v peak output current i o (pk) t a = 25c 1.5 3.3 a short circuit current i ds v in = 35v 1.2 a (note 2) ? 2.8 a ripple rejection d v in f =120 hz, d v in = 10v 61 db d v out (note 3) ? 54 db output noise voltage n o t a = 25c, f =10 hz to 100khz 40 v/v (note 3) rms long term stability d v out t a = 25c, t = 1000 hrs. 120 mv (note 3) d t notes: 1. load and line regulation are specified at a constant junction temperature. pulse testing with low duty cycle is used. changes in output voltage due to heating effects must be taken into account separately. 2. short circuit protection is only assured up to v in = 35v. 3. if not tested, shall be guaranteed to the specified limits. the ? denotes the specifications which apply over the full operating temperature range.
3.3 - 109 om3901sc - om3909sc 3.3 electrical characteristics +15 volt v in = 23v, i o = 500ma, -55c t a 125c (unless otherwise specified) parameter symbol test conditions min. max. unit output voltage v out t a = 25c 14.8 15.2 v v in = 18.5v to 30v ? 14.6 15.4 v line regulation v rline v in = 17.5v to 30v 20 mv (note 1) ? 50 mv v in = 20v to 26v 15 mv ? 25 mv load regulation v rload i o = 5ma to 1.5 amp 35 mv (note 1) i o = 5ma to 1.0 amp ? 75 mv i o = 250ma to 750 ma 21 mv ? 45 mv standby current drain i scd 6.0 ma ? 6.5 ma standby current drain d i scd v in = 18.5v to 30v ? 0.8 ma change with line (line) standby current drain d i scd i o = 5ma to 1000ma ? 0.5 ma change with load (load) dropout voltage v do t a = 25c, d v out = 100mv, i o = 1.0a 2.5 v peak output current i o (pk) t a = 25c 1.5 3.3 a short circuit current i ds v in = 35v 1.2 a (note 2) ? 2.8 a ripple rejection d v in f =120 hz, d v in = 10v 54 db d v out (note 3) ? 52 db output noise voltage n o t a = 25c, f =10 hz to 100khz 40 v/v (note 3) rms long term stability d v out t a = 25c, t = 1000 hrs. 150 mv (note 3) d t electrical characteristics - 5 volt v in = -10v, i o = 500ma, -55c t a 125c (unless otherwise specified) parameter symbol test conditions min. max. unit output voltage v out t a = 25c -4.95 -5.05 v v in = -7.5v to -20v ? -4.85 -5.15 v line regulation v rline v in = -7.5v to -20v 12 mv (note 1) ? 25 mv v in = -8.0v to -12v 5 mv ? 12 mv load regulation v rload i o = 5ma to 1.5 amp 20 mv (note 1) ? 25 mv i o = 250ma to 750 ma 15 mv ? 30 mv standby current drain i scd 2.5 ma ? 3.0 ma standby current drain d i scd v in = -7.0v to -20v ? 0.4 ma change with line (line) standby current drain d i scd i o = 5ma to 1000ma ? 0.4 ma change with load (load) dropout voltage v do d v out = 100mv, i o = 1.0a ? 2.5 v peak output current i o (pk) t a = 25c 1.5 3.3 a short circuit current i ds v in = -35v 1.2 a (note 2) ? 2.8 a ripple rejection d v in f =120 hz, d v in = -10v 63 db d v out (note 3) ? 60 db output noise voltage n o t a = 25c, f =10 hz to 100khz 40 v/v (note 3) rms long term stability d v out t a = 25c, t = 1000 hrs. 75 mv (note 3) d t notes: 1. load and line regulation are specified at a constant junction temperature. pulse testing with low duty cycle is used. changes in output voltage due to heating effects must be taken into account separately. 2. short circuit protection is only assured up to v in =+35v, positive regulator; . v in = -35v, negative regulator. 3. if not tested, shall be guaranteed to the specified limits. the ? denotes the specifications which apply over the full operating temperature range.
3.3 - 110 om3901sc - om3909sc 3.3 electrical characteristics -12 volt v in = -19v, i o = 500ma, -55c t a 125c (unless otherwise specified) parameter symbol test conditions min. max. unit output voltage v out t a = 25c -11.88 -12.12 v v in = -14.5v to -27v ? -11.64 -12.36 v line regulation v rline v in = -14.5v to -27v 20 mv (note 1) ? 50 mv v in = -16v to -22v 10 mv ? 30 mv load regulation v rload i o = 5ma to 1.5 amp 32 mv (note 1) ? 60 mv i o = 250ma to 750 ma 16 mv ? 30 mv standby current drain i scd 3.5 ma ? 4.0 ma standby current drain d i scd v in = -14.5v to -27v ? 0.8 ma change with line (line) standby current drain d i scd i o = 5ma to 1000ma ? 0.5 ma change with load (load) dropout voltage v do d v out = 100mv, i o = 1.0a ? 1.8 v peak output current i o (pk) t a = 25c, i o = 5ma to 1a 1.5 3.3 a short circuit current i ds v in = -35v 1.2 a (note 2) ? 2.8 a ripple rejection d v in f =120 hz, d v in = -10v 56 db d v out (note 3) ? 53 db output noise voltage n o t a = 25c, f =10 hz to 100khz 40 v/v (note 3) rms long term stability d v out t a = 25c, t = 1000 hrs. 120 mv (note 3) d t electrical characteristics -15 volt v in = -23v, i o = 500ma, -55c t a 125c (unless otherwise specified) parameter symbol test conditions min. max. unit output voltage v out t a = 25c -14.85 -15.15 v v in = -17.5v to -30v ? -14.55 -15.45 v line regulation v rline v in = -17.5v to -30v 25 mv (note 1) ? 50 mv v in = -20v to -26v 15 mv ? 25 mv load regulation v rload i o = 5ma to 1.5 amp 35 mv (note 1) ? 75 mv i o = 250ma to 750 ma 21 mv ? 45 mv standby current drain i scd 6.0 ma ? 6.5 ma standby current drain d i scd v in = -17.5v to -30v ? 0.8 ma change with line (line) standby current drain d i scd i o = 5ma to 1000ma ? 0.5 ma change with load (load) dropout voltage v do d v out = 100mv, i o = 1.0a ? 2.5 v peak output current i o (pk) t a = 25c 1.5 3.3 a short circuit current i ds v in = -35v 1.2 a (note 2) ? 2.8 a ripple rejection d v in f =120 hz, d v in = -10v 53 db d v out (note 3) ? 50 db output noise voltage n o t a = 25c, f =10 hz to 100khz 40 v/v (note 3) rms long term stability d v out t a = 25c, t = 1000 hrs. 150 mv (note 3) d t notes: 1. load and line regulation are specified at a constant junction temperature. pulse testing with low duty cycle is used. changes in output voltage due to heating effects must be taken into account separately. 2. short circuit protection is only assured up to v in = -35v. 3. if not tested, shall be guaranteed to the specified limits. the ? denotes the specifications which apply over the full operating temperature range.


▲Up To Search▲   

 
Price & Availability of OM3903SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X