Part Number Hot Search : 
UZ8113 IRFS4 BR200 60200 MA2SV05 MB3505 01800 MBR2045
Product Description
Full Text Search
 

To Download MS369PJB222MSZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifcations subject to change without notice. please check our website for latest information. 3008 power inductors document ms438-1 revised 08/11/11 high reliability power inductors ms369pjb core material ferrite terminations tin-lead (63/37) over tin over nickel. weight 22 C 25 mg ambient temperature C55c to +105c with i rms current, +105c to +155c with derated current storage temperature component: C55c to +155c. tape and reel packaging: C55c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) enhanced crush-resistant packaging 1000/7 reel plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 1.37 mm pocket depth recommended pick and place nozzle od: 3 mm; id: 1.5 mm high temperature materials allow operation in ambient temperatures up to 155c special construction allows it to pass vibration testing to 80 g and shock testing to 1000 g. tin-lead (sn-pb) termination for the best possible board adhesion 1. when ordering, please specify testing code: ms369pjb104ms z testing: z = cots h = screening per coilcraft cp-sa-10001 n = screening per coilcraft cp-sa-10004 2. inductance tested at 100 khz, 0.1 vrms using an agilent/hp 4192a or equivalent. 3. dcr measured on a micro-ohmmeter. 4. srf measured using an agilent/hp 8753es or equivalent. 5. typical dc current at which the inductance drops the specifed amount from its value without current. 6. typical current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. inductance 2 dcr max 3 srf (mhz) 4 isat (a) 5 irms (a) 6 part number 1 20% (h) (ohms) min typ 10% drop 20% drop 30% drop 20c rise 40c rise ms369pjb561msz 0.56 0.072 231 330 1.8 2.0 2.1 1.1 1.6 ms369pjb801msz 0.80 0.092 178 255 1.6 1.7 1.8 0.88 1.3 ms369pjb102msz 1.0 0.125 154 220 1.3 1.4 1.5 0.72 1.0 ms369pjb152msz 1.5 0.134 119 170 1.1 1.3 1.3 0.70 0.96 MS369PJB222MSZ 2.2 0.175 105 150 1.0 1.1 1.1 0.68 0.88 ms369pjb332msz 3.3 0.285 79.8 114 0.81 0.86 0.88 0.59 0.76 ms369pjb472msz 4.7 0.350 60.9 87 0.68 0.73 0.74 0.54 0.64 ms369pjb562msz 5.6 0.450 54.6 78 0.62 0.67 0.70 0.46 0.58 ms369pjb682msz 6.8 0.500 52.5 75 0.58 0.61 0.63 0.40 0.54 ms369pjb822msz 8.2 0.600 42.7 61 0.52 0.56 0.58 0.36 0.48 ms369pjb103msz 10 0.650 39.2 56 0.46 0.51 0.52 0.34 0.45 ms369pjb123msz 12 0.790 34.3 49 0.45 0.48 0.50 0.30 0.40 ms369pjb183msz 18 1.25 26.6 38 0.35 0.38 0.40 0.26 0.35 ms369pjb223msz 22 1.50 24.5 35 0.29 0.33 0.34 0.23 0.30 ms369pjb333msz 33 2.30 16.1 23 0.27 0.30 0.31 0.20 0.26 ms369pjb473msz 47 3.00 14.7 21 0.22 0.23 0.24 0.17 0.22 ms369pjb683msz 68 4.75 12.6 18 0.18 0.19 0.20 0.14 0.18 ms369pjb104msz 100 6.85 9.8 14 0.15 0.16 0.16 0.13 0.17 ms369pjb124msz 120 7.00 9.1 13 0.084 0.094 0.10 0.11 0.15 ms369pjb154msz 150 8.00 7.7 11 0.080 0.088 0.092 0.10 0.14 ms369pjb184msz 180 9.00 7.0 10 0.070 0.078 0.082 0.10 0.13 ms369pjb224msz 220 11.50 6.3 9 0.067 0.073 0.076 0.080 0.12 ms369pjb334msz 330 18.00 4.9 7 0.059 0.064 0.066 0.070 0.10 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2011
specifcations subject to change without notice. please check our website for latest information. ms369pjb series (3008) 3008 power inductors document ms438-2 revised 08/11/11 typical l vs current 0.1 1 10 100 1000 0.01 0.1 10 1 current (a) inductance (h) 330 h 33 h 10 h 100 h 1.0 h 3.3 h typical l vs frequency 0.1 1 10 100 1000 0.01 0.1 10 1 frequency (mhz) inductance (h) 330 h 33 h 10 h 100 h 1.0 h 3.3 h current derating -40 -55 -20 02 04 06 08 0 100 160 140 120 ambient temperature (c) pe r cent of rated current 120 110 100 90 80 70 60 50 40 30 20 10 0 25c i sat i rm s dimensions are in inches mm 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2011


▲Up To Search▲   

 
Price & Availability of MS369PJB222MSZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X