Part Number Hot Search : 
2SC1324 TL431 B80C3700 MAX8711 P60CA WRB1215 23815 MAX17049
Product Description
Full Text Search
 

To Download MBRA140T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2008 may, 2008 ? rev. 8 1 publication order number: mbra140t3/d mbra140t3 surface mount schottky power rectifier sma power surface mount package this device employs the schottky barrier principle in a large area metal ? to ? silicon power diode. state of the art geometry features epitaxial construction with oxide passivation and metal overlay contact. ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity diodes in surface mount applications where compact size and weight are critical to the system. features ? small compact surface mountable package with j ? bent leads ? rectangular package for automated handling ? highly stable oxide passivated junction ? very low forward voltage drop ? guardring for stress protection ? pb ? free package is available mechanical characteristics ? case: epoxy, molded ? weight: 70 mg (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? shipped in 12 mm tape, 5000 units per 13 inch reel ? polarity: cathode lead indicated by either notch in plastic body or polarity band schottky barrier rectifier 1.0 amperes 40 volts http://onsemi.com sma case 403d plastic marking diagram b14 ayww  a = assembly location y = year ww = work week  = pb ? free package device package shipping ? ordering information mbra140t3 sma 5000 / tape & reel MBRA140T3G sma (pb ? free) 5000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d.
mbra140t3 http://onsemi.com 2 maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 v average rectified forward current (at rated v r , t c = 95 c) i o 1.0 a peak repetitive forward current (at rated v r , square wave, 20 khz, t c = 100 c) i frm 2.0 a non ? repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 30 a storage temperature t stg ? 55 to +150 c operating junction temperature t j ? 55 to +125 c voltage rate of change (rated v r , t j = 25 c) dv/dt 10,000 v/  s esd ratings: machine model = c human body model = 3b > 400 > 8000 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. thermal characteristics characteristic symbol value unit thermal resistance, junction ? to ? lead (note 1) thermal resistance, junction ? to ? ambient (note 1) r  jl r  ja 35 86 c/w electrical characteristics maximum instantaneous forward voltage (note 2) (i f = 1.0 a) see figure 2 for other values (i f = 2.0 a) v f t j = 25 c t j = 100 c v 0.55 0.71 0.505 0.74 maximum instantaneous reverse current (v r = 40 v) see figure 4 for other values (v r = 20 v) i r t j = 25 c t j = 100 c ma 0.5 0.1 10 4.0 1. mounted on 2 square pc board with 1 square total pad size, pc board fr4. 2. pulse test: pulse width 250  s, duty cycle 2.0%.
mbra140t3 http://onsemi.com 3 figure 1. typical forward voltage figure 2. maximum forward voltage figure 3. typical reverse current figure 4. maximum reverse current v f , instantaneous forward voltage (volts) 10 1.0 0.1 v f , maximum instantaneous forward voltage (volts) 0.4 1.0 0 0.1 0 v r , reverse voltage (volts) 1.0e-6 i f , instantaneous forward current (amps) i i 0.6 0.8 1.0 0.6 0.8 0.2 1.0 10 t j = 25 c 10 20 0 0.2 0.4 30 , instantaneous forward current (amps) f t j = 85 c t j = 125 c t j = 25 c t j = 85 c t j = 125 c t j = -40 c 10e-6 100e-6 t j = 25 c t j = 85 c t j = 125 c 1.0e-3 10e-3 100e-3 , reverse current (amps) r 0 v r , reverse voltage (volts) 1.0e-6 i 10 20 30 10e-6 100e-6 t j = 25 c t j = 85 c 1.0e-3 10e-3 100e-3 , maximum reverse current (amps) r 1.2 1.2 40 40
mbra140t3 http://onsemi.com 4 ipk/io =  figure 5. current derating figure 6. forward power dissipation 20 100 0 t l , lead temperature ( c) 1.6 0.4 0 i o , average forward current (amps) 60 , average forward current (amps) o 120 140 0.8 1.2 i 0.2 1.0 0 0.6 0.5 0.4 0.2 0 0.6 , average power dissipation (watts) fo 1.2 1.6 0.1 0.3 p 40 80 0.4 0.8 1.4 ipk/io = 20 dc square wave ipk/io = 5 ipk/io = 10 ipk/io = 20 freq = 20 khz ipk/io = 10 ipk/io = 5 ipk/io =  square wave dc 0.6 0.2 1.0 1.4 1.0 0.9 0.8 0.7 figure 7. thermal response figure 8. capacitance 100e-6 10e-6 t, time (s) 1.0e+0 10e-3 1.0e-3 100e-6 5.0 30 0 v r , reverse voltage (volts) 1000 100 10 1.0 20 r (t) , transient thermal resistance (normalized) c, capacitance (pf) 100e-3 10e-3 10e+0 100e+0 1.0e+3 100e-3 15 10 25 35 1.0e+0 1.0e-3 40 t j = 25 c t, time (s)
mbra140t3 http://onsemi.com 5 package dimensions sma case 403d ? 02 issue d dim a min nom max min millimeters 1.92 2.17 2.27 0.076 inches a1 0.05 0.10 0.15 0.002 b 1.27 1.45 1.63 0.050 c 0.15 0.28 0.41 0.006 d 2.29 2.60 2.92 0.090 e 4.06 4.32 4.57 0.160 l 0.76 1.14 1.52 0.030 0.085 0.089 0.004 0.006 0.057 0.064 0.011 0.016 0.103 0.115 0.170 0.180 0.045 0.060 nom max 4.83 5.21 5.59 0.190 0.205 0.220 h e e bd l c a a1 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 403d ? 01 obsolete, new standard is 403d ? 02. polarity indicator optional as needed (see styles) h e 4.0 0.157 2.0 0.0787 2.0 0.0787  mm inches  scale 8:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?t ypicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license un der its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended f or surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in a ny manner. mbra140t3/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MBRA140T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X